![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STD2NB60 N - CHANNEL ENHANCEMENT MODE PowerMESHTM MOSFET TYPE STD2NB60 s s s s s V DSS 600 V R DS(on) < 3.6 ID 2.6 A TYPICAL RDS(on) = 3.3 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED 3 2 1 1 3 DESCRIPTION Using the latest high voltage MESH OVERLAYTM process, SGS-Thomson has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company's proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. APPLICATIONS s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE IPAK TO-251 (Suffix "-1") DPAK TO-252 (Suffix "T4") INTERNAL SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol V DS V DGR V GS ID ID IDM (*) P tot Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor dv/dt(1) T stg Tj March 1998 Peak Diode Recovery voltage slope Storage Temperature Max. Operating Junction Temperature o o Value 600 600 30 2.6 1.6 10.4 50 0.4 4.5 -65 to 150 150 (1) ISD 2.6A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX Unit V V V A A A W W/ o C V/ns o o C C 1/9 (*) Pulse width limited by safe operating area STD2NB60 THERMAL DATA R thj-case Rthj-amb R thc-sink Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose 2.5 100 1.5 275 C/W oC/W o C/W o C o AVALANCHE CHARACTERISTICS Symbol I AR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , VDD = 50 V) Max Value 2.6 80 Unit A mJ ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 600 1 50 100 Typ. Max. Unit V A A nA Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (V DS = 0) V GS = 30 V T c = 125 o C ON () Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance V DS = VGS V GS = 10V Test Conditions ID = 250 A I D =1.6 A 3.3 Min. 3 Typ. 4 3.3 Max. 5 3.6 Unit V A On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V DYNAMIC Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz I D = 1.6 A V GS = 0 Min. 1.2 Typ. 2 400 57 7 520 77 9 Max. Unit S pF pF pF 2/9 STD2NB60 ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON Symbol t d(on) tr Qg Q gs Q gd Parameter Turn-on Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 300 V I D = 1.6 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 480 V I D =3.3 A V GS = 10 V Min. Typ. 11 7 15 6.2 5.6 Max. 17 11 22 Unit ns ns nC nC nC SWITCHING OFF Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 480 V I D = 3.3 A R G = 4.7 V GS = 10 V (see test circuit, figure 5) Min. Typ. 11 13 18 Max. 16 18 25 Unit ns ns ns SOURCE DRAIN DIODE Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 3.3 A V GS = 0 500 2.1 8.5 I SD = 3.3 A di/dt = 100 A/s o V DD = 100 V T j = 150 C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 3.3 13.2 1.6 Unit A A V ns C A () Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area Safe Operating Area Thermal Impedance 3/9 STD2NB60 Output Characteristics Transfer Characteristics Transconductance Static Drain-source On Resistance Gate Charge vs Gate-source Voltage Capacitance Variations 4/9 STD2NB60 Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature Source-drain Diode Forward Characteristics 5/9 STD2NB60 Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform Fig. 3: Switching Times Test Circuits For Resistive Load Fig. 4: Gate Charge test Circuit Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times 6/9 STD2NB60 TO-251 (IPAK) MECHANICAL DATA DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033 H C A C2 L2 D B3 B6 A1 L = = 3 B5 B A3 = B2 = G = E L1 1 2 = 0068771-E 7/9 STD2NB60 TO-252 (DPAK) MECHANICAL DATA mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP. MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 inch TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397 DIM. H A C2 C DETAIL "A" A1 L2 D DETAIL "A" B = = 3 B2 = = G E 2 L4 1 = = A2 0068772-B 8/9 STD2NB60 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ... 9/9 |
Price & Availability of STD2NB60
![]() |