Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download SMV2020-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Hyperabrupt Varactor Diode Chips
SMV2019 to SMV2023 Features
I High Q for Low Loss Resonators I Low Leakage Current I High Tuning Ratio for Wideband VCOs I SPICE Model Parameters I Small Footprint Chip Design
Description
Alpha Industries' product line of silicon hyperabrupt junction varactor diode chips are processed using established ion-implantation technology resulting in low RS wide tuning ratio devices with high Q values. These planar chips have a small outline size (12 x 12 mils nominal) and are fully passivated resulting in low leakage current and high reliability. These varactor chips are intended for assembly in hybrid integrated circuit resonators used in VCOs and analog tuned filters.
Electrical Specifications at 25C
Part Number SMV2019-000 SMV2020-000 SMV2021-000 SMV2022-000 SMV2023-000 CJ @ 0 V (pF)1 Typ. 2.3 3.1 4.5 7.1 10.8 Min. 0.68 1.13 1.58 2.48 4.28 CJ @ 4 V (pF) Max. 0.88 1.43 1.98 3.08 5.28 CJ @ 20 V (pF) Min. 0.13 0.23 0.32 0.48 0.78 Max. 0.23 0.33 0.44 0.68 1.08 Q @ 4V 50 MHz2 Min. 500 500 500 400 400 1 GHz RS @ 4 V () Typ. 4.8 4.1 2.8 2.2 1.4 IR @17.6 V Contact (nA)3 Diam. (mils)4 Max. 50 50 50 50 50 Nom. 2.00 2.50 3.00 3.75 5.00
1. All capacitance values specified at 1 MHz. 2. 50 MHz Q calculated from 1 GHz RS and 1 MHz CJ.
3. VB at 10 A specified at 22 V Min. 4. Outline drawing 149-801.
Outline Drawing
149-801
ANODE METALIZED GOLD DOT 0.002 (0.051 mm) DIA. MIN. 0.010 (0.254 mm) MIN. 0.014 (0.356 mm) MAX. SQ.
Absolute Maximum Ratings
Characteristic Reverse Voltage (VR) Forward Current (IF) Power Dissipation at 25C (PD) Operating Temperature (TOP) Storage Temperature (TST)
SILICON
Value 22 V 100 mA 250 mW -55C to +150C -65C to +200C
0.004 (0.127 mm) MIN. 0.006 (0.152 mm) MAX.
CATHODE METALIZED BACK CONTACT - GOLD
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 8/01A
1
Silicon Hyperabrupt Varactor Diode Chips
SMV2109 to SMV2023
Typical Performance Data
12 11 10 9 8 7 6 5 4 3 2 1 0 0 6 SMV2019-000
Series Resistance ()
5 4 3 2 1 0
Capacitance (pF)
SMV2023-000 SMV2022-000 SMV2021-000 SMV2020-000 SMV2019-000
SMV2020-000 SMV2021-000 SMV2022-000 SMV2023-000
5
10
15
20
0
4
8
12
16
20
Reverse Voltage (V)
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
Series Resistance vs. Voltage @ 1 GHz
Typical Capacitance Values
VR (V) 0.0 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 SMV2019 SMV2020 CJ (pF) CJ (pF) 2.25 1.79 1.53 1.19 0.99 0.84 0.71 0.57 0.46 0.38 0.33 0.29 0.26 0.24 0.23 0.21 0.20 0.19 0.19 0.18 0.17 0.16 3.14 2.5 2.16 1.72 1.44 1.24 1.07 0.90 0.74 0.61 0.52 0.46 0.42 0.38 0.36 0.34 0.32 0.31 0.29 0.28 0.27 0.26 SMV2021 CJ (pF) 4.48 3.57 3.09 2.45 2.09 1.83 1.60 1.37 1.17 0.97 0.81 0.69 0.61 0.56 0.51 0.48 0.45 0.43 0.41 0.39 0.38 0.36 SMV2022 SMV2023 CJ (pF) CJ (pF) 7.08 5.66 4.88 3.89 3.19 2.71 2.30 1.87 1.52 1.25 1.07 0.94 0.85 0.78 0.73 0.69 0.65 0.62 0.59 0.57 0.55 0.54 10.76 8.76 7.67 6.31 5.38 4.75 4.21 3.66 3.17 2.68 2.25 1.89 1.66 1.49 1.35 1.24 1.16 1.10 1.04 0.99 0.95 0.91
SPICE Model
DIODEM Diode_Model IS = 1.00e-14 RS = RS N = 1, 2 TT = 0 CJO = CJO M=M VJ = V J EG = 1.11 XTI = 3 KF =0 AF =1 FC = 0.5 BV = 22 IBV = 1e-5 ISR = 0 NR = 2 IKF = 0 NBV = 1 IBVL = 0 NBVL = 1 TBV1 = 0 TNOM = 27 FFE = 1
PORT P_anode port = 1 RES RS R = RS DIODE Varactor_Diode AREA = 1 MODEL = Diode_Model MODE = nonlinear
PORT P_Cathode port = 2
CV =
CJ0 1+ VR VJ
VJ (V) 3.5 3.6 3.9 4.0 4.6
M
+ CP
Part Number SMV2019 SMV2020 SMV2021 SMV2022 SMV2023
CJO (pF) 2.3 3.3 4.5 7.1 10.8
M 1.40 1.30 1.34 1.40 1.45
RS () 4.8 4.1 2.8 2.2 1.4
SPICE model parameters extracted from measured characteristics may not reflect exact physical or electronic properties. See application note APN1004.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 8/01A


▲Up To Search▲   

 
Price & Availability of SMV2020-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X