Part Number Hot Search : 
FOR3G 3362X503 NTE383 24WC128J CY621 A1203 1H221 UF1002
Product Description
Full Text Search
 

To Download SMS3925-079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
Low Capacitance High Voltage Schottky Diode
SMS3925-079 Features
I Silicon Schottky Diode for Detector Applications I Ultra Small SC-79 Package I Designed for High Volume, Low Cost Applications I Available in Tape and Reel Packaging
Description
The SMS3925-079 is a 40 V, 0.6 pF RF Schottky diode designed for use as a level detector in wireless handsets and for general purpose switching applications. The SMS3925-079 is packaged in the surface mount miniature SC-79 package and is designated for low cost, high volume applications.
Absolute Maximum Ratings
Characteristic Reverse Voltage (VR) Forward Current - 1 mS Pulse (IF) Forward Current - Steady State (IF) Power Dissipation (PD) Storage Temperature (TST) Operating Temperature (TOP) Junction Temperature (TJ) Electrostatic Discharge (ESD) Human Body Model (HBM) Value 40 V 1A 50 mA 250 mW -65C to +150C -65C to +150C 150C Class 1B
Electrical Specifications at 25C
Parameter Reverse Current (IR) Capacitance (CT)1 Forward Voltage (VF) Condition VR = 40 V VR = 0 V, F = 1 MHz IF = 1 mA 0.57 0.48 0.62 Min. Typ. Max. 10 0.6 0.67 Unit uA pF V
1. Capacitance is total capacitance (CT), junction capacitance (CJ) + package capacitance (CP).
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 8/99A
1
Low Capacitance High Voltage Schottky Diode
SMS3925-079
Typical Performance Data
0.6 0.5
SPICE Model Parameters
Parameter IS Units A S pF eV V A V SMS3925 1.8E-09 5.4 1.7 8E-11 0.36 0.24 0.69 2 0.5 58 1.00E-05 0.800
Capacitance (pF)
RS N TT
0.4 0.3 0.2 0.1 0 0 5 10 15
CJ0 M EG XTI FC BV IBV VJ
Reverse Voltage (V)
Total Capacitance vs. Reverse Voltage
SC-79
CATHODE 0.006 (0.15 mm) MIN. INDICATOR 0.010 (0.25 mm) MIN. 0.014 (0.35 mm) MAX.
1 2
0.028 (0.70 mm) MIN. 0.035 (0.90 mm) MAX.
0.060 (1.50 mm) MIN. 0.067 (1.70 mm) MAX. 0.043 (1.10 mm) MIN. 0.051 (1.30 mm) MAX. 0.020 (0.50 mm) MIN. 0.028 (0.70 mm) MAX. 10 MAX.
10 MAX. 0.003 (0.07 mm) MIN. 0.008 (0.20 mm) MAX.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 8/99A


▲Up To Search▲   

 
Price & Availability of SMS3925-079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X