![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SLA5058 Absolute maximum ratings Symbol VDSS VGSS ID ID (pulse) EAS* PT Ratings 150 +20, -10 7A 15 (PV1ms, duty1%) 100 5 (Ta=25C, with all circuits operating, without heatsink) 35 (Tc=25C, with all circuits operating, with infinite heatsink) 25 (Junction-Air, Ta=25C, with all circuits operating) 3.57 (Junction-Case, Tc=25C, with all circuits operating) 1000 (Between fin and lead pin, AC) 150 -40 to +150 N-channel General purpose (Ta=25C) External dimensions A *** SLA Electrical characteristics Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss Crss td(on) tr td(off) tf VSD trr min 150 Specification typ max 100 100 2.0 9 150 170 870 320 210 25 55 80 50 1.0 500 200 230 Unit V nA A V S m m pF pF pF ns ns ns ns V ns Conditions ID=100A, VGS=0V VGS=20V VDS=150V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=3.5A VGS=10V, ID=3.5A VGS=4V, ID=3.5A VDS=10V f=1.0MHz VGS=0V ID=3.5A VDD 70V RL=20 VGS=5V ISD=7A, VGS=0V IF=100mA Unit V V A mJ W W C/W C/W Vrms C C 1.0 4 j-a j-c VISO Tch Tstg * : VDD=25V, L=3.4mH, ID=7A, unclamped, RG=50 1.5 sEquivalent circuit diagram 3 5 7 9 11 2 4 6 8 10 1 12 Characteristic curves ID-VDS Characteristics (Typical) 7 10V 4V ID-VGS Characteristics (Typical) 7 6 RDS(ON)-ID Characteristics (Typical) 200 4V (VDS=10V) 6 5 VGS=10V 2.8V 5 4 3 2 150 4 3 2.6V RDS (ON) (m) 0 1 Tc= 125 C 25 C -40C ID (A) ID (A) 100 2 1 2.4V 50 1 VGS=2.2V 0 0 0 2 4 6 8 10 2 3 4 VGS (V) 0 0 1 2 3 4 5 6 7 VDS (V) ID (A) Re (yfs)-ID Characteristics (Typical) 20 RDS-TC Characteristics (Typical) 500 Capacitance-VDS Characteristics (Typical) 5000 (VDS=10V) (ID=3.5A) VGS=0V f=1MHz 10 Re (yfs) (S) 5 (m) =- TC 12 5 C Capacitance (pF) 40 C 400 1000 Ciss 300 4V (ON) 25C V = GS 10 V 500 RDS 1 200 100 0.5 0.3 0.05 100 50 40 Coss Crss 0.1 0.5 1 5 7 0 -40 0 50 100 150 0 10 20 30 40 50 ID (A) TC (C) VDS (V) IDR-VSD Characteristics (Typical) 7 6 5 20 10 Safe Operating Area (SOA) 40 10 ID (pulse) MAX PT-Ta Characteristics 0 s 1m 10 m s( 1s 35 30 s With Silicone Grease Natural Cooling All Circuits Operating 5 RDS (on) LIMITED ho t) ID (A) PT (W) 25 20 15 W ith IDR (A) 4 V 10 4V In fin 0.5 ite H t ea 3 2 1 si nk VGS=0V 0.1 0.05 TC=25C 1-circuit operation 10 Without Heatsink 5 0.01 0.5 0 0 0.5 1.0 1.5 0 1 5 10 50 100 200 0 50 100 150 VSD (V) VDS (V) Ta (C) |
Price & Availability of SLA5058
![]() |