Part Number Hot Search : 
MP100 FMS2028 3NV04D 25P10 EM91415 MM74C905 ME3220 SB1660
Product Description
Full Text Search
 

To Download SK10E151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK10/100E151
6-Bit D Register
HIGH-PER.ORMANCE PRODUCTS Description
The SK10/100E151 offers 6 edge-triggered, high-speed, master-slave D-type flip-flops with differential outputs, designed for use in new high-performance ECL systems. This device is fully compatible with MC10E151 and MC100E151. The two external clock signals (CLK1, CLK2) are gated through a logical OR operation before use as clocking control for the flip-flops. Data is clocked into the flip-flops on the rising edge of either CLK1 or CLK2 (or both). When both CLK1 and CLK2 are at a logic LOW, data enters the master and is transferred to the slave when either CLK or CLK2 (or both) go HIGH. The MR (Master Reset) signal operates asynchronously to make all Q outputs go to a logic LOW.
.eatures
* * * * * * * * * * 1100 MHz Toggle Frequency Extended 100E VEE Range of -4.2V to -5.46V Differential Outputs Asynchronous Master Reset Dual Clocks Internal 75K Input Pull-Down Resistors ESD Protection of >4000V Fully Compatible with MC10E/100E151 Specified Over Industrial Temperature Range: -40oC to +85oC Available in 28-Pin PLCC Package
PIN Description .unctional Block Diagram
Pin D0D5 CLK1, CLK2
D0 D R Q0 Q0*
.unction Data Inputs Clock Inputs Master Reset True Outputs Inver ting Outputs VCC to Output
MR Q0Q5
D1
D R
Q1 Q1*
Q0*Q5* VCC0
D2
D R
Q2 Q2*
VCC0
CLK2
CLK1
D3
D R
Q3
MR
Q5* 20
NC
Q3*
25 24 23 22 21 19
D4
D R
Q4 Q4*
D5 D4 D3
26 27 28 1 2 3 4
10 11 5 6 7 8 9
Q5
18 17 16
Q4* Q4 VCC Q3* Q3 Q2* Q2
D5
D R
Q5 Q5*
VEE D2 D1 D0
PLCC TOP VIEW
15 14 13 12
CLK1 CLK2 MR
Q0
NC
Q0*
Q1
VCC0
Q1*
VCC0
Revision 1/.ebruary 13, 2001
1
www.semtech.com
SK10/100E151
HIGH-PER.ORMANCE PRODUCTS PIN Description (continued)
Truth Tables
Inputs Dn X CLK1 X CLK2 X MR H Output Qn(t+1) L
Inputs Dn L H L CLK1 u u L L H u L CLK2 L L u u u H L MR L L L L L L L
Output Qn(t+1) L H L H Qn(t) Qn(t) Qn(t)
Asynchronous Operation NOTES: 1. 2. 3. 4. 5. 6. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care t = Time Before Positive CLK Transition t+1 = Time After Positive CLK Transition u = LOW-to-HIGH Transition
H X X X
Synchronous Operation
Revision 1/.ebruary 13, 2001
2
www.semtech.com
SK10/100E151
HIGH-PER.ORMANCE PRODUCTS Package Information
28-Pin PLCC Package
Y BRK -N-
A Z
D
0.007 (0.180) M T L - M 0.007 (0.180)
M
S S
NS NS
R
T L-M
PIN Descriptions
-L-
-M-
C
+ +
E G J G1 0.004 (0.100) -T- SEATING PLANE VIEW S
W
D
0.010 (0.250) S T L - M S N S
V 28 1
H
B 0.007 (0.180) U
M
0.007(0.180) M T L - M S N S
T
L-M
M
S
N
S
0.007 (0.180) +
T
L-M
S
N
S
Z
K1
K
+ X G1 0.010 (0.250) S T L-M
S
N
S
F
0.007 (0.180) M T L - M
S
N
S
NOTES: 1. Datums -L-, -M-, and -N - determined where top of lead shoulder exits plastic body at mold parting line. 2. DIM G1, true position to be measured at Datum -T-, Seating Plane. 3. DIM R and U do not include mold flash. Allowable mold flash is 0.010 (0.250) per side. 4. Dimensioning and tolerancing per ANSI Y14.5M, 1982. 5. Controlling Dimension: Inch. 6. The package top may be smaller than the package bottom by up to 0.012 (0.300). Dimensions R and U are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. Dimension H does not include Dambar protrusion or intrusion. The Dambar protrusion(s) shall not cause the H dimension to be greater than 0.037 (0.940). The Dambar intrusion(s) shall not cause the H dimension to be smaller than 0.025 (0.635).
INCHES
DIM A B C E . G H J K R U V W X Y Z G1 K1 MIN 0.485 0.485 0.165 0.090 0.013 MAX 0.495 0.495 0.180 0.110 0.019
MILLIMETERS
MIN 12.32 12.32 4.20 2.29 0.33 MAX 12.57 12.57 4.57 2.79 0.48
0.050 BSC 0.026 0.020 0.025 0.450 0.450 0.042 0.042 0.042 -2o 0.410 0.040 0.032 --0.456 0.456 0.048 0.048 0.056 0.020 10o 0.430 --
1.27 BSC 0.66 0.51 0.64 11.43 11.43 1.07 1.07 1.07 -2o 10.42 1.02 0.81 --11.58 11.58 1.21 1.21 1.42 0.50 10o 10.92 --
Revision 1/.ebruary 13, 2001
3
www.semtech.com
SK10/100E151
HIGH-PER.ORMANCE PRODUCTS DC Characteristics
SK10/100E151 DC Electrical Characteristics (Notes 1, 2)
(VCC - VEE = 4.2V to 5.46V; VOUT loaded 50 to VCC- 2.0V)
TA = -40oC
Symbol IIH I EE V CC V EE Ch a r a c t e r i s t i c I n p u t Hi g h Cu r r e n t Power Supply Cur rent 10EL 100EL Power Supply Voltage 44 43 4. 2 Min Typ Max 150 78 78 5. 46 44 43 4. 2 Min
TA = 0oC
Typ Max 150 78 78 5. 46 44 43 4. 2 Min
TA = +25oC
Typ Max 150 78 78 5. 46 44 43 4. 2 Min
TA = +85oC
Typ Max 150 78 85 5. 46 Un i t A mA mA V
AC Characteristics
SK10/100E151 AC Electrical Characteristics
(VCC - VEE = 4.2V to 5.46V ; VOUT loaded 50 to VCC - 2.0V)
TA = -40oC TA = 0oC TA = +25oC TA = +85oC
Symbol fMAX tPLH tPHL tS tH tRR tPW tskew tr , tf
Characteristic Maximum Toggle .requency Propagation Delay to Output CLK MR Setup Time, D Hold Time, D Reset Recover y Time Minimum Pulse Width CLK, MR Within-Device Skew Output Rise/.all Times (20% to 80%)
Min 1100 436 479 0 350 750 400
Typ 1400
Max
Min 1100
Typ 1400
Max
Min 1100
Typ 1400
Max
Min 1100
Typ 1400
Max
Unit MHz
534 586 175 175 550
471 512 0 350 750 400 175 175 550
575 623
494 534 0 350 750 400 175 175 550
602 649
553 591 0 350 175 175
670 715
ps ps ps ps ps ps
750
550 400
65 187 561 193
65 531 197
65 494 209
65 417
ps ps
Notes: 1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. Outputs are terminated through a 50 resistor to VCC -2.0V. 2. 100K circuits are designed to meet the DC specification shown in the table where transverse airflow greater than 500 lfpm is maintained. 3. For standard ECL DC specifications, refer to the ECL Logic Family Standard DC Specification Data Sheet. 4. For part ordering description, see HPP Part Ordering Information Data Sheet.
Revision 1/.ebruary 13, 2001 4 www.semtech.com
SK10/100E151
HIGH-PER.ORMANCE PRODUCTS Ordering Information
Ordering Code SK10E151PJ SK10E151PJT SK100E151PJ SK100E151PJT Package ID 28-PLCC 28-PLCC 28-PLCC 28-PLCC Temperature Range Industrial Industrial Industrial Industrial
Contact Information
Division Headquarters 10021 Willow Creek Road San Diego, CA 92131 Phone: (858) 695-1808 FAX: (858) 695-2633
Semtech Corporation High-Performance Products Division
Marketing Group 1111 Comstock Street Santa Clara, CA 95054 Phone: (408) 566-8776 FAX: (408) 727-8994
Revision 1/.ebruary 13, 2001
5
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SK10E151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X