Part Number Hot Search : 
2SB493 10SC10M PC20056 T6232BB6 CM2129 PCF8578U LA5613 1M810S
Product Description
Full Text Search
 

To Download SK10E142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK10/100E142
9-Bit Shift Register
HIGH-PER.ORMANCE PRODUCTS Description
The SK10E/100E142 is a 9-bit shift register, designed with byte-parity applications in mind. The E142 performs serial/parallel in and serial/parallel out, shifting in one direction. The nine inputs D0 - D8 accept parallel input data, while S-IN accepts serial input data. The Qn outputs do not need to be terminated for the shift operation to function. To minimize noise and power, any Q output not used should be left unterminated. The SEL (Select) input pin is used to switch between the two modes of operation - SHIFT and LOAD. The shift direction is from bit 0 to bit 8. Input data is accepted by the registers at set-up time before the posiitive going edge of CLK1 or CLK2. Shifting is also accomplished on the positive clock edge. A HIGH on the Master Reset pin (MR) asynchronously resets all the registers to zero.
.eatures
* * * * * * * * * * 700 MHz Minimum Shift Frequency 9-Bit for Byte-Parity Applications Asynchronous Master Reset Dual Clocks Extended 100E VEE Range of -4.2 to -5.5V 75K Internal Input Pulldown Resistors Fully Compatible with MC10E142 and MC100E142 Specified over Industrial Temperature Range: -40oC to 85oC ESD Protection of >4000V Available in 28-pin PLCC Package
PIN Description
Pin Names
Pin .unction Parallel Data Inputs Serial Data Input Mode Select Input Clock Inputs Master Reset Data Outputs
.unctional Block Diagram
S-IN 1 D0 0 D Q Q0
D0 - D8 S-IN SEL CLK1, CLK2 MR Q0 - Q8
1 D1 0
D
Q
Q1
Pinout
VCC0
20
SEL
1 D2 0
D
Q
Q2
25 MR CLK1 CLK2 VEE S-IN D0 D1 26 27 28
24
23
22
21
Q8
19 18 17 16 Q7 Q6 VCC Q5 VCC0 Q4 Q3 15 14 13 12 11
D8
D7
D6
8
1 D3 0
D
Q
Q3
28 Lead PLCC
1 (Top View) 2 3 4 5 6 7 9 10
VCC0
1 D8 0
D2
D3
D4
Q0
Q1
SEL CLK1 CLK2 MR
.unctions
SEL L H Mode Load Shift
Q2
D
Q
Q8
D5
Revision 1/.ebruary 14, 2001
1
www.semtech.com
SK10/100E142
HIGH-PER.ORMANCE PRODUCTS Package Information
Y BRK -N-
A Z
D
0.007 (0.180) M T L - M 0.007 (0.180)
M
S S
NS NS
R
T L-M
PIN Descriptions
-L-
-M-
C
+ +
E G 0.004 (0.100) -T- SEATING PLANE VIEW S
W
D
J G1 0.010 (0.250) S T L - M S N S
V 28 1
B
0.007 (0.180) U
M
T
L-M
M
S
N
S
H
N
S
0.007(0.180) M T L - M S N S
0.007 (0.180) +
T
L-M
S
Z
K1
K
+ X G1 0.010 (0.250) S T L-M
S
F
N
S
0.007 (0.180) M T L - M
S
N
S
View S
NOTES: 1. Datums -L-, -M-, and -N- determined where top of lead shoulder exits plastic body at mold parting line. 2. DIM G1, true position to be measured at Datum -T-, Seating Plane. 3. DIM R and U do not include mold flash. Allowable mold flash is 0.010 (0.250) per side. 4. Dimensioning and tolerancing per ANSI Y14.5M, 1982. 5. Controlling Dimension: Inch. 6. The package top may be smaller than the package bottom by up to 0.012 (0.300). Dimensions R and U are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. Dimension H does not include Dambar protrusion or intrusion. The Dambar protrusion(s) shall not cause the H dimension to be greater than 0.037 (0.940). The Dambar intrusion(s) shall not cause the H dimension to be smaller than 0.025 (0.635).
INCHES
DIM A B C E . G H J K R U V W X Y Z G1 K1 MIN 0.485 0.485 0.165 0.090 0.013 MAX 0.495 0.495 0.180 0.110 0.019
MILLIMETERS
MIN 12.32 12.32 4.20 2.29 0.33 MAX 12.57 12.57 4.57 2.79 0.48
0.050 BSC 0.026 0.020 0.025 0.450 0.450 0.042 0.042 0.042 -2o 0.410 0.040 0.032 --0.456 0.456 0.048 0.048 0.056 0.020 10o 0.430 --
1.27 BSC 0.66 0.51 0.64 11.43 11.43 1.07 1.07 1.07 -2o 10.42 1.02 0.81 --11.58 11.58 1.21 1.21 1.42 0.50 10o 10.92 --
Revision 1/.ebruary 14, 2001
2
www.semtech.com
SK10/100E142
HIGH-PER.ORMANCE PRODUCTS DC Characteristics
SK10/100E142 DC Electrical Characteristics (Notes 1, 2)
VCC - VEE = 4.2V to 5.5V; VOUT Loaded 50 to VCC - 2.0V)
TA = -40oC
TA = 0oC
TA = +25oC
TA = +85oC
Symbol IIH IEE
Characteristic Input HIGH Current Power Supply Current 10E 100E
Min
Max 150
Min
Max 150
Min
Max 150
Min
Max 150
Unit A mA mA
67 69
108 112
70 74
112 120
71 78
114 125
74 86
119 138
AC Characteristics
SK10/100E142 AC Electrical Characteristics
VCC - VEE = 4.2V to 5.5V; VOUT Loaded 50 to VCC - 2.0V)
TA = -40oC
S y mb o l f SHI . T Ch a r a c t e r i s t i c Max. Shi f t .requency Propagati on Del ay to Out put CLK MR S e t u p T i me D SEL H o l d T i me D SEL R e s e t R e c ov e r y T i m e Mi n i mu m P u l s e Wi d t h C L K , MR W i t h i n D e v i c e S ke w 3 Ri se/.al l Ti mes ( 20% - 80%) 255 Mi n 700 Typ 900 Ma x Mi n 700
TA = 0oC
Typ 900 Ma x
TA = +25oC
Mi n 700 Typ 900 Ma x
TA = +85oC
Mi n 700 Typ 900 Ma x Un i t MH z
t PLH t PHL ts
788 831 50 300 300 75 900 400 50
1053 989
795 836 50 300 300 75 900 400 50
1043 994
800 840 50 300 300 75 900 400 50
1037 987
813 851 50 300 300 75 900 400 50
1023 976
ps ps ps
tH t RR t PW t SKEW tr tf
ps ps ps ps 428 ps
574
266
566
270
525
282
Revision 1/.ebruary 14, 2001
3
www.semtech.com
SK10/100E142
HIGH-PER.ORMANCE PRODUCTS AC Characteristics (continued)
Notes: 1. 10E circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. Outputs are terminated through a 50 resistor to VCC-2.0V. 2. 100K circuits are designed to meet the DC specification shown in the table where transverse airflow greater than 500 lfpm is maintained. 3. Within device skew is defined as identical transitions on similar paths through a device. 4. For standard ECL DC specifications, refer to the ECL Logic Family Standard DC Specifications Data Sheet. 5. For part oredering description, see HPP Part Ordering Information Data Sheet.
Ordering Information
Ordering Code SK10E142PJ SK10E142PJT SK100E142PJ SK100E142PJT Package ID 28-PLCC 28-PLCC 28-PLCC 28-PLCC Temperature Range Industrial Industrial Industrial Industrial
Contact Information
Division Headquarters 10021 Willow Creek Road San Diego, CA 92131 Phone: (858) 695-1808 FAX: (858) 695-2633
Semtech Corporation High-Performance Products Division
Marketing Group 1111 Comstock Street Santa Clara, CA 95054 Phone: (408) 566-8776 FAX: (408) 727-8994
Revision 1/.ebruary 14, 2001
4
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SK10E142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X