Part Number Hot Search : 
APC77151 70PFT CM1619 36030 HC147 2SD114 ZMC5235 MSDW1000
Product Description
Full Text Search
 

To Download RF2721 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
RF2721
QUADRATURE DEMODULATOR
2
Typical Applications
* UHF Digital and Analog Receivers * Digital Communication Systems
* Commercial and Consumer Systems * Portable Battery-Powered Equipment
* Spread-Spectrum Communication Systems * General Purpose Frequency Conversion
Product Description
The RF2721 is a monolithic integrated quadrature demodulator intended for use in digital mobile radio receivers. In this application it is used to recover the inphase and quadrature baseband signals from the amplified and filtered IF. The RF2721 is intended for IF systems where the IF frequency ranges from 100kHz to 500MHz, and the LO frequency is two times the IF. The IC contains all of the required components to implement the demodulation function of the receiver and contains a digital divider type 90 phase shifter, two double-balanced mixers, and baseband amplifiers designed to interface with analog to digital converters. The output DC offset may be slaved to the reference of the ADCs to maintain DC accuracy. Optimum Technology Matching(R) Applied
0.156 0.148
.018 .014
0.010 0.004
0.347 0.339 0.050
0.252 0.236
7
0.059 0.057
8 MAX 0 MIN
0.0500 0.0164
0.010 0.007
Package Style: SOIC-14
uSi Bi-CMOS
IF1+ 1 GND 2 OSCB 3 OSCE 4 GND 5
Si BJT
GaAs HBT SiGe HBT
GaAs MESFET Si CMOS
Features
* 5V Power Supply * On-Chip Active Device for Oscillator
14 IF IN13 VCC 12 PD 11 GND 10 I OUT 5 k 9 REF IN 5 k 8 Q OUT
* ADC Compatible Outputs * Low LO Power Requirement * Digitally Controlled Power Down Mode * 100kHz to 500MHz IF Operation
POWER CONTROL
LO2- 6 LO2+ 7
QUAD DIV. BY 2
Ordering Information
RF2721 RF2721 PCBA Quadrature Demodulator Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A2 010509
2-27
QUADRATURE DEMODULATORS
RF2721
Absolute Maximum Ratings Parameter
Supply Voltage Power Down Voltage (VPD) IF Input Level LO Input Power Operating Ambient Temperature Storage Temperature
Preliminary
Rating
-0.5 to +7.0 -0.5 to VCC 2.0 +10 -40 to +85 -40 to +150
Unit
VDC VDC VPP dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall
IF Frequency Range Baseband Frequency Range Input Impedance Output Impedance Maximum Output Gain I/Q Amplitude Balance I/Q Phase Accuracy Reference Voltage
Specification Min. Typ. Max.
0.1 to 500 DC to >10 DC to 1 3 5000 >1.25 14 0.1 1 1.5 to 3.5
Unit
MHz MHz MHz k VPP dB dB V
Condition
T=25C, VCC =5.0V Load Impedance >5k, CSHUNT <1pF Load Impedance >5k, CSHUNT <10pF At 70MHz, each input With 250mV input Small-signal, 100mV input
7
QUADRATURE DEMODULATORS
13
0.5 5
DC Offset
3 3
20 20
mV mV
The reference voltage input should provide a low impedance at the I/Q frequency. The voltage sets the DC level seen on the I and Q ports. I to Q I or Q to REF IN Use provided transistor or external LO. Twice (2x) the IF frequency.
LO
Oscillator Frequency Level Input Impedance
0.1-1 400-j1200 <100 >50 2.5 0.8 5 4.5 to 5.5 4.5 300
VPP ns k V V V V mA A
At 140MHz
Power Down
Turn On/Off Time Input Resistance VIH VIL
VCC
0
Threshold voltage; Part is "ON". Threshold voltage; Part is "OFF". Specifications Operating limits Operating Power Down
Power Supply
Voltage Current
7.2 500
2-28
Rev A2 010509
Preliminary
Pin 1 Function IF IN+ Description
Balanced IF input. An input level of 400mVPP gives full output swing; a level of maximum 250mVPP is recommended for linear operation. This pin has no internal DC block, and an external capacitor of 100nF is needed if connected to a DC path.
RF2721
Interface Schematic
IF IN+ 1500 350 350
IF IN1500
2 3
GND OSC B
Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. Base of the LO transistor. This pin is not connected to anything else. This transistor can be used for an oscillator. The collector of the transistor is connected to VCC.
VCC
OSC B OSC E
4 5 6
OSC E GND LO2-
Emitter of the LO transistor. This pin is not connected to anything else. Same as pin 2. Balanced input for the doubled LO. An internal divide-by-2 network generates the actual LO for the mixers. The divided signal is not accessible. When the LO is driven single ended this pin should be connected to a 100nF capacitor to ground. This pin has an internal pull-up resistor to VCC and an external DC blocking capacitor of 100nF is recommended.
See pin 3.
200 LO2+ 200 LO2-
7
QUADRATURE DEMODULATORS
7
LO2+
8
Q OUT
Balanced input for the doubled LO. The input frequency should be See pin 6. twice (2x) the IF frequency. An internal divide-by-2 network generates the actual LO for the mixers. This pin has an internal pull-up resistor to VCC, and an external DC blocking capacitor of 100nF is recommended. LO frequencies below 100kHz are acceptable, providing that the LO signal is square wave. Above 100kHz a sine wave signal is acceptable. The quadrature accuracy of the LO/2 frequency into the mixers is affected by the duty cycle of the LO input signal. Square wave signals with other than 50% duty cycle will degrade the quadrature accuracy of the LO signal, thereby adversely affecting the I and Q quadrature accuracy. Since the LO input is AC coupled, asymmetric sine waves and sine waves clipped on either the top or bottom half will not have 50% duty cycles relative to the internal DC reference point. For this reason, distorted LO sine wave signals will degrade performance in a fashion similar to non-50% duty cycle square waves. A sine wave input with even harmonics less than -15dBc is recommended. The internal limiting buffer amplifier ensures the amplitude stability of the demodulator. Demodulated baseband Q output. The reference DC level of this pin is set by the voltage of pin 9 (REF IN), which is connected to this pin through a 5k resistor to the collectors of this push-pull output. This results in an output impedance of 5k if the REF IN pin is connected to a low impedance source. The capacitance of the load determines the maximum baseband frequency. A very low capacitive load may stretch the 3dB bandwidth over 10MHz. Another way to increase bandwidth is by connecting a shunt resistor. This will trade-off gain for bandwidth. Reference voltage input for the baseband outputs. This pin can be con- See pin 8. nected to the reference voltage source of the Analog to Digital Converter. It is connected to the I and Q outputs through 5k resistors. This pin should have an external decoupling capacitor large enough to decouple the lowest baseband frequency.
5 k REF IN I/Q OUT
9
REF IN
Rev A2 010509
2-29
RF2721
Pin 10 Function I OUT Description
Demodulated baseband I output. The reference DC level of this pin is set by the voltage of pin 9 (REF IN), which is connected to this pin through a 5k resistor to the collectors of this push-pull output. This results in an output impedance of 5k if the REF IN pin is connected to a low impedance source. The capacitance of the load determines the maximum baseband frequency. A very low capacitive load may stretch the 3dB bandwidth over 10MHz. Another way to increase bandwidth is by connecting a shunt resistor. This will trade gain for bandwidth. Same as pin 2. Power down control. When this pin is "low", all circuits are shut off. A "low" is typically 0.8V or less at room temperature. When this pin is "high", all circuits are operating normally.
Preliminary
Interface Schematic
See pin 8.
11 12
GND PD
VCC
PD
13 14
VCC IF IN-
7
QUADRATURE DEMODULATORS
Power supply pin. An external 100nF bypass capacitor is recommended if no other bypass capacitor is nearby. Balanced IF input. An input level of 400mVPP gives full output swing; a level of maximum 250mVPP is recommended for linear operation. This pin has no internal DC block and an external capacitor of 100nF is needed if connected to a DC path. If the IF is driven by a single-ended source, connect this pin to an 100nF capacitor to ground.
See pin 1.
2-30
Rev A2 010509
Preliminary
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C4 100 nF 1 R1 51 2 3 4 C2 100 nF R2 51 C3 100 nF
2721400-
RF2721
J1 IF1
50 strip
C1 100 nF 14 13 12 11 10 5 k 6 7 QUAD DIV. BY 2 9 5 k 8
C5 100 nF VCC P1-1
P1 1 2 VCC GND PD
POWER CONTROL
PD C6 100 nF J3 I OUT
P1-3
3 CON3 P2
P2-1
1 2 3
REF IN GND NC
5
J2 LO IN
REF IN C7 100 nF J4 Q OUT
CON3
7
QUADRATURE DEMODULATORS
Rev A2 010509
2-31
RF2721
Evaluation Board Layout Board Thickness 1.5" x 1.5"
Board Thickness 0.031", Board Material FR-4
Preliminary
7
QUADRATURE DEMODULATORS
2-32
Rev A2 010509


▲Up To Search▲   

 
Price & Availability of RF2721

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X