Part Number Hot Search : 
14D151 AD9752 GL8U100 B3762 C1104 100CT BUL382D 74VHC14T
Product Description
Full Text Search
 

To Download PM6341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM6341
Summary Information
E1 TRANSCEIVER FEATURES
* Monolithic single chip device which integrates a full-featured E1 framer with on-chip analog line interface. * Provides frame synchronization and frame generation for a G.704/G.706 2.048 Mbit/s signal with capability to support the optional signalling and CRC multiframes. * Supports HDB3 or AMI line coding and accepts gapped data streams to support higher rate demultiplexing. * Supports both 75 Ohm and 120 Ohm G.703 line interfaces. * Provides Channel Associated Signalling extraction/insertion, programmable idle code substitution, digital milliwatt code substitution, data inversion and up to 3 multiframes of signalling debounce on a per channel basis. * Optionally extracts/inserts the datalink from/to timeslot 16 to receive/transmit Common Channel Signalling. * Pin compatible with the PM4341A T1XC T1 Transceiver. * Software compatible with the PM6344 EQUAD E1 Framer, and PM6388 EOCTL E1 Framer. * Provides an 8-bit microprocessor bus interface for configuration, control and status monitoring. * Low-power 5V CMOS technology. * Available in a high density 80-pin (14 by 14mm) PQFP or in a 68-pin PLCC package.
A(7-0) R DB WRB C SB ALE INTB R STB
M P IF MIC ROPRO CESSOR INTERFAC E
E1XC
RECEIVE SECTION
* Provides indications of loss of signal, loss of frame alignment (OOF), loss of signalling multiframe alignment and loss of CRC multiframe alignment. * Declares red and AIS alarms using Q.516 recommended integration periods * Supports line and path performance monitoring according to ITU-T recommendations. Accumulators are provided for CRC-4 errors, Far End Block Errors, Frame sync errors, and Line Code Violations. * Provides an integral HDLC/LAPD interface which may be used for terminating a CCS or National Bits datalink. * Provides a two frame elastic store for jitter and wander attenuation.
* Provides programmable trunk conditioning on a per channel basis.
TRANSMIT SECTION
* Supports transmission of AIS, timeslot 16 AIS, remote alarm signal or remote multiframe alarm signal. * Provides an integral HDLC/LAPD interface which may be used for generating a CCS or National Bits datalink. * Provides an integrated digital phase locked loop for generation of a low jitter transmit clock. * Provides a FIFO buffer for jitter attenuation and rate conversion. * Provides programmable trunk conditioning which forces trouble code substitution and signalling conditioning on a per channel basis.
BLOCK DIAGRAM
TCLKI
B TIF BAC KPLANE TRANSMIT INTERFAC E TRA N TRANSMITTER: FRAME GENERATION, ALARM IN SER TIO N, TRU NK CON D ITION ING LIN E C OD IN G TOPS TIM ING OPTIO NS
TR A N S M ITT E R
XPLS ANALO G PULSE GEN ER ATOR
BTPCM /BTDP BTSIG/BTD N BTFP BTC LK
TAP
D JA T
D IGITAL JITTER ATTEN UATOR
TAN
PCSC
XBOC
INTERN AL BUS
PER -C H AN C ON TR : SIG NAL, IDLE C ON T
BITOR IEN TED C OD E TRANS
X FD L H DLC TRANSMITTER
TC
D TIF D IGITAL TRANSMIT INTERFAC E
TCLKO TDP/TD D TDN /TFLG TDLCLK/ TDLUD R TDLSIG/ TDLINT
APPLICATIONS
* E1 & E3 Multiplexers * Digital Loop Carriers * E1 Frame Relay Interfaces
D (7-0) BRC LK
* E1 ATM UNI Interfaces * E1 Channel Service Units (CSUs) and Data Service Units (DSUs) * Digital Access and Cross-Connect Systems (DACS) and Electronic Digital Cross-Connect Systems (EDSX) * SDH Add/Drop Multiplexers (ADM) * ISDN Primary Rate Interfaces (PRI) * Digital Private Branch Exchanges (PBX) * E1 & E3 Test Equipment
PMC-920109(R6)
BRFPI XCLK/VCLK R AS R EF R RC
R SLC PMON
R E C E IV E R
S IG X SIG NALLIN G EXTRACT, TRU NK C ON DITION
ANALO G PULSE SLIC ER
PER F MONITOR C OU NTER S
E LS T ELASTIC STO RE
BRPCM /BR DP
B R IF
BRSIG/BR DN BRFPO
R CLKI R DP/R DD / SDP R DN /RLCV/ SDN
D R IF D IGITAL R EC EIVE INTERFAC E
C DR C
C LOCK AN D D ATA R EC OVER Y
FRM R FR AMER: FRAME ALIG NM EN T, ALARM D ETEC TION R B OC BIT OR IEN TED C OD E D ETEC TOR
BAC KPLANE R EC EIVE INTERFAC E
R DPCM/RPCM R CLKO R FP
R FD L H DLC R EC EIVER
R DLSIG/ R DLINT R DLCLK/ R DLEOM
(c) 1998 PMC-Sierra, Inc. March, 1998
PM6341 E1XC
Summary Information
E1 TRANSCEIVER TYPICAL APPLICATIONS:
1/0 CROSS-CONNECT WITH E1 INTERFACE:
STo1
STo2
STo4
STo3
STo5
STo6
STo7 STi7
D ig ital C rosspo int Sw itch
STi2 STi3 STi4 STi5 STi6 STi1 STi8
BR SIG
BR SIG
STo8
BR SIG
BR PC M
BR PC M
BR PC M
PM C
PM 63 41 E1XC
TAN R EF R AS TAP TAP
PM C
PM 63 41 E 1X C
TAN R EF R AS TAP
PM C
PM 63 41 E1XC
R AS R EF TAN TAP
PM C
PM 63 41 E1 XC
TAN R AS R EF
Receive E1
Transmit
E1 Receive
Transmit
Receive
Transmit
FULLY CHANNELIZED QUAD E1 HDLC CARD:
E1
PM C
PM 6341 E1XC
E1
PM C
PM 6341 E1XC
Transmit
Receive
E1
E1
E1
E1
E1
E1
Processor
PM C
PM 7366 FREEDM -8 H DLC Controller
E1
PM C
PM 6341 E1XC
Packet M em o ry
E1
PM C
PM 6341 E1XC PCI Bus
Head Office: PMC-Sierra, Inc. Suite 105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn:Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
BR PC M
BTPC M
BTPC M
BTPC M
BTPC M
BR SIG
BTSIG
BTSIG
BTSIG
BTSIG
PMC-920109(R6)
(c) 1998 PMC-Sierra, Inc. March, 1998


▲Up To Search▲   

 
Price & Availability of PM6341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X