Part Number Hot Search : 
2SD16 2SK1290 IA4805 2N6487 PA2755NL ZL10355 CWST6120 PS9634
Product Description
Full Text Search
 

To Download PH1113-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Radar Pulsed Power Transistor 100 Watts, 1.1-1.3 GHz, 3s Pulse, 30% Duty
PH1113-100
PH1113-100
Radar Pulsed Power Transistor - 100 Watts, 1.1-1.3 GHz, 3s Pulse, 30% Duty
Features
* * * * * * * * NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input and Output Impedance Matching Hermetic Metal/Ceramic Package
Outline Drawing
1
Description
M/A-COM's PH1113-100 is a silicon bipolar NPN power transistor intended for use in L-band 1.1 - 1.3 GHz pulsed radars. Designed for common-base, class C, broadband pulsed power applications, the PH1113-100 can produce 25 watts of output power with short pulse length (3S) at 30 percent duty cycle. The transistor is housed in a 2-lead rectangular metal-ceramic flange package, with internal input and output impedance matching networks. Diffused emitter ballast resistors and gold metalization assure ruggedness and long-term reliability.
Notes: (unless otherwise specified) 1. Tolerances are: inches .005" (millimeters 0.13mm)
Broadband Test Fixture Impedance
F (GHz) Z IF () 5.8 - j3.4 5.6 - j1.8 5.9 - j0.4 Z OF () 3.0 - j1.7 3.0 - j1.5 2.8 - j1.3 1.1 1.2 1.3
Absolute Maximum Rating at 25C
Parameter Collector-Emitter Voltage Emitter-Base Voltage Collector Current (Peak) Total Power Dissipation @ +25C Storage Temperature Junction Temperature Symbol VCES VEBO IC PTOT Tstg Tj Rating 70 3.0 9.0 350 -65 to +200 200 Units V V A W C C
TEST FIXTURE INPUT CIRCUIT
TEST FIXTURE OUTPUT CIRCUIT
50
ZIF
ZOF
50
Electrical Specifications at 25C
Symbol BVCES ICES RTH(JC) PIN GP RL VSWR-T Parameter Collector-Emitter Breakdown Voltage Collector-Emitter Leakage Current Thermal Resistance Input Power Power Gain Collector Efficiency Input Return Loss Load Mismatch Tolerance Test Conditions IC = 5 mA VCE = 32 V VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz VCC = 32V, PO = 100 W, f = 1100, 1200, 1300 MHz Min 70 8.0 52 9 Max 10.0 0.5 16 3:1 Units V mA C/W W dB % dB V2.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Radar Pulsed Power Transistor 100 Watts, 1.1-1.3 GHz, 3s Pulse, 30% Duty
PH1113-100
Test Fixture Electrical Schematic
Top View
Circuit Dimensions
V2.00 M/A-COM Division of AMP Incorporated 3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PH1113-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X