Part Number Hot Search : 
473U7 IPA80R 2SC34 100RJ 8X7R2J10 L293DD KS7308 BU931ZPF
Product Description
Full Text Search
 

To Download PC900V0NSZX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PREPARED BY:
DATE:
SHAR
ELECTRONIC COMPONENTS GROUP SHARP CORPORATION
SPECIFICATION
f DEVICE SPECIFICATION FOR
I OPTO-ELECTRONIC
-+=%An DEVI
PHOTOCOUPLER
I
MODEL
No.
PCSOOV
PC9OOVONSZXl
(Businessdealingname:
1. These specification sheets include materfals protected Please do not reproduce or cause anyone to reproduce
under copyright of Sharp Corporation them without Sharp's consent.
("Sharp"). -
2. When using this product, please observe the absolute maximum ratings and the instructions for use outlIned in these specification sheets, as well as the precautions mentioned below. Sharp assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets, and the precautions menttoned below. (Precautions) (1) This product is designed for use in the following application areas ; * Audio visual equipment * Home appliances OA equipment * Measuring equipment - Telecommunication equipment (Terminal) * Tooling machines - Computers i If the use of the product in the above application areas is for equipment listed in paragraphs (2) or (3). please be sure to observe the precautions gtven in those respective paragraphs.
l
1
(2) Appropriate measures, such as fail-safe design and redundant design considering the safety design of the overall system and equipment, should be taken to ensure reliability and safety when this product is used for equipment which demands high reliability and safety in function and precision, such as ; * Transportation control and safety equipment (aircraft, train. automobile - Traffic sigmk * Gas leakage sensor breakers * Rescue and security * Other safety equipment [ etc.) equipment I
[3) Please do not use this product for equipment which require extremely high reliability and safety in function and precision, such as : * Space equipment * Telecommunication equipment (for trunk lines) Nuclear power control equipment * Medical equipment [
l
1
(4) Please contact and consult with a Sharp sales representative regarding interpretation of the above three paragraphs. 3. Please contact and consult with a Sharp sales representative
if there are any questions about this product. F J-p. IJ, ,+a-3
for any questions DATE PRESENTED BY
CUSTOMER'S
APPROVAL
J /G&`&&h of
DATE BY
K. Hachimura, Department General Manager Engineering Dept. .I1 Opto-Electronic Devices Div. ELECOM Group SHARP CORPORATION
SHRRP CORPORATI ON
1. Application This specification applies to the outline and characteristics Model No. PCSOOV. 2. Outline Refer to the attached sheet. page 3. 3. Ratings and characteristics Refer to the attached sheet, page 3 to 5. 4. Reliability Refer to the attached 5. Outgoing inspection Refer to the attached sheet. page 9. sheet, page 8. of photocoupler
6. Supplement 6.1 Isolation voltage shall be measured in the following method. (I) Short among pins 1 to 3 on the primary side and among pins 4 to 6 on the secondary side. (2) The dielectric withstand tester with zero-cross circuit shall be used. oil.)
(3) The wave form of applied voltage shall be a sine wave. (It is recommended that the isolation voltage be measured in insulation
6.2 The business dealing name used for this product when ordered or delivered shall be PCSOOVONSZX. 6.3 Package specifications Refer to the attached sheets-2- 1 to 2-3.
SHARP CORPORATION
6.4 UL : Under preparation 6.5 Theory of operation (1) When the forward current of above the "H+L" threshold input current (Ir,.J is applied to the input side, the output will go "Low level". (2) When the forward current on the input side goes below the "L+H" threshold input current (I,,,) is applied to the input side, the output will go "High level".
6.6 This product is not designed against irradiation. This product is assembled with electrical input and output. This product incorporates 6.7 ODS materials This product shall not contain the following materials. Also, the following materials shall not be used in the production Materials for ODS : CFC, Halon, Carbon tetrachloride. 1.1.1 -Trichloroethane (Methylchloroform) flame retardants such as the PBBOs and PBB, are not used non-coherent light emitting,diode. -
process for this product.
6.8 Brominated
Specific brominated flame retardants in this device at all. 7. Notes Refer to the attached sheet-l- 1. 2.
SHARP CORPORATION
2. Outline
7.12zto.3
m ?I m cd
Anode inai
regulator
Anode
\ Lot No. `1
Cathode N. c
Pin NOS. and inter!`Ial connection diagram
7.629~0.3
l l
2.54&O.
25
0.5fO.
1
*l)
2-digit number
shall be marked according to
DIN
standard.
*2) Marking is laser marking UNIT: Product mass : Approx. 0.36g Name l/l mm PCSOOV Outline Dimensions (Business dealing name : PC9OOVONSZX)
SHARP CORPORflTION
Ratings and characteristics 3.1 Absolute maximum ratings
*l
The derating factors of absolute maximum are shown in Fig. 1, 2. 3. 100 ps, Dutyratio : 0.001
ratings due to ambient temperature
*2 Pulse widths
*3 AC for 1 min, 40 to 6O%RH *4 ForlOs
SHARP CORPORATION
3.2 Electra-optical Parameter Forward voltage Reverse current
characteristics -GIN. 1 TYP. 1 MAX. 1 Unit 1 Conditions -"
IR
I
-
1 I30
-
1 10 1250
1 PA 1 Ta=25%, V,=3V 1 ,,(~;25;,V=O _
Terminal capacitance Operating range supply voltage
Ct vcc
( 131
-
-1151vI
Low level output voltage High level output current
VOL bH bcL
1 1 1
I
-
1 0.2 1 -
1 0.4
1v
1 ~&6!&nA,Vcc=5"
1 100 1 PA 1 g$=l5V 1 5.0 1 mA 1 Vcc=5V, 1,=4mA 1 mA 1 Vcc=5", I,=OmA
Low level supply current High level supply current "H-L" threshold current *l input
1 2.5
ECH
1 1.0 1 5.0
"L-H" threshold current *2 Hysteresis *3
input
`FLH /IF,,
1 0.5 I5XlO'Ol
1 0.7 10" 1 2
1 0.9 1 3
1
-
1 vcc=5v,
Iq=280Q
Isolation resistance "H-L" "L-H" propagation propagation time time
Rho
1R
( T$..~ox$OOV
tPHL
Ta=25% t PLH tf tr 6 vcc=5v. Fall time Rise time 0.05 0.1 0.5 R,=280 0 0.5 1,=4mA
SHflRP
CORPORATION
*1 I,,
" `FLH
represents forward current when output goes from "H" to "L". represents forward current when output goes from "L" to "H".
`3 Hysteresis : IFLH/IFHL *4 Test circuit for response time shall be shown below.
Vobge regulator
tr==tt-0.0 .?0=50n
output
Test circuit diaffram
Timing chart
SHARP CORPORATION
(Fig. 1) Forward current vs. ambient temperature
(Fig. 2) Output powe vs. ambient temperature'-
!
-50 $
2 z g 2 3 2 g 40 30 20 10 0 -25 0 25 50 7585
$ g
8
250
b 3
"a x 5 0
100 50 0 -25
100
125
0
25
50
7585
100 125
Ambient temperature
Ta (`c)
Ambient temperature
Ta (`C)
(Fig. 3) Total power dissipation vs. ambient temperature
5 E
tz 200
13 170 g 150 3 2 `El 100 b 3 ifi 50
-25
0
25
50
7585
100
125
Ambient temperature
Ta (`C)
SHARP CORPOR~ITION
4. Reliability The reliability of products shall be satisfied with items listed below. Confidence level : 90% LTPD : 10%/20% Test Items Solderability Soldering heat *2 Test Conditions `1 230%. 5 s 260%. 10 s Weight : 5N 5 s/each terminal Weight : 2.5N 2 times/each terminal 15km/s', 0.5ms 3 times/fX. +-Y, fZ direction 100 to 2000 to lOOHz/4min 200m/sZ 4 times/ X. Y. Z direction 1 cycle -40% to +125% (30min) (30min) 20 cycles test +85C. 85%RH. lOOOh U : Upper specification limit L : Lower specification limit ' n=22,C=O n=22,C=O n=22,C=O v,>ux I,>UX2 vo,>ux1.2 Terminal strength (Bending) *3 Mechanical shock I,,>UX1.2 ICCL>UX 1.2 IccH>ux 1.2 Variable frequency vibration Temperature cycling High temp. and high humidity storage High temp. storage I,,,>UX1.3 I,,lFLH /`FHL~;"x;-"2
Failure Judgement Criteria
Samples In) Defective(C) n=ll, C=O C=O C=O C=O C=O
1.2
n=ll. n=ll. -r n=ll, n=ll,
Terminal strength (Tension)
n=ll.
C=O
n=22,C=O
+ 125%. lOOOh -40%. 1OOOh I,= 1OmA, vcc= 15v &= 16mA, Ta=25%. 1OOOh ED 470 1.
Low temp. storage
Operation life
* 1 Test method, conforms to EW
*2 Solder shall adhere at the area of 95% or more of immersed portion of lead, and pin hole or other holes shall not be concentrated on one portion. +3 Terminal bending direction is shown below.
m k-f5 6
SHARP CORPOMTION
5. Outgoing inspection 5.1 Inspection items
(1) Electrical characteristics v, I,. v,,. &. ICC/ ICCH' I,,. IiqJ+.Rise. visa
(2) Appearance
5.2 Sampling method and Inspection level A single sampling plan. normal inspection level II based on IS0 2859 is applied. The AQL according to the inspection items are shown below. Inspection item
Defect Major defect Minor defect
AQL WI
0.065 0.25
Electrical characteristics Unreadable marking Appearance defect except the above mentioned.
SHflRP CORPORATION
Precautions 1 For cleaning
for Photocouplers
(1) Solvent cleaning : Solvent temperature 45% or less Immersion for 3 min or less (2) Ultrasonic cleaning : The effect to device by ultrasonic cleaning differs by cleaning bath size, ultrasonic power output, cleaning time, PCB size or device mounting condition etc. Please test it in actual using condition and con&n that doesn't occur any defect before starting the ultrasonic cleaning. solvent : Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
(3) Applicable
In case when the other solvent is used. there are cases that the packaging resin is eroded. Please use the other solvent after thorough coniirmation is performed in actual using condition. 2. Please use the same as normal integration circuit about static electricity in order that this device is OPIC photocoupler. 3. In order to stabilize power supply line. we recommend to connect a by-pass capacitor of 0.0 1 p F or more between Vcc and GND near the device. 4. The detector which is used in this device, has parasitic diode between each pins and GND. There are cases that miss operation or destruction possibly may be occurred if electric potential of any pin becomes below GND level even for instant. Therefore it shall be recommended to design the circuit that electric potential of any pin does not become below GND level. 5. The LED used in the Photocoupler generally decreases the light emission power by operation. In case of long operation time, please design the circuit with considering the decreases of the light emission power of the LED. (500/6/5years) Please decide the input current which become 2 times of MAX. I,,,
SHARP CORPORATION
6. Precautions
for Soldering Photocouplers
(1) In case of soldering to lead 260% 10 s or less
An example of device temperature vs. soldering time
180
160 140 120 Device temperature (Cl
-
.# go -
ed
.*-
-0
*-
*- e--
20 0'
Solder
-
0
' 2
' 4
I 1I 1 ' 6 8 10 12 14 16 18 20 Soldering time (s)
(2) If solder reflow : It is recommended that only one soldering be done at the temperature and the time within the temperature profile as shown in the figure below.
230C
18OC
25C
(3) Other precautions An infrared lamp used to heat up for soldering may cause a localized temperature rise in the resin. So keep the package temperature within that specified in Item (2). Also avoid immersing the resin part in the solder.
SHflRP
CORPORATION
Package specification 1 Package materials No. 1 2 3 4 5 Name Sleeve Stopper Packing case Kraft tape Label Materials Plastfcs with preventing static electricity Rubber Corrugated Paper Paper cardboard
PUrpOSeS
Products packaged Products tied Sleeve packaged Lid of packaged case fixed Model No., quantity, inspection date and lot No. specified
2 Package method (1) MAX. 5Opcs. of products shall be packaged in a sleeve and both of sleeve edges shah be fixed by stoppers. (2) MAX. 20 sleeves above shall be packaged in a packing case and pack a sheet of cushion at one side. (3) Model No., quantity, inspection date and lot No. shall be marked on the label and this label shall be put on the side of the packaging case. (4) Case shall be closed with the lid and enclosed with kraft tape. 3 Package outline dimensions (1) Sleeve outline dimensions Refer to the attached sheets-2-2.
(2) Packaging case outline dimensions Refer to the attached sheets-2-3.
SHARP CORPORATION
6.7
4
Length : L=520 f 2mm
Note 1) Thickness 2) Outer R:
: 0.5k0.2mm 0.5mm agent.
3) Process with applying antistatic
4) Unless otherwise specified tolerances shall be f0.5mm. (However except for deformation due to the rubber stopper in sleeve.)
Unit : l/ lmm Name Sleeve outline dimensions
SHMiP
CORPORRTION
Sleeve Anode mark or \ /Stopper mwlout
arranged at stopper side Wthout pulled potion. (With pulled portion)
pulled portlon)
-a-
II II
m
20 sleev& (5lines X4sta.M *MAX. It is impossible to mix diffierent model or different rank model in one case.
Kraft tape Label
Unit: Name
l/lmm
Packing case outline dimensions


▲Up To Search▲   

 
Price & Availability of PC900V0NSZX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X