Part Number Hot Search : 
103A1 AD5539Q PT50M DTQS3 P2P50E DTQS3 DTQS3 W208D
Product Description
Full Text Search
 

To Download PALC22V10B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This is an abbreviated data sheet. Contact a Cypress representative for complete specifications.
USE ULTRA37000TM FOR ALL NEW DESIGNS
PALC22V10B
Reprogrammable CMOS PAL(R) Device
Features
* Advanced second generation PAL architecture * Low power -- 90 mA max. standard -- 100 mA max. military * CMOS EPROM technology for reprogrammability * Variable product terms -- 2 x (8 through 16) product terms * User-programmable macrocell -- Output polarity control -- Individually selectable for registered or combinatorial operation -- 15 ns commercial and industrial 10 ns tCO 10 ns tS 15 ns tPD 50 MHz -- 15 ns and "20 ns" military 10/15 ns tCO 10/17 ns tS 15/20 ns tPD 50/31 MHz * Up to 22 input terms and 10 outputs * Enhanced test features -- Phantom array -- Top test -- Bottom test -- Preload * High reliability -- Proven EPROM technology -- 100% programming and functional testing * Windowed DIP, windowed LCC, DIP, LCC, PLCC available
Functional Description
The Cypress PALC22V10B is a CMOS second-generation programmable logic array device. It is implemented with the familiar sum-of-products (AND-OR) logic structure and a new concept, the "Programmable Macrocell." The PALC22V10B is executed in a 24-pin 300-mil molded DIP, a 300-mil windowed cerDIP, a 28-lead square ceramic leadless chip carrier, a 28-lead square plastic leaded chip carrier, and provides up to 22 inputs and 10 outputs. When the windowed cerDIP is exposed to UV light, the 22V10B is erased and can then be reprogrammed. The programmable macrocell provides the capability of defining the architecture of each output individually. Each of the 10 potential outputs may be specified as "registered" or "combinatorial." Polarity of each output may also be individually
Logic Block Diagram (PDIP/CDIP)
V SS 12 I 11 I 10 I 9 I 8 I 7 I 6 I 5 I 4 I 3 I 2 CP/I 1
PROGRAMMABLE ANDARRAY (132X 44) 8 10 12 14 16 16 14 12 10 8
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Preset
13 I
14 I/O9
15 I/O8
16 I/O7
17 I/O6
18 I/O5
19 I/O4
20 I/O3
21 I/O2
22 I/O1
23 I/O0
24 V CC
Cypress Semiconductor Corporation Document #: 38-03018 Rev. *A
*
3901 North First Street
*
San Jose, CA 95134
* 408-943-2600 Revised April 22, 2004
USE ULTRA37000TM FOR ALL NEW DESIGNS
Pin Configurations
PALC22V10B
LCC Top View
I I CP/I N/C V CC I/O 0 I/O 1
PLCC Top View
I I CP/I N/C V CC I/O 0 I/O 1 4 3 2 1 2827 26 I/O2 I/O3 I/O4 N/C I/O5 I/O6 I/O7 I I I N/C I I I 5 6 7 8 9 10 11 25 24 23 22 21 20 121314 1516 171819 V SS N/C I/O9 I/O8 I I/O2 I/O3 I/O4 N/C I/O5 I/O6 I/O7 I I
I I I N/C I I I
5 6 7 8 9 10 11
4 3 2 1 282726 25 24 23 22 21 20 19 12131415161718 V SS N/C I/O9 I/O8 I I I
Ultra37000 is a trademark of Cypress Semiconductor Corporation. PAL is a registered trademark of Advanced Micro Devices, Inc. All products and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-03018 Rev. *A
Page 2 of 3
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
USE ULTRA37000TM FOR ALL NEW DESIGNS
Document History Page
Document Title: PALC22V10B Reprogrammable CMOS PAL(R) Device Document Number: 38-03018 REV. ** *A ECN NO. 106318 213375 Issue Date 05/08/01 See ECN Orig. of Change SZV FSG
PALC22V10B
Description of Change Change from Spec number: 38-00195 to 38-03018 Added note to title page: "Use Ultra37000 For All New Designs"
Document #: 38-03018 Rev. *A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of PALC22V10B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X