Part Number Hot Search : 
K20J60 OSG5DA HMC277 IRMS6115 00TTS BD414 BD414 N4744
Product Description
Full Text Search
 

To Download PAC1284 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PAC1284
Applications ECP/EPP Parallel Port termination EMI/RFI filter Notebook and Desktop computers Engineering Workstations and Servers
P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
Features Stable resistor-capacitor network 9 terminating lines/package Saves board space, reduces assembly cost, simplifies routing ESD protected Miniature QSOP package Product Description
Note: CAMDs P/Active 1284 Parallel Port Termination Network is an upgraded version of the original PRC1284 or IPEC1284 which provides ESD protection, minimized lead inductance and parasitic capacitive effects, and improved crosstalk and filter performance characteristics at high data transmission rates. The PAC1284 is recommended for all new designs.
Advanced, enhanced high-speed parallel ports, conforming to the IEEE 1284 standard, are used to provide communications with external devices such as tape back-up drives, ZIP drives, printers, parallel port SCSI adapters, external LAN adapters, scanners, video capture, and other PC peripherals. These advanced ports also support bi-directional transfers to 2MB/sec. To effectively support these higher transfer data rates, the IEEE 1284 standard recommends a combined termination, pull-up filter network between the driver/receiver and the cable at both ends of the parallel port interface. In addition, government EMC compatibility requirements impose strict filtering on the parallel port. CAMDs P/Active 1284 Parallel Port Termination Network addresses all of these requirements by providing a nine line, IEEE 1284 compliant network, in a thin film integrated circuit. Two of these devices replace up to 54 discrete components and provide a complete parallel port termination solution for spacecritical applications. CAMDs P/Active technology provides high reliability and low cost through manufacturing efficiency. The P/Active 1284 includes pull-up, series termination, an EMI filter capacitor, and ESD protection for the capacitors. The resistors and capacitors are fabricated using proprietary state-of-the-art thin film technology.1 CAMDs solution is silicon-based and has the same reliability characteristics as todays microprocessor products. The device is protected from ESD discharges to over 4,000 volts.
Absolute Tolerance (R) Absolute Tolerance (C) Operating Temperature Range VCC Power Rating/Resistor Maximum Leakage Current (at VCC Max) Signal Clamp Voltage: Positive Clamp Negative Clamp ESD Immunity (Human Body Model) MIL-STD -883, Method 3015 In System Protection (Note 1) Storage Temperature Package Power Rating
STANDARD SPECIFICATIONS
10% 20% 0C to 70C 6V max 100mW 1A@25C >6V <-6V >4KV * >6KV * -65C to 150C 1.00W, max.
SCHEMATIC CONFIGURATION
*Guaranteed by design. Note 1: Pins 1, 2, 12, 13, 24, and 23 grounded. Pins 3 through 11 open, ESD contact discharge, b e t w e e n ground and pins 14 through 22, one at a time.
R1()
1K 2.2K 4.7K 4.7K 4.7K
STANDARD VALUES R2() C(pf) RC Code
33 33 10 33 33 18 0 220 18 0 18 0 62 01 02 03 04 06
(c) 2000 Calirornia Micro Devices Corp. All rights reserved. 4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
STANDARD PART ORDE RING INFORMATION Package Ordering Part Number Pins Style Tubes Tape & Reel
24 24 24 24 24 QSOP QSOP QSOP QSOP QSOP PAC1284-06Q/T PAC1284-06Q/T PAC1284-06Q/T PAC1284-06Q/T PAC1284-06Q/T PAC1284-01Q/R PAC1284-02Q/R PAC1284-03Q/R PAC1284-04Q/R PAC1284-06Q/R
PAC1284
RC Code 01 02 03 04 06
Part Marking
PAC128401Q PAC128402Q PAC128403Q PAC128404Q PAC128406Q
Typical Filter Insertion Loss for PAC 1284-02 (S12 in dB, TA = 25OC)
INSERTION LOSS
FREQUENCY (MHz)
Filter insertion loss is measured using Hewlett Packard HP8753C.
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4/00


▲Up To Search▲   

 
Price & Availability of PAC1284

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X