Part Number Hot Search : 
09081 EVB71112 KMPC880 IRLR8711 EB13C3 53C810 YV26A MC100B
Product Description
Full Text Search
 

To Download NE592D14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
DESCRIPTION
The NE592 is a monolithic, two-stage, differential output, wideband video amplifier. It offers fixed gains of 100 and 400 without external components and adjustable gains from 400 to 0 with one external resistor. The input stage has been designed so that with the addition of a few external reactive elements between the gain select terminals, the circuit can function as a high-pass, low-pass, or band-pass filter. This feature makes the circuit ideal for use as a video or pulse amplifier in communications, magnetic memories, display, video recorder systems, and floppy disk head amplifiers. Now available in an 8-pin version with fixed gain of 400 without external components and adjustable gain from 400 to 0 with one external resistor.
PIN CONFIGURATIONS
D, N Packages INPUT 2 NC G2B GAIN SELECT G1B GAIN SELECT VNC OUTPUT 2 1 2 3 4 5 6 7 TOP VIEW 14 13 12 11 10 9 8 INPUT 1 NC G2A GAIN SELECT G1A GAIN SELECT V+ NC OUTPUT 1
FEATURES
* 120MHz unity gain bandwidth * Adjustable gains from 0 to 400 * Adjustable pass band * No frequency compensation required * Wave shaping with minimal external components * MIL-STD processing available
D, N Packages INPUT 2 G1B GAIN SELECT VOUTPUT 2 1 2 3 4 TOP VIEW 8 7 6 5 INPUT 1 G1A GAIN SELECT V+ OUTPUT 1
APPLICATIONS
* Floppy disk head amplifier * Video amplifier * Pulse amplifier in communications * Magnetic memory * Video recorder systems
BLOCK DIAGRAM
+V R1 R2 R8 R10 R9 Q6 Q5 Q4 Q3 R11 OUTPUT 1 INPUT 2 INPUT 1 G1A R3 G2A R5 G2B Q1 Q2 G1B R12 OUTPUT 2
Q7B Q7A
Q8
Q9
Q10 Q11
R7A
R7B
R15
R16
R13
R14 -V
April 15, 1992
250
853-0911 06456
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
ORDERING INFORMATION
DESCRIPTION 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Small Outline (SO) package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Small Outline (SO) package TEMPERATURE RANGE 0 to +70C 0 to +70C 0 to +70C 0 to +70C ORDER CODE NE592N14 NE592D14 NE592N8 NE592D8 DWG # 0405B 0175D 0404B 0174C
NOTES: N8, N14, D8 and D14 package parts also available in "High" gain version by adding "H" before package designation, i.e., NE592HDB
ABSOLUTE MAXIMUM RATINGS
TA=+25C, unless otherwise specified. SYMBOL VCC VIN VCM IOUT TA TSTG PD MAX Supply voltage Differential input voltage Common-mode input voltage Output current Operating ambient temperature range Storage temperature range Maximum power dissipation, TA=25C (still D-8 package N-14 package N-8 package NOTES: 1. Derate above 25C at the following rates: D-14 package at 7.8mW/C D-8 package at 6.3mW/C N-14 package at 11.5mW/C N-8 package at 9.3mW/C PARAMETER RATING 8 5 6 10 0 to +70 -65 to +150 UNIT V V V mA C C
air)1
0.98 0.79 1.44 1.17 W W W W
D-14 package
April 15, 1992
251
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
DC ELECTRICAL CHARACTERISTICS
TA=+25C VSS=6V, VCM=0, unless otherwise specified. Recommended operating supply voltages VS=6.0V. All specifications apply to both standard and high gain parts unless noted differently. SYMBOL AVOL PARAMETER Differential voltage gain, standard part Gain 11 Gain RIN 22, 4 RL=2k, VOUT=3VP-P 250 80 400 100 600 120 V/V V/V TEST CONDITIONS NE592 Min Typ Max UNIT
Input resistance Gain 11 Gain 22, 4 10 Gain 24 capacitance2 4.0 30 2.0 0.4 9.0 BW 1kHz to 10MHz 1.0 VCM1V, f<100kHz VCM1V, f=5MHz VS=0.5V RL= RL= RL= RL= RL=2k 2.4 3.0 0.35 2.9 4.0 50 60 86 60 12 5.0 30 k k pF A A VRMS V
CIN IOS IBIAS VNOISE VIN CMRR
Input
Input offset current Input bias current Input noise voltage Input voltage range Common-mode rejection ratio Gain 24 Gain 24
dB dB
PSRR
Supply voltage rejection ratio Gain 24 70 dB
VOS
Output offset voltage Gain 1 Gain 24 Gain 33 1.5 1.5 0.75 3.4 V V V V V 24 mA
VCM VOUT ROUT ICC
Output common-mode voltage Output voltage swing differential Output resistance Power supply current
20 RL= 18
NOTES: 1. Gain select Pins G1A and G1B connected together. 2. Gain select Pins G2A and G2B connected together. 3. All gain select pins open. 4. Applies to 14-pin version only.
April 15, 1992
252
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
DC ELECTRICAL CHARACTERISTICS
DC Electrical CharacteristicsVSS=6V, VCM=0, 0C TA70C, unless otherwise specified. Recommended operating supply voltages VS=6.0V. All specifications apply to both standard and high gain parts unless noted differently. SYMBOL AVOL PARAMETER Differential voltage gain, standard part Gain 11 Gain 22, 4 RIN IOS IBIAS VIN CMRR Input resistance Gain 22, 4 Input offset current Input bias current Input voltage range Common-mode rejection ratio Gain 24 PSRR Supply voltage rejection ratio Gain 24 Output offset voltage Gain 1 Gain 24 Gain 33 Output voltage swing differential Power supply current VS=0.5V 50 1.5 1.5 1.0 2.8 27 dB VCM1V, f<100kHz 50 dB 1.0 8.0 6.0 40 k A A V RL=2k, VOUT=3VP-P 250 80 600 120 V/V V/V TEST CONDITIONS NE592 Min Typ Max UNIT
VOS
RL=
V
VOUT ICC
RL=2k RL=
V mA
NOTES: 1. Gain select Pins G1A and G1B connected together. 2. Gain select Pins G2A and G2B connected together. 3. All gain select pins open. 4. Applies to 14-pin versions only.
AC ELECTRICAL CHARACTERISTICS
TA=+25C VSS=6V, VCM=0, unless otherwise specified. Recommended operating supply voltages VS=6.0V. All specifications apply to both standard and high gain parts unless noted differently. SYMBOL PARAMETER TEST CONDITIONS Min Bandwidth BW Rise time tR Propagation delay tPD Gain 11 Gain 22, 4 VOUT=1VP-P 7.5 6.0 10 ns ns Gain 11 Gain 22, 4 VOUT=1VP-P 10.5 4.5 12 ns ns Gain 11 Gain 22, 4 40 90 MHz MHz NE/SA592 Typ Max UNIT
NOTES: 1. Gain select Pins G1A and G1B connected together. 2. Gain select Pins G2A and G2B connected together. 3. All gain select pins open. 4. Applies to 14-pin versions only.
April 15, 1992
253
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
TYPICAL PERFORMANCE CHARACTERISTICS
Common-Mode Rejection Ratio as a Function of Frequency
COMMON-MODE REJECTION RATIO - dB 100 OUTPUT VOLTAGE SWING - Vpp 90 80 70 60 50 40 30 20 10 0 10k 100k 1M 10M 100M GAIN 2 VS = +6V TA = 25oC 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 1 5 10 50 100 500 1000 FREQUENCY - Hz FREQUENCY - MHz VS = +6V TA = 25oC RL = 1k
Output Voltage Swing as a Function of Frequency
1.6 1.4 OUTPUT VOLTAGE - V 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2
Pulse Response
VS = +6V TA = 25oC RL = 1k
GAIN 2 GAIN 1
-0.4 -15 -10 -5
0
5
10 15 20 25 30 35
TIME - ns
Supply Current as a Function of Temperature
28 TA = 25oC SUPPLY CURRENT - mA OUTPUT VOLTAGE - V 24 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 8 3 4 5 6 7 8 SUPPLY VOLTAGE - +V
Pulse Response as a Function of Supply Voltage
1.6 GAIN 2 TA = 25oC RL = 1k 1.4 OUTPUT VOLTAGE - V VS = +8V VS = +6V VS = +3V 1.2 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 0 5 10 15 20 25 30 35
Pulse Response as a Function of Temperature
GAIN 2 VS = +6V RL = 1k Tamb = 0oC TA = 25oC TA = 70oC
20
16
12
-0.4 -15 -10 -5
-15 -10 -5
0
5
10 15 20 25 30 35
TIME - ns
TIME - ns
Voltage Gain as a Function of Temperature
SINGLE ENDED VOLTAGE GAIN - dB 1.10 1.08 RELATIVE VOLTAGE GAIN 1.06 1.04 1.02 1.00 0.98 0.96 0.94 0.92 0.90 0 10 20 30 40 50 60 70 GAIN 1 GAIN 2 VS = +6V 60 50 40 30 20 10 0 -10 1
Gain vs. Frequency as a Function of Temperature
1.4 GAIN 2 VS = +6V RL = 1k 1.3 RELATIVE VOLTAGE GAIN 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 5 10 50 100 500 1000 3
Voltage Gain as a Function of Supply Voltage
Tamb = 25oC
GAIN 2
TA = -55oC TA = 25oC TA = 125oC
GAIN 1
4
5
6
7
8
TEMPERATURE - oC
FREQUENCY - MHz
SUPPLY VOLTAGE - +V
April 15, 1992
254
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Gain vs. Frequency as a Function of Supply Voltage
SINGLE ENDED VOLTAGE GAIN - dB 60 DIFFERENTIAL VOLTAGE GAIN - V/V 50 40 30 20 10 0 -10 1 5 10 50 100 500 1000 VS = +6V VS = +3V VS = +6V TA = 25oC VS = +8V 51 51 RADJ 1k 1k GAIN 2 TA = 25oC RL = 1k 0.2F 14 1 12 11 8 7 0.2F
Voltage Gain Adjust Circuit
1000
Voltage Gain as a Function of RADJ (Figure 3)
VS = +6V f = 100kHz TA = 25oC FIGURE 3
100
592 3 4
10
1
.1
.01 1 10 100 1K 10K 100K 1M
FREQUENCY - MHz
RADJ -
Supply Current as a Function of Temperature
21 OVERDRIVE RECOVERY TIME - ns 20 SUPPLY CURRENT - mA 19 18 17 16 15 14 -60 -20 20 60 100 140 TEMPERATURE - oC VS = +6V 70 60 50 40 30 20 10 0 0
Differential Overdrive Recovery Time
7.0 OUTPUT VOLTAGE SWING - V OR OUTPUT SINK CURRENT - mA VS = +6V TA = 25oC GAIN 2 6.0 5.0
Output Voltage and Current Swing as a Function of Supply Voltage
TA = 25oC
VOLTAGE 4.0 3.0 2.0 1.0 0 CURRENT
20 40 60 80 100 120 140 160 180 200 DIFFERENTIAL INPUT VOLTAGE - mV
3.0
4.0
5.0
6.0
7.0
8.0
SUPPLY VOLTAGE - +V
Output Voltage Swing as a Function of Load Resistance
7.0 OUTPUT VOLTAGE SWING - Vpp 6.0 5.0 4.0 3.0 2.0 1.0 0 10 50 100 500 1K 5K 10K LOAD RESISTANCE - VS = +6V TA = 25oC 70 INPUT RESISTANCE - K 60 50 40 30 20 10 0 -60
Input Resistance as a Function of Temperature
100 INPUT NOISE VOLTAGE - Vrms GAIN 2 VS = +6V 90 80 70 60 50 40 30 20 10 0 -20 0 20 60 100 140 1
Input Noise Voltage as a Function of Source Resistance
GAIN 2 VS = +6V TA = 25oC BW = 10MHz
10
100
1K
10K
TEMPERATURE - oC
SOURCE RESISTANCE -
April 15, 1992
255
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
Phase Shift as a Function of Frequency
0 GAIN 2 VS = +6V TA = 25oC 0 -50 PHASE SHIFT - DEGREES -100 -150 -200 -250 -300 -350 0 1 2 3 4 5 6 7 8 9 10 1
Phase Shift as a Function of Frequency
VS = +6V TA = 25oC
PHASE SHIFT - DEGREES
-5
-10
GAIN 2 GAIN 1
-15
-20
-25
10
100
1000
FREQUENCY - MHz
FREQUENCY - MHz
Voltage Gain as a Function of Frequency
60 50 VOLTAGE GAIN - dB 40 30 20 10 0 GAIN 1 VS = +6V Tamb = 25oC RL = 1K 40 30 VOLTAGE GAIN - dB 20 10 0 -10 -20 -30 -40 1 10 100 1000 -50 .01
Voltage Gain as a Function of Frequency
VS = +6V TA = 25oC GAIN 3
GAIN 2
.1
1
10
100
1000
FREQUENCY - MHz
FREQUENCY - MHz
TEST CIRCUITS TA = 25C, unless otherwise specified.
VIN 592 RL VOUT
51
51
0.2F
ein
592 0.2F
eout eout
51 51 1k 1k
April 15, 1992
256
Philips Semiconductors RF Communications Products
Product specification
Video amplifier
NE592
TYPICAL APPLICATIONS
+6 2re 11 10 592 1 5 4 Z -6 Basic Configuration +6 0.2F 7 V0
14 V1 [ 1.4 @ 10 4 Z(S) ) 2r e 1.4 @ 10 4 Z(S) ) 32
NOTE: V 0(s) v 1(s)
[
+5 +6
14
10 1 14 11 10 592 1 4 7 5 2 5 Q 3 6 -6 8 9 4 8 529 7 Q V1
11 10 8
592 V0 2K
1 4 C 5
7
0.2F
2K
AMPLITUDE: 1-10 mV p-p FREQUENCY: 1-4 MHz
-6
NOTE: For frequency F1 << 1/2 (32) C V ] 1.4 x 10 4C dVi dT
O
READ HEAD
DIFFERENTIATOR/AMPLIFIER
ZERO CROSSING DETECTOR
Disc/Tape Phase-Modulated Readback Systems
Differentiation with High Common-Mode Noise Rejection
FILTER NETWORKS
Z NETWORK FILTER TYPE V0 (s) TRANSFER V1 (s) FUNCTION 10 4 L
R
L LOW PASS
1.4
1 s)R L
R
C HIGH PASS
1.4 R
10 4
s s ) 1 RC
R
L
C BAND PASS
1.4 L
10 4
s s 2 ) R Ls ) 1 LC
L R BAND REJECT C 1.4 R 10 4 s 2 ) 1 LC s 2 ) 1 LC ) s RC
NOTES: In the networks above, the R value used is assumed to include 2re, or approximately 32. S = j = 2f
April 15, 1992
257


▲Up To Search▲   

 
Price & Availability of NE592D14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X