Part Number Hot Search : 
TK3610M PCA9674 S175N LBN09613 73F07 APE0504 JCT1231 F4821V
Product Description
Full Text Search
 

To Download MR301-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUTOMOTIVE RELAYS
Twin Relays EN2/EP2 Series Single Relays EP1/MR301 Series
JC-13003D (5th edition) August 1995 M Printed in Japan
(c)
1992
DESCRIPTION
The EN2, EP2, EPI and MR301 series power relays can meet the requirements of high quality and reliability in automotive eIectronics applications. The EN2 and EP2 series are the twin relays which have two units in one package and smaller than conventional two relays. These relays are divided into two types for different usage. One is H bridge type and the other is separate type. The EN2 series is suitable for heavy load applications (35 A max.). The EP2 series is designed for medium load applications (25 A max.). The EP1 and MR301 series are the 1C contact form relays. Many of these relays have been used in automotive electronics applications throughout the world.
EN2 Series
FEATURES
q q q q
Twin relay for motor and solenoid reversible control 30% Iess relay space than conventional two relays Contact switching current of 35 A max. High performance and productivity by unique symmetrical structure Flux tight housing Delivered in stick-tube for automatic insertion machine Washable type available
q q q
PART NUMBERS AND COIL RATINGS
Part Numbers H Bridge Type Separate Type EN2-1N1S EN2-1N2S EN2-2N3S EN2-2N4S EN2-3N4S EN2-3N5S EN2-1N1ST EN2-1N2ST EN2-2N3ST EN2-2N4ST EN2-3N4ST EN2-3N5ST Nominal Voltage (Vdc) 12 12 12 12 12 12 Coil Resistance ( 10%) 125 125 180 180 250 250 Nominal Current (mA) 96.0 96.0 67.0 67.0 53.0 53.0
at 25C (77F) Must Must Nominal Operate Voltage Release Voltage Operate Power (Vdc max.) (Vdc min.) (W) 6.5 7.0 7.5 8.0 8.0 8.5 0.6 0.6 0.6 0.6 0.9 0.9 1.15 1.15 0.8 0.8 0.64 0.64
s PART NUMBER SYSTEM
EN2-B1N1ST
Type Nil : Standard type B : High current type 1 : 125 10% 2 : 180 10% 3 : 225 10% N : Silver oxide complex alloy type I H : Silver oxide complex alloy type II Carrying Current Capacity Coil Resistance (at 25C) Contact Material Wiring Enclosure Operate Voltage (at 25C) Nil : H bridge type T : Sparate type Nil : Unsealed S : Ssaled 1: 2: 3: 4: 5: 6.5 V max. 7.0 V max. 7.5 V max. 8.0 V max. 8.5 V max.
2
s DIMENSIONS
mm (inch)
[H Bridge Type]
[Separate (T) Type]
33.0 0.5 (1.3)
16.0 0.5 (0.63)
33.0 0.5 (1.3) 0.6(0.02) 16.0 0.5 (0.63)
16.0 0.5 (0.63)
0.6(0.02)
35 (0.14)
16.0 0.5 (0.63)
5.45 (0.21)
2.7 (0.11) 5.45 (0.21)
5.45 (0.21)
6.4 (0.25)
(0.56) 14.1 10.75 (0.42) 5.75 (0.23)
2-0.5 x 1.1 (0.02 x 0.04)
(0.56) 14.1 10.75 (0.42) 5.75 (0.23)
4-0.5 x 1.1 (0.02 x 0.04) 2.7 (0.11) 3.1 5.45 (0.12) (0.21) 6.4 (0.25)
3.1 (0.12) 2.7 (0.11)
6.4 (0.25)
(0.23) 5.75 (0.42) 10.75 (0.56) 14.1
2-1.3 x 1.3 (0.02 x 0.05) 4- 0.6 ( 0.02)
3.1 (0.12) 2.7 (0.11)
(0.23) 5.75 (0.42) 10.75 (0.56) 14.1
2-1.3 x 1.3 (0.02 x 0.05) 4- 0.6 ( 0.02)
s PCB PAD LAYOUT and SCHEMATICS [H Bridge Type]
4-1.1 +0.1 ( 0.043) -0 2-1.5 +0.1 ( 0.059) -0
2 1 3 4
(bottom view) mm (inch)
[Separate (T) Type]
4-1.1 +0.1 ( 0.043) -0 4-1.5 +0.1 ( 0.059) -0
2 1
8 56 7 (Side B)
35 (0.14)
39 4 10 56 8 7 (Unit A)
2-1.9 +0.1 -0 ( 0.075)
(Side A)
2-1.9 +0.1 -0 ( 0.075)
(Unit B)
SPECIFICATIONS
Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Contact Carrying Current Operate Time Release Time Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Ambient Temperature Coil Temperature Rise Life Expectancy Weight Mechanical Electrical Standard High Specification 1 form C x 2 [H Bridge Type & Separate Type] Silver oxide complex alloy (Special types available) 50 m max. (measured at 7 A) initial 30 Vdc max. 5 Vdc min. 35 A max. (at 16 Vdc) 1 A min. 25 A max. (2 minutes max.) (at 12 Vdc, 85C) 35 A max. (2 minutes max.) (at 12 Vdc, 85C} Approx. 5 ms max. (at 12 Vdc, excluding bounce) initial Approx. 2 ms max. (at 12 Vdc, excluding bounce) initial, without diode 0.64 W/0.8 W/1.15 W (at 12 Vdc) 100 M min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) -40C to +85C (-40F to +185 F) 50C/W (contact carrying current 0 A) 1 x 106 operations 1 x 105 operations (at 14 Vdc, Motor Load 25 A/7 A) Approx. 18 gr.
at 25C (77F)
3
EP2 Series
FEATURES
q q q q
Twin relay for motor and solenoid reversible control 50% Iess relay space than conventional two relays Contact switching current of 25 A max. High performance and productivity by unique symmetrical structure Flux tight housing Delivered in stick-tube for automatic insertion machine Washable type available
q q q
PART NUMBERS AND COIL RATINGS
Part Numbers H Bridge Type Separate Type EP2-3N1S EP2-3N2S EP2-3N3S EP2-4N3S EP2-4N4S EP2-4N5S EP2-3N1ST EP2-3N2ST EP2-3N3ST EP2-4N3ST EP2-4N4ST EP2-4N5ST Nominal Voltage (Vdc) 12 12 12 12 12 12 Coil Resistance ( 10%) 225 225 225 300 300 300 Nominal Current (mA) 53.3 53.3 53.3 40.0 40.0 40.0
at 25C (77F) Must Must Nominal Operate Voltage Release Voltage Operate Power (Vdc max.) (Vdc min.) (W) 6.5 7.0 7.5 7.5 8.0 8.5 0.9 0.9 0.9 0.9 0.9 0.9 0.64 0.64 0.64 0.48 0.48 0.48
s PART NUMBER SYSTEM
EP2-B3L1ST
Type Nil : Standard type B : High current type 3 : 225 10% 4 : 300 10% L : Silver oxide complex alloy type I N : Silver oxide complex alloy type II G : Silver oxide complex alloy (High current type) Carrying Current Capacity Coil Resistance (at 25C) Contact Material Wiring Enclosure Operate Voltage (at 25C) Nil : H bridge type T : Sparate type Nil : Unsealed S : Ssaled 1: 2: 3: 4: 5: 6.5 V max. 7.0 V max. 7.5 V max. 8.0 V max. 8.5 V max.
4
s DIMENSIONS
mm (inch)
[H Bridge Type]
23.8 0.5 (0.94) 16.2 0.5 (0.64)
[Separate (T) Type]
23.8 0.5 (0.94) 0.5(0.02) 16.0 0.5 (0.63) 35 (0.14)
2 1
16.2 0.5 (0.64)
0.5(0.02)
35 (0.14)
16.0 0.5 (0.63)
10.1 8.0
(0.4) (0.31)
(0.14)
2-0.5 x 1.1 (0.02 x 0.04)
10.1 8.0
(0.4) (0.31)
(0.14)
4-0.5 x 1.1 (0.02 x 0.04) 2.2 (0.09) 3.1(0.12)
3.1(0.12)
2.2(0.09)
3.5
3.5
5.45 (0.21)
3.1 (0.12)
2.2 (0.09)
2.2 (0.09)
(0.14) 3.5 (0.31) (0.4)
8.0 10.1
2-1.3 x 1.3 (0.05 x 0.05) 4- 0.6 ( 0.02)
(0.14) 3.5 (0.31) (0.4)
8.0 10.1
2-1.3 x 1.3 (0.05 x 0.05) 4- 0.6 ( 0.02)
s PCB PAD LAYOUT and SCHEMATICS [H Bridge Type]
(bottom view) mm (inch)
[Separate (T) Type]
4-1.1 +0.1 -0 ( 0.043)
2 1 3 4 8
4-1.1 +0.1 -0 ( 0.043)
2-1.5 +0.1 -0 ( 0.059)
4-1.5 +0.1 -0 ( 0.059)
39 4 10 66 (Unit A) 8 7
2-1.9 +0.1 -0 ( 0.075)
56 (Side A)
7
(Side B)
2-1.9 +0.1 -0 ( 0.075)
6.4 (0.25)
(Unit B)
5.45 (0.21)
6.4 (0.25)
SPECIFICATIONS
Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Contact Carrying Current Operate Time Release Time Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Ambient Temperature Coil Temperature Rise Life Expectancy Weight Mechanical Electrical Standard High Specification 1 form C x 2 [H Bridge Type & Separate Type] Silver oxide complex alloy (Special types available) 50 m max. (measured at 7 A) initial 30 Vdc max. 5 Vdc min. 25 A max. (at 16 Vdc) 1 A min. 20 A max. (2 minutes max.) (at 12 Vdc, 85C) 25 A max. (2 minutes max.) (at 12 Vdc, 85C) Approx. 5 ms max. (at 12 Vdc, excluding bounce) initial Approx. 2 ms max. (at 12 Vdc, excluding bounce) initial, without diode 0.48 W/0.64 W (at 12 Vdc) 100 M min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) -40C to +85C (-40 F to +185F) 50C/ W (contact carrying current 0 A) 1 x 106 operations 1 x 105 operations (at 14 Vdc, Motor Load 20 A/3 A) Approx. 15 gr.
5.45 (0.21)
6.4 (0.25) 5.45 (0.21)
at 25C (77F)
5
EP1 Series
FEATURES
q q q q q
33% Iess relay space than conventional relays (MR301 Series) High performance & productivity by unique structure Flux tight housing Delivered in stick-tube for automatic insertion machine Washable type available
PART NUMBERS AND COIL RATINGS
Part Numbers Standard Type EP1-3L1 EP1-3L2 EP1-3L3 EP1-4L3 EP1-4L4 EP1-4L5 High Current Type EP1-B3G1 EP1-B3G2 EP1-B3G3 EP1-B4G3 EP1-B4G4 EP1-B4G5 Nominal Voltage (Vdc) 12 12 12 12 12 12 Coil Resistance ( 10%) 225 225 225 300 300 300 Nominal Current (mA) 53.3 53.3 53.3 40.0 40.0 40.0
at 25C (77F) Must Must Nominal Operate Voltage Release Voltage Operate Power (Vdc max.) (Vdc min.) (W) 6.5 7.0 7.5 7.5 8.0 8.5 0.9 0.9 0.9 0.9 0.9 0.9 0.64 0.64 0.64 0.48 0.48 0.48
s PART NUMBER SYSTEM
EP1-B3L1S
Type Enclosure Null : Unsealed S : Sealed 1: 2: 3: 4: 5: 6.5 V max. 7.0 V max. 7.5 V max. 8.0 V max. 8.5 V max.
Nulll : Standard B : High current
Load Current Capability
Operate Voltage (at 25C)
3 : 225 10% 4 : 300 10%
Coil Resistance (at 25C)
Contact Material
L : Silver oxide complex alloy (for Standard) G : Silver oxide complex alloy (for High current)
6
s DIMENSIONS
mm (inch)
14.6 0.5 (0.59)
16.2 0.5 (0.64)
16.0 0.5 3.5
0.5 (0.02)
10.1 (0.4) 2- 0.6 ( 0.02)
2.2 (0.21) (0.09) 5.45
2.65 (0.1)
4.5 3.5 (0.18) (0.14)
1.3 x 1.3 (0.05 x 0.05)
2-0.5 x 1.1 (0.02 x 0.04)
s PCB PAD LAYOUT and SCHEMATICS
2-1.1 +0.1 -0 ( 0.043)
(0.25) (0.12)
6.4
3.1
(0.14)
(0.63)
(bottom view) mm (inch)
2-1.5 +0.1 -0 ( 0.059)
1
2
3 4
1.9 +0.1 -0 ( 0.075)
5
SPECIFICATIONS
Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Standard High Operate Time (Excluding bounce) Release Time (Excluding bounce) Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Coil Temperature Rise Ambient Temperature Mechanical Life Expectancy Electrical Weight Contact Carrying Current Specification 1 form C Silver oxide complex alloy 50 M max. (measured at 7 A) initial 30 Vdc max. 5 Vdc min. 25 A max. (at 16 Vdc) 1 A min. 25 A max. (2 minutes max.) (at 12 Vdc, 85C) 30 A max. (2 minutes max.) (at 12 Vdc, 85C) Approx. 5 ms max. (at 12 Vdc) initial Approx. 2 ms max. (at 12 Vdc) initial, without diode 0.48 W/0.64 W (at 12 Vdc) 100 M min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) 50C/ W (Contact Carrying Current: 0 A) -40 to +85C (-40 to +185F) 106 operations 105 operations (at 14 Vdc, Motor Load 20 A/3 A) Approx. 8 g
at 25C (77F)
7
MR301 Series
FEATURES
q q q q q
Medium load applications such as interval wipers and stereo Delivered in stick-tube for automatic insertion machine Flux tight housing Washable type available High standoff type (0.8 mm) available ("L" suffix)
PART NUMBERS AND COIL RATINGS
Part Numbers 5 A Type MR301-6SL MR301-9SL MR301-N39L MR301-12SL 10 A Type MR301-6HSL MR301-9HSL MR301-N40L MR301-12HSL 15 A Type MR301-6ESL MR301-9ESL MR301-N40EL MR301-12ESL Nominal Voltage (Vdc) 6 9 12 12 Coil Resistance ( 10%) 100 225 320 400 Nominal Current (mA) 60 40 38 30
at 25C (77F) Must Must Nominal Operate Voltage Release Voltage Operate Power (Vdc max.) (Vdc min.) (W) 4.2 6.3 8.0 8.4 0.6 0.9 1.2 1.2 0.36 0.36 0.45 0.36
DIMENSIONS mm (inch)
22.5 (0.89) Max.
16.5 (0.65) Max.
SCHEMATIC (BOTTOM VIEW)
5 3 1 4 2
PCB PAD LAYOUT mm (inch) (BOTTOM VIEW)
16.7(0.66)Max.
'L:17.0Max." 3.5 (0.14) 'L:3.0"
0.3 (0.01) 'L:0.8"
12.2 2 (0.48) (0.08)
2.3 (0.09)
1.8 ( 0.07)
2.3 (0.09) 12 (0.47)
12.2 (0.08)
2 (0.08)
1.6 ( 0.06)
s NUMBERING SYSTEM
1. MR301-6HUSL
Type Cover Nil : 16.7 mm max. height (including 0.3 mm stand off) Color - Black L : 17.0 mm max. height (including 0.8 mm stand off) Color - Gray Nil : Unsealed S : Sealed Nil : Standard type U : UL, CSA recognized type
6 : 6 V, DC 9 : 9 V, DC 12 : 12 V, DC
Nominal Coil voltage (at 25C) Enclosure
Hil : 5 A type H : 10 A type E : 15 A type (E type is not recognized by UL and CSA)
Contacts
Recognition
2.
Type Custom code
MR301-N E L
Cover Contacts The same to item No.1 Nil : 5 A or 10 A type E : 15 A type
8
12 (0.47)
SPECIFICATIONS
Items Contact Form Contact Material Contact Resistance Contact Switching Voltage Contact Switching Current Contact Carrying Current Operate Time Release Time Nominal Operate Power Insulation Resistance Breakdown Voltage Shock Resistance Vibration Resistance Ambient Temperature Coil Temperature Rise Life Expectancy Weight Mechanical Electrical 1 form C Silver nickel alloy 100 m max. (measured at 0.5 A) initial 30 Vdc max. 5 Vdc min. 5 A max. (at 16 Vdc) 0.1 A min. 20 A max. (at 12 Vdc) Approx. 5 ms max. (at I 2 Vdc, excluding bounce) initial Approx. 2 ms max. (at I 2 Vdc, excluding bounce) initial, without diode 0.36 W/0.45 W (Nominal Voltage) 100 M min. (at 500 Vdc) initial 500 Vdc min. (for 1 minute) initial 98 m/s2 [Approx. 10 G] min. (misoperating) 10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating) -40C to +85C (-40F to +185F) 50C/ W (contact carrying current 0 A) 1 x 106 operations 1 x 105 operations (at 14 Vdc, Motor Load 20 A/3 A) (E-Contact) Approx. 13 gr 15/20 A max. (at 16 vdc) Silver oxide complex alloy 5 A Type 10/15 A Type
at 25C (77F)
100 m max. (measured at 2 A) initial
1 A min.
9
s NOTICE
(1) Capacitive load If the load is capacitive, an inrush current to charge the load with poses a problem. In this case, a current-limiting resistor or surge suppressor coil is connected in series to the contacts to suppress the peak current. (2) Clinching terminals To secure the relay temporarily to a printed circuit board for soldering, particular terminals are allowed to be clinched within a particular angle. other terminals, never clinched. The terminal numbers and the angle for clinching of each series are as follows. 1) No.4 and no.5 terminals to 45 maximum for H bridge type of EN2 and EP2 2) No.5 and no.9 terminals to 45 maximum for separate type of EN2 and EP2 3) No.4 and no.5 terminals to 45 maximum for EP1 4) No.1, 4 and no.5 terminals to 45 maximum for MR301 (3) Drive circuit Since the coil of a relay has an inductive impedance, a counter electromotive force is generated when the circuit is opened. This voltage may damage the relay driver IC. Therefore, a diode is connected in parallel with the coil, as shown in figure 1.
Figure 1
(4) Typical application for EN2/EP2 relays (H bridge type)
MOTOR STOP FORWARD REVERSE Tr1 off on off Tr2 off off on
M
Tr1
Tr2 100 ms min.
10
APPLICATIONS
Interv
al wip er Autodoor mirro Autom r otive teleph one
Wind ow lif ter
Trans missio n con trol Car Air co stereo nditio ner Autospeed contro l drive Centr al Auto- door interlo seat p ositio ck ning Passiv e sea t belt contro l Slidin g roo f cont rol
Car sk
id pro tectio n con trol Car b ody h eight contro l
Anten na lift er
11
No part of this document may be copied in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or of others.


▲Up To Search▲   

 
Price & Availability of MR301-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X