|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MM74C14 Hex Schmitt Trigger October 1987 Revised January 1999 MM74C14 Hex Schmitt Trigger General Description The MM74C14 Hex Schmitt Trigger is a monolithic complementary MOS (CMOS) integrated circuit constructed with N- and P-channel enhancement transistors. The positive and negative going threshold voltages VT+ and VT-, show low variation with respect to temperature (typ. 0.0005V/C at VCC = 10V), and hysteresis, VT+ - VT- 0.2 VCC is guaranteed. All inputs are protected from damage due to static discharge by diode clamps to VCC and GND. Features s Wide supply voltage range: s High noise immunity: 0.4 VCC (typ.) s Hysteresis: 3.0V to 15V 0.70 VCC (typ.) s Low power: TTL compatibility: 0.2 VCC guaranteed 0.4 VCC (typ.): 0.2 VCC guaranteed Ordering Code: Order Number MM74C14M MM74C14N Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Connection Diagram Pin Assignments for DIP and SOIC Top View (c) 1999 Fairchild Semiconductor Corporation DS005879.prf www.fairchildsemi.com MM74C14 Absolute Maximum Ratings(Note 1) Voltage at Any Pin Operating Temperature Range Storage Temperature Range Power Dissipation Dual-In-Line Small Outline Operating VCC Range 700 mW 500mW 3.0V to 15V -0.3Vto VCC + 0.3V -40C to +85C -65C to +150C Absolute Maximum VCC Lead Temperature (Soldering, 10 seconds) 18V 260C Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. Except for "Operating Temperature Range" they are not meant to imply that the devices should be operated at these limits. The Electrical Characteristics tables provide conditions for actual device operation. DC Electrical Characteristics Min/Max limits apply across the guaranteed temperature range unless otherwise noted Symbol CMOS TO CMOS VT+ Positive Going Threshold Voltage VCC = 5V VCC = 10V VCC = 15V VT- Negative Going Threshold Voltage VCC = 5V VCC = 10V VCC = 15V VT+-VT- Hysteresis VCC = 5V VCC = 10V VCC = 15V VOUT(1) VOUT(0) IIN(1) IIN(0) ICC Logical "1" Output Voltage Logical "0" Output Voltage Logical "1" Input Current Logical "0" Input Current Supply Current VCC = 5V, IO = -10 A VCC = 10V, IO = -10 A VCC = 5V, IO = 10 A VCC = 10V, IO = 10 A VCC = 15V, VIN = 15V VCC = 15V, VIN = 0V VCC = 15V, VIN = 0V/15V VCC = 5V, VIN = 2.5V (Note 2) VCC = 10V, VIN = 5V (Note 2) VCC = 15V, VIN = 7.5V (Note 2) CMOS/LPTTL INTERFACE VIN(1) VIN(0) VOUT(1) VOUT(0) Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage VCC = 5V VCC = 5V 74C, VCC = 4.75V, IO = -360 A 74C, VCC = 4.75V, IO = 360 A 2.4 0.4 4.3 0.7 V V V V -1.0 0.005 -0.005 0.05 20 200 600 15 3.0 6.0 9.0 0.7 1.4 2.1 1.0 2.0 3.0 4.5 9.0 0.5 1.0 1.0 3.6 6.8 10.0 1.4 3.2 5.0 2.2 3.6 5.0 4.3 8.6 12.9 2.0 4.0 6.0 3.6 7.2 10.8 V V V V V V V V V V V V V A A A A A A Parameter Conditions Min Typ Max Units OUTPUT DRIVE (see Family Characteristics Data Sheet) TA = 25C (Short Circuit Current) ISOURCE ISOURCE ISINK ISINK Output Source Current (P-Channel) Output Source Current (P-Channel) Output Sink Current (N-Channel) Output Sink Current (N-Channel) Note 2: Only one of the six inputs is at 1/2 VCC; the others are either at VCC or GND. VCC = 5V, VOUT = 0V VCC = 10V, VOUT = 0V VCC = 5V, VOUT = VCC VCC = 10V, VOUT = VCC -1.75 -8.0 1.75 8.0 -3.3 -15 3.6 16 mA mA mA mA www.fairchildsemi.com 2 MM74C14 AC Electrical Characteristics TA = 25C, CL = 50 pF, unless otherwise specified Symbol tPD0 tPD1 CIN CPD Parameter Propagation Delay from Input to Output Input Capacitance Power Dissipation Capacitance (Note 3) Conditions VCC = 5V VCC = 10V Any Input (Note 4) Per Gate (Note 5) Min Typ 220 80 5.0 20 Max 400 200 Units n ns pF pF Note 3: AC Parameters are guaranteed by DC correlated testing. Note 4: Capacitance is guaranteed by periodic testing. Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note-- AN-90. Typical Applications Low Power Oscillator Note: The equations assume t1 + t2 >> tpd0 +tpd1 3 www.fairchildsemi.com MM74C14 Typical Performance Characteristics Typical Transfer Characteristics Guaranteed Trip Point Range Note: For more information on output drive characteristics, power dissipation, and propagation delays, see AN-90. www.fairchildsemi.com 4 MM74C14 Physical Dimensions inches (millimeters) unless otherwise noted 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A 5 www.fairchildsemi.com MM74C14 Hex Schmitt Trigger Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. |
Price & Availability of MM74C14 |