Part Number Hot Search : 
MT48LC8 TGA45 B1010 1201G T2308 T2308 T2308 ALD470
Product Description
Full Text Search
 

To Download MJE13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJE13003
FEATURES Power dissipation PCM : 1.25
NPN SILICON TRANSISTOR
TO 126
W
Tamb=25
1.BASE 2.COLLECTOR 3.EMITTER
Collector current 1.5 A ICM : Collector-base voltage V(BR)CBO : 700 V
123
ELECTRICAL CHARACTERISTICS
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current
Tamb=25
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO HFE
1
unless otherwise specified
Test Ic= 1000 Ic= 10 IE= 1000 VCB= 700 VCE= 400 VEB= 9 conditions A mA A V V V IE=0 IB=0 IC=0 IE=0 IB=0 IC=0 8 5 1 1.2 3 5 0.5 2.5 V V V MHz s s MIN 700 400 9 1000 500 1000 40 TYP MAX UNIT V V V A A A
VCE= 10 V, IC= 150 mA VCE= 10 V, IC= 0.5 mA IC=1000mA,IB= 250 mA IC=1000mA, IB= 250mA IE= 2000 mA VCE=10V,Ic=100mA f =1MHz IC=1A, IB1=-IB2=0.2A
DC current gain(note) HFE Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter voltage Transition frequency Fall time Storage time
2
VCE(sat) VBE(sat) VBE fT tf ts
VCC=100V
CLASSIFICATION OF HFE(1)
Rank Range 8-15 15-20 20-25 25-30 30-35 35-40
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of MJE13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X