Part Number Hot Search : 
TSOP17 NTR4170N D4812 BR401 ADUM5242 OT12N5 BTA212 F1310N
Product Description
Full Text Search
 

To Download MC14034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14034B 8-Bit Universal Bus Register
The MC14034B is a bidirectional 8-bit static parallel/serial, input/output bus register. The device contains two sets of input/output lines which allows the bidirectional transfer of data between two buses; the conversion of serial data to parallel form, or the conversion of parallel data to serial form. Additionally the serial data input allows data to be entered shift/right, while shift/left can be accomplished by hard-wiring each parallel output to the previous parallel bit input. Other useful applications for this device include pseudo-random code generation, sample and hold register, frequency and phase-comparator, address or buffer register, and serial/parallel input/output conversions. * * * * Bidirectional Parallel Data Input Diode Protection on All Inputs Supply Voltage Range = 3.0 Vdc to 18 Vdc Capable of Driving Two Low-power TTL Loads or One Low-power Schottky TTL Load Over the Rated Temperature Range. * Pin-for-Pin Replacement for CD4034B. MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol VDD Parameter DC Supply Voltage L SUFFIX CERAMIC CASE 623
P SUFFIX PLASTIC CASE 709
DW SUFFIX SOIC CASE 751E
ORDERING INFORMATION
MC14XXXBCP MC14XXXBCL MC14XXXBDW Plastic Ceramic SOIC
IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I III I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIII I IIIIIIII I I I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIII
Value Unit V V - 0.5 to + 18.0 Vin, Vout lin, lout PD Input or Output Voltage (DC or Transient) - 0.5 to VDD + 0.5 10 500 Input or Output Current (DC or Transient), per Pin Power Dissipation, per Package Storage Temperature mA mW Tstg TL - 65 to + 150 260
TA = - 55 to 125C for all packages.
PIN ASSIGNMENT
B8 B7 B6 B5 B4 B3 B2 B1 A ENABLE 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD A8 A7 A6 A5 A4 A3 A2 A1 C A/S P/S
_C _C
Lead Temperature (8-Second Soldering)
* Maximum Ratings are those values beyond which damage to the device may occur. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C Ceramic "L" Packages: - 12 mW/_C From 100_C To 125_C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
DS A/B VSS
REV 3 1/94
(c)MOTOROLA CMOS LOGIC DATA Motorola, Inc. 1995
MC14034B 135
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I IIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I I I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I I I I II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III I I I I I I I I I I II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I III IIII I III IIIIIIIIIIIIIIIII II II II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II II III I IIIII IIIIII IIII I I I II II II III I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
** The formulas given are for the typical characteristics only at 25_C. #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL - 50) Vfk where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.004.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
3-State Output Leakage Current
Total Supply Current** (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching)
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc)
Output Voltage Vin = VDD or 0
MC14034B 136
(VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) Vin = 0 or VDD (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Characteristic "1" Level "1" Level "0" Level Source Sink Symbol VOH VOL IOH IDD VIH IOL Cin VIL ITL Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 15 -- - 1.2 - 0.25 - 0.62 - 1.8 4.95 9.95 14.95 0.64 1.6 4.2 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- -- - 55_C 0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.95 9.95 14.95 - 1.0 - 0.2 - 0.5 - 1.5 0.51 1.3 3.4 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- -- 0.00001 0.0001 - 1.7 - 0.36 - 0.9 - 3.5 Typ # 0.010 0.020 0.030 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0
IT = (2.2 A/kHz) f + IDD IT = (4.4 A/kHz) f + IDD IT = (6.6 A/kHz) f + IDD
MOTOROLA CMOS LOGIC DATA
0.1 0.1 0.05 0.05 0.05 Max 5.0 10 20 7.5 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- - 0.7 - 0.14 - 0.35 - 1.1 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- -- 125_C 3.0 1.0 0.05 0.05 0.05 Max 150 300 600 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- mAdc mAdc Adc Adc Adc Adc Unit Vdc Vdc Vdc Vdc pF
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II III I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII III II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 Min -- -- -- -- -- -- Typ # 180 90 65 100 50 40 Max 360 180 130 200 100 80 Unit ns Output Rise Time A or B tTLH = (3.0 ns/pF) CL + 30 ns tTLH = (1.5 ns/pF) CL + 15 ns tTLH = (1.1 ns/pF) CL + 10 ns Output Fall Time A or B tTHL = (1.5 ns/pF) CL + 25 ns tTHL = (0.75 ns/pF) CL + 12.5 ns tTHL = (0.55 ns/pF) CL + 9.5 ns tTHL ns Propagation Delay Time A (B) Synchronous Parallel Data Input, B (A) Parallel Data Output tPLH, tPHL = (1.7 ns/pF) CL + 440 ns tPHL, tPHL = (0.66 ns/pF) CL + 172 ns tPLH, tPHL = (0.5 ns/pF) CL + 120 ns tPLH, tPHL ns 5.0 10 15 -- -- -- 525 205 145 1050 410 290 Propagation Delay Time A (B) Asynchronous Parallel Data Input B (A) Parallel Data Output tPLH, tPHL = (1.7 ns/pF) CL + 420 ns tPLH, tPHL = (0.66 ns/pF) CL + 147 ns tPLH, tPHL = (0.5 ns/pF) CL + 105 ns Clock Pulse Width tPLH, tPHL ns 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 -- -- -- 505 180 130 170 70 55 2.5 6.0 8.0 -- -- -- 1010 360 260 -- -- -- tWH 340 140 110 -- -- -- -- -- -- ns Clock Pulse Frequency fcl 1.2 3.0 4.0 15 5 4 -- -- -- -- -- -- MHz Clock Pulse Rise tTLH, tTHL s A, B Input Setup Time tsu 100 45 35 600 270 200 35 15 12 ns High Level SE, P/S, A/S Pulse Width tWH 200 90 80 ns * The formulas given are for the typical characteristics only at 25_C. #Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance.
TRUTH TABLE
"A" Enable 0 0 0 0 0 0 1 1 1 1 1 1
P/S 0 0 1 1 1 1 0 0 1 1 1 1
A/B 0 1 0 0 1 1 0 1 0 0 1 1
A/S X X 0 1 0 1 X X 0 1 0 1
Mode Serial Serial Parallel Parallel Parallel Parallel Serial Serial Parallel Parallel Parallel Parallel
Operation Synchronous Serial data input, A and B Parallel data outputs disabled. Synchronous Serial data input, B-Parallel data output. B Synchronous Parallel data inputs, A-Parallel data outputs disabled. B Asynchronous Parallel data inputs, A-Parallel data outputs disabled. A-Parallel data inputs disabled, B-Parallel data outputs. A-Parallel data inputs disabled, B-Parallel data outputs. Synchronous serial data input, A-Parallel data output. Synchronous serial data input, B-Parallel data output. B-Synchronous Parallel data input, A-Parallel data output. B-Asynchronous Parallel data input, A-Parallel data output. A-Synchronous Parallel data input, B-Parallel data output. A-Asynchronous Parallel data input, B-Parallel data output.
X = Don't Care Outputs change at positive transition of clock in the serial mode and when the A/S input is low in the parallel mode. During transfer from parallel to serial operation, A/S should remain low in order to prevent DS transfer into flip-flops.
MOTOROLA CMOS LOGIC DATA
MC14034B 137
EXPANDED BLOCK DIAGRAM
DATA A4 A5
A1 SERIAL DATA INPUT ENABLE A A/B PARALLEL/SERIAL P/S ASYN/SYN A/S CLOCK B1 CONTROL LOGIC
A2
A3
A6
A7
A8
8-BIT REGISTER
B2
B3
B4 B5 DATA
B6
B7
B8
OPERATING CHARACTERISTICS
The MC14034B is composed of eight register cells connected in cascade with additional control logic. Each register cell is composed of one "D" master-slave flip-flop with separate internal clocks, and two data transfer gates allowing the data to be transferred bi-directionally from bus A to bus B and from bus B to bus A, and to be memorized. Besides the single phase clock and the serial data inputs, the control logic provides four other features: A Enable Input -- When high, this input enables the bus A data lines. A/B Input (Data A or B) -- This input controls the direction of data flow: when high, the data flows from bus A to bus B; when low, the data flows from bus B to bus A. P/S Input (Parallel/Serial) -- This input controls the data input mode (parallel or serial). When high, the data is transferred to the register in a parallel asynchronous mode or a parallel synchronous mode (positive clock transition). When low, the data is entered into the register in a serial synchronous mode (positive clock transition). A/S Input (Asynchronous/Synchronous to the Clock) -- When this input is high, the data is transferred independently from the clock rate; when low, the clock is enabled and the data is transferred synchronously.
LOGIC DIAGRAM
A1 16
A2 A3 A4 A5 A6 A7 17 18 19 20 21 22
A8 23
VDD A ENABLE 9 *D FLIP- FLOP 6 STAGES (SAME AS STAGE 1) CS VDD
DQ CM CS
VDD
A/B 11 SERIAL DATA 10 PARALLEL SERIAL 13
*D FLIP FLOP
CM
ASYN/SYN 14 CLOCK 15
8 B1
765432 B2 B3 B4 B5 B6 B7
1 B8
MC14034B 138
MOTOROLA CMOS LOGIC DATA
INPUT A(B) tsu 20 ns CLOCK 50% tPLH OUTPUT B(A) tTLH tTHL 90% 10% tPHL 20 ns
Figure 1. Propagation Delay and Transition Times Waveforms
PROPAGATION AND TRANSITION TIME TEST CIRCUITS
VDD VDD CL
A1 A2 A3 A4 A5 A6 A7 A8 A ENABLE PROGRAMMABLE PULSE GENERATOR P/S DS A/B A/S C B1 B2 B3 B4 B5 B6 B7 B8 VSS CL PROGRAMMABLE PULSE GENERATOR
A1 A2 A3 A4 A5 A6 A7 A8 A ENABLE P/S DS A/B A/S C B1 B2 B3 B4 B5 B6 B7 B8
VSS
Figure 2. A Synchronous Data Input, B Parallel Data Output and Setup Time
Figure 3. B Synchronous Data Input, A Parallel Data Output and Setup Time
MOTOROLA CMOS LOGIC DATA
MC14034B 139
VDD
20 ns A1 A2 A3 A4 A5 A6 A7 A8 AE P/S PROGRAMMABLE PULSE GENERATOR DS A/B A/S C B1 B2 B3 B4 B5 B6 B7 B8 VSS CL CL CL CL CL CL CL CL DS 90% 10% CLOCK tWH tWL 50% 20 ns 1/f tWH = tWL = 50% DUTY CYCLE 90% 50% 10%
20 ns VDD VSS
VDD VSS
20 ns
Figure 4. Power Dissipation Test Circuit and Waveforms
VDD A1 A2 A3 A4 A5 A6 A7 A8 A ENABLE SERIAL DATA VDD P/S DS A/B A/S C B1 B2 B3 B4 B5 B6 B7 B8 P/S A/S CLOCK MC14034B VDD
VDD A1 A2 A3 A4 A5 A6 A7 A8 A ENABLE SERIAL DATA P/S DS A/B A/S C B1 B2 B3 B4 B5 B6 B7 B8 SERIAL DATA
Figure 5. 16-Bit Parallel In/Parallel Out, Parallel In/Serial Out, Serial In/Parallel Out, Serial In/Serial Out Register
MC14034B 140
MOTOROLA CMOS LOGIC DATA
SHIFT LEFT OUTPUT
A ENABLE
AE P/S SHIFT RIGHT OUTPUT A1 AE A8 A1 AE P/S DS A/B A/S B8 CB1 B8 SHIFT LEFT INPUT* REGISTER 2 MC14034B A8
SHIFT LEFT/ SHIFT RIGHT
SHIFT RIGHT INPUT
REGISTER 1 MC14034B
P/S DS A/B A/S
CLOCK
C B1
A/S PARALLEL ENTRY
A/S COCK AE A1 AE P/S DS A/B A/S C B1 B8 REGISTER 3 MC14034B A8 A1 AE P/S DS A/B A/S C B1 B8 REGISTER 4 MC14034B A8
VDD
VDD
A "High" ("Low") on the Shift Left/Shift Right input allows serial data on the Shift Left Input (Shift Right Input) to enter the register on the positive transition of the lock signal. A "high" on the "A" Enable Input disables the "A" parallel data lines on Reg. 1 and 2 and enables the "A" data lines on registers 3 and 4 and allows parallel data into registers 1 and 2. Other logic schemes may be used in place of registers 3 and 4 for parallel loading. When parallel inputs are not used, Reg. 3 and 4 and associated logic are not required. *Shift left input must be disabled during parallel entry.
Figure 6. Shift Right/Shift Left with Parallel Inputs
MOTOROLA CMOS LOGIC DATA
MC14034B 141
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 623-05 ISSUE M
24 13 NOTES: 1. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 2. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION (WHEN FORMED PARALLEL). DIM A B C D F G J K L M N MILLIMETERS MIN MAX 31.24 32.77 12.70 15.49 4.06 5.59 0.41 0.51 1.27 1.52 2.54 BSC 0.20 0.30 3.18 4.06 15.24 BSC 0_ 15 _ 0.51 1.27 INCHES MIN MAX 1.230 1.290 0.500 0.610 0.160 0.220 0.016 0.020 0.050 0.060 0.100 BSC 0.008 0.012 0.125 0.160 0.600 BSC 0_ 15_ 0.020 0.050
B
1 12
A
SEATING PLANE
F
C
L G D N K M J
P SUFFIX PLASTIC DIP PACKAGE CASE 709-02 ISSUE C
24 13 NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 31.37 32.13 13.72 14.22 3.94 5.08 0.36 0.56 1.02 1.52 2.54 BSC 1.65 2.03 0.20 0.38 2.92 3.43 15.24 BSC 0_ 15_ 0.51 1.02 INCHES MIN MAX 1.235 1.265 0.540 0.560 0.155 0.200 0.014 0.022 0.040 0.060 0.100 BSC 0.065 0.080 0.008 0.015 0.115 0.135 0.600 BSC 0_ 15_ 0.020 0.040
B
1 12
A N K H G F D
SEATING PLANE
C
L
M
J
MC14034B 142
MOTOROLA CMOS LOGIC DATA
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751E-04 ISSUE E
-A-
24 13 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE X 45 _
M
22X
G
K
DIM A B C D F G J K M P R
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA CMOS LOGIC DATA
*MC14034B/D*
MC14034B MC14034B/D 143


▲Up To Search▲   

 
Price & Availability of MC14034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X