Part Number Hot Search : 
CS51414G BD5020 CH5312 3N255 SZ65D0 XC610 DB157G P0808
Product Description
Full Text Search
 

To Download MBRB1530CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRB1530CT - MBRB1545CT
15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 150A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material - UL Flammability Classification 94V-0
E A
4
G H J
D2PAK Dim A B C D E G Min 9.65 14.60 0.51 2.29 4.37 1.14 1.14 8.25 0.30 2.03 2.29 Max 10.69 15.88 1.14 2.79 4.83 1.40 1.40 9.25 0.64 2.92 2.79
B
1 2 3
M
Mechanical Data
* * * * * * Case: D PAK Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Approx. Weight: 1.7 grams Mounting Position: Any Marking: Type Number
2
H
D C
PIN 1 PIN 3
K L
PIN 2 & 4
J K L M
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 105C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage, per Element (Note 4) Voltage Rate of Change Peak Reverse Current at Rated DC Blocking Voltage Maximum Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Terminal (Note 1) Operating and Storage Temperature Range @TA = 25C @ TA = 100C @ IF = 7.5A Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM dv/dt IRM trr Cj RqJT Tj, TSTG
@ TA = 25C unless otherwise specified
MBRB 1530CT 30 21
MBRB 1535CT 35 24.5 15 150 0.7
MBRB 1540CT 40 28
MBRB 1545CT 45 31.5
Unit V V A A V V/s mA ns pF K/W C
10,000 0.1 15 30 250 3.0 -65 to +150
Notes:
1. Thermal resistance: junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A (see figure 1). 4. 300s pulse width, 2% duty cycle.
DS13015 Rev. B-2
1 of 2
MBRB1530CT-MBRB1545CT
16
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
100
I(AV), AVERAGE FORWARD CURRENT (A)
10
12
8
1.0
4
Tj = 25C Pulse width = 300 s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Fwd Current Derating Curve
0.1 0.2 0.4 0.6 0.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics per Element
1000
Tj = 25C f = 1MHz
300
IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
200
Cj, JUNCTION CAPACITANCE (pF)
250
150
100
100
50
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
10 0.1 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
Tj = 75C
1.0
Tj = 25C
0.1
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics, per element
DS13015 Rev. B-2
2 of 2
MBRB1530CT-MBRB1545CT


▲Up To Search▲   

 
Price & Availability of MBRB1530CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X