Part Number Hot Search : 
SA571DR2 PST8418 M1A69 2N5612A XXXWX NTE7037 1117A D1706
Product Description
Full Text Search
 

To Download MBR0530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR0520 THRU MBR05100
0.5 Amp Schottky Rectifier 20 to 100 Volts
High Current Capability Extremely Low Thermal Resistance For Surface Mount Application Higher Temp Soldering: 250 C for 10 Seconds At Terminals Low Forward Voltage
o
Maximum Ratings
l l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +150 C Maximum Thermal Resistance: 5 C/W Junction to Lead MCC Catalog Number Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 60V 80V 100V
H C
o o o
o
o
SOD123
A B
E
Device Marking R2 R3 R4 R6 R8 RA
MBR0520 MBR0530 MBR0540 MBR0560 MBR0580 MBR05100
D
J G
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR0520 MBR0530 MBR0540 MBR0560 MBR0580-05100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance
DIM
IF(AV) IFSM
0.5A 5.5A
T J=115 oC 8.3ms half sine
A B C D E G H J
VF
0.45V 0.55V 0.55V 0.70V 0.80V 0.2mA
IFM=0.5A T A=25 oC
DIMENSIONS INCHES MM MIN MAX MIN MAX .140 .152 3.55 3.85 .100 .112 2.55 2.85 .055 .071 1.40 1.80 ----.053 ----1.35 .012 .031 0.30 .78 .006 ----0.15 --------.01 ----.25 ----.006 ----.15
SUGGESTED SOLDER PAD LAYOUT
0.093"
NOTE
IR
T J=25 C
0.048"
o
CJ
30pF
Measured at 1.0MHz, V R =4.0 V
0.036"
www.mccsemi.com
MCC
MBR0520 thru MBR05100
Figure 3 Forward Derating Curve 1.2 12 10 1.0 8 .8 Amps .6 Amps .4 2 5 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 6 4 Figure 4 Peak Forward Surge Current
1
2
4
6
8 10 Cycles
20
40
60 80 100
.2
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR0530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X