Part Number Hot Search : 
LT10642 R882M0 MAX810ZW 22102 60005 1093P XSD213 295505
Product Description
Full Text Search
 

To Download MB15C700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS06-80106-2E
SEMICUSTOM
Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
MB15C700 series
s DESCRIPTION
MB15C700 series is a Phase Locked Loop (PLL) frequency synthesizer of pulse swallow operation with built-in VCO suitable for Intermediate Frequency band synthesizer of mobile phones. The VCO can operate option oscillation frequency by an external inductance and capacitor. The PLL reference divider ratio and comparison divider ratio are fixed , so that it is not required to set the divider ratios by a microcontroller externally. BCC-20 plastic package is miniaturized the device and makes it easier to design. It operates with a supply voltage of 2.5 V typ. (PLLVDD, VCOVDD) and low power consumption current 4.5 mA typ. (PLL + VCO at 400 MHz) is realized by pure- CMOS technology.
s FEATURES
<> * Pulse swallow function * 400 MHz High-speed Prescaler : 8/9, 16/17, 32/33 * MASK ROM optinal the comparison and reference dividers : Comparison counter : Main counter : 5 to 4095, Swallow counter : 0 to 31 Reference counter : 5 to 4095 (up to 26 MHZ) * Lock detector circuit: Digital lock detector circuit which is "H" level when PLL is locked.
(Continued)
s PACKAGE
20-pad, plastic BCC
LCC-20P-M04
MB15C700 series
(Continued) * Charge pump options : H type: Super charger circuit for high speed tuning. (IOH = -4.5 mA, IOL = 4.5 mA at PLLVDD = 2.5 V) L type : Low sensitivity charge pump for direct modulation. (IOH = -1.125 mA, IOL = 1.125 mA at PLLVDD = 2.5 V)
<> * Integrates vari-cap for VCO * Operating frequency can be arranged by the number of the external inductor and capacitor connected TANK circuit <> * Low power supply voltage : 2.3 V to 2.7 V * Low power supply current : 4.5 mA typ. (PLLVDD = VCOVDD = 2.5 V, fvco = 400 MHz) * Operating temperature : -20 C to +85 C
s PIN ASSIGNMENT
(Top View)
VCOTNKO VCOout N.C. 18 17 16 15 14 13 12 7 N.C. OSCin 8 9 fout PLLVDD 10 11 PLLPS PLLfin PLLGND PLLDo N.C. N.C.
VCOTNKI VCOGND N.C. VCOCNT VCOPS VCOVDD LD 1 2 3 4 5 20 19
6
LCC-20P-M04
2
MB15C700 series
s PIN DESCRIPTIONS
Pin No. 1 2 3 Symbol VCOGND N.C. VCOCNT I/O I Ground for the VCO. No connection. VCO control voltage input. Connection to PLLDo terminal via LPF. Power saving control for the VCO. (Open is prohibited.) "H" : Normal mode "L" : Power saving mode Power supply voltage input for VCO. Connect to capacitor between GND. Lock detector signal output. LD = "H" : Locking mode or power saving mode LD = "L" : Unlocking mode. No connection. The reference counter input. Connect with a AC coupling capacitor. Test purpose output. This pin is an open drain output. Power supply voltage input for the PLL. Connect to capacitor between GND No connection No connection. PLL charge pump output. Connect to VCOCNT pin via LPF. Ground for the PLL. Prescaler input. Connect with an AC coupling capacitor. Power saving control for the PLL. (Open is prohibited.) "H": Normal mode "L": Power saving mode No connection. VCO output. VCOTANK circuit input. Connect to VCOTNKO pin with inductance and resistance. Connect to capacitor between GND. VCOTANK circuit output. Connect to VCOTNKI terminal with inductance and resistance. Connect to capacitor between GND. (max.2.0 pF) Descriptions
4
VCOPS
I O I O O I
5
VCOVDD
6 7 8 9 10 11 12 13 14 15
LD N.C. OSCin fout PLLVDD N.C. N.C. PLLDo PLLGND PLLfin
16 17 18 19
PLLPS N.C. VCOout VCOTNKI
I O I
20
VCOTNKO
O
3
MB15C700 series
s BLOCK DIAGRAM
PLLVDD 10 OSCin 8 Buffer Amp. Reference counter (R) Phase comparator Lock detector 6 LD 9 fout PLL-Block Output selector Charge pump Swallow counter (A) PLLfin 15 PLLGND 14 Buffer Amp. Prescaler (P) Control circuit VCO-Block Main counter (N) 3 VCOCNT 19 VCOTNKI 20 VCOTNKO 18 VCOout 4 14 5 VCOPS VCOVDD VCOGND 13 PLLDo
PLLPS 16
Power saving control circuit
s FUNCTIONAL DESCRIPTIONS
Divide ratios of the internal counters can be set optionally according to customer requirements. The divide ratio can be calculated using the following equation. fvco = [ (P x N + A) ] x fosc / R Note: N > A, P > A fvco fosc N A P R : Output frequency of Voltage Controlled Oscillator (VCOout up to 400 MHz) : Reference oscillation frequency (up to 26 MHz) : Divide ratio of the main counter (5 to 4095) : Divide ratio of the swallow counter (0 to 31) : Preset divide ratio of dual modulus prescaler (8/9, 16/17, 32/33) : Divide ratio of the reference counter (5 to 4095)
4
MB15C700 series
s ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Output voltage Input voltage Output current Storage temperature VDD Symbol PLLVDD VCOVDD VO VI IO Tstg Rating Min. -0.5 -0.5 -0.5 0 -55 Max. 4.0 VDD+0.5 VDD+0.5 +5.0 +125 Unit V V V mA C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Input voltage Operating temperature VDD Symbol PLLVDD VCOVDD VIN Ta Value Min. 2.3 GND -20 Typ. 2.5 Max. 2.7 VDD +85 Unit V V C
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
5
MB15C700 series
s ELECTRICAL CHARACTERISTICS
(Recommended operating conditions unless otherwise noted.) Value Condition Unit Min. Typ.* Max. PLLVDD = VCOVDD = 2.5 V PLL-Lock (400 MHz) PLLPS = "L" VCOPS = "L" AC coupling by 1000 pF capacitor AC coupling by 1000 pF capacitor AC coupling by 1000 pF capacitor IOH = -0.3 mA IOL = 0.3 mA PLLVDD = 2.5 V VOH = 1.5 V PLLVDD = 2.5 V VOL = 1.0 V PLLVDD = 2.5 V VOH = 1.5 V PLLVDD = 2.5 V VOL = 1.0 V 0 V PLLVDO PLLVDD 100 3 0.5 -100 PLLVDD -0.8 4.5 1.0 -4.5 4.5 -1.125 1.125 10.0 1.0 400 26 100 0.4 mA mA 3.0 nA mA A A MHz MHz Vp-p A V
Parameter Power supply current Power saving current PLLVDD VCOVDD PLLVDD VCOVDD PLLfin Operating frequency OSCin Input sensitivity Input current OSCin OSCin
Symbol IPLL IVCO IPLLPS IVCOPS fin fOSC VOSC IOSC VOH VOL IOH IOL IOH IOL IOFF
Output voltage Charge pump type : H PLLDo Charge pump type : L Output current PLLDo Type : H
Output current PLLDo Type : L High impedance cutoff current
PLLDo
*: PLLVDD = VCOVDD = 2.5 V, Ta = +25 C
6
MB15C700 series
s REFERENCE CHARACTERISTICS
(PLLVDD = VCOVDD = 2.5 V, Ta = +25 C) Value Unit Min. Typ. Max. 4.0 -12 -67 -70 -68 -74 -3 -10 -18 -30 -35 -40 -50 -55 -55 -60 0.5 4.0 VCOVDD - 0.2 ms dBc MHz dBm dBc dBc dBc
Parameter VCO variable range VCO output level SYN reference leakage SYN output S/N SYN output C/N
Symbol f VVCOout Lef1 Lef2 S/N C/N1 C/N2 Lsp1 Lsp2 Lsp3 Lsp4 Lsp5 Lsp6 Lsp7 Lsp8 Lsp9 Lsp10 fr
Condition fVCO1 (at VCOCNT = 0.8 V) - fVCO2 (at VCOCNT = 1.8 V) (fr x 2) 1 kHz 50 kHz 100 kHz 2nd Harmonic (fVCO) 3rd Harmonic ( (fVCO x 2) ) 4th Harmonic ( (fVCO x 3) ) Other ( (fVCO x 4) ) TRX band ( (fVCO x 5) ) TRX band ( (fVCO x 6) ) (fVCO x 7) (fVCO x 8) (fVCO x 9) (fVCO x 10) PLLPS "L" to "H" fVCO within 300 Hz, VVCOout = -12 3 dBm
Spurious
Lock-up time
TLOCK
VCO operating VCNT control voltage range
V
*1 : An external components (inductance and capacitor) connected with VCOTANK are recommended to use an component with nominal value within 2%. *2 : An capacitor connected between VCOTNKO and GND is less than 2.0 pF. *3 : The condition of above reference data is fr 50 kHz.
7
MB15C700 series
s PHASE COMPARATOR OUTPUT WAVE FORM
fr
fp
tWU
tWL
LD
"Z"
PLLDo
"Z" High impedance
Notes : * Phase error detection range : -2 to +2 * Spikes on Do pulse during locking state are output to prevent dead zone * LD output becomes "L" level when phase error is tWU or more. * LD output becomes "H" level when phase error is tWL or less and continues to be so for three cycles or more. * tWU and tWL depend on OSCin input frequency. tWU 8/fOSC [s] : i.e. tWU 625 ns, fOSC = 12.8 MHz tWL 16/fOSC [s] : i.e. tWL 1250 ns, fOSC = 12.8 MHz
8
MB15C700 series
s TYPICAL CHARACTERISTICS
1. fin input sensitivity
fin input sensitivity vs. input frequency
10 5
Input sensitivity Pfin (dBm)
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 0
,,,,,, ,,,,,, ,,,,,,
SPEC 100 200 300 400 500 600 700 800 900
PLLVDD = 2.3 V PLLVDD = 2.5 V PLLVDD = 2.7 V
Input frequency fin (MHz)
2. OSCin input sensitivity
OSCin input sensitivity vs. input frequency
10 5
Input sensitivity VOSC (dBm)
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50
,,,,,,, ,,,,,,,
SPEC
Ta = +25 C, DIV = "H" VCC = 2.4 V VCC = 3.0 V VCC = 3.6 V
0
10
20
30
40
50
60
70
80
90
100
Input frequency fOSC (MHz)
9
MB15C700 series
3. Do output current
IOL
8.0 6.0 4.0 2.0
PLLVDD = 2.5 V Ta = +25 C
IO (mA)
0.0 -2.0 -4.0 -6.0 -8.0 0.00 0.50 1.00 1.50 2.00 2.50 3.00
VO (V)
IOH
8.0 6.0 4.0 2.0
PLLVDD = 2.5 V Ta = +25 C
IO (mA)
0.0 -2.0 -4.0 -6.0 -8.0 0.00 0.50 1.00 1.50 2.00 2.50 3.00
VO (V)
10
MB15C700 series
s REFERENCE CHARACTERISTICS DATA
PLLVDD = VCOVDD = 2.5 V, Ta = +25 C fVCO = 129.55 MHz, OSCin = 12.8 MHz, fr = 50 kHz [Measurement circuit]
VCOTNKI 12 pF 220 nH 510 k DOPLL

3.3 k 2200 pF 3.3 k 22000 pF VCOCNT 3000 pF
VCOTNKO
1.5 pF
1. Measurement result
Parameter VCO variable range f Lref1 (+) Reference leakage Lref1 (-) Lref2 (+) Lref2 (-) S/N S/N C/N1 (+) C/N (BW = 21kHz) C/N1 (-) C/N2 (+) C/N2 (-) Lsp1 Lsp2 Lsp3 Lsp4 Spurious Lsp5 Lsp6 Lsp7 Lsp8 Lsp9 Lsp10 Lock-up time TLOCK Condition fVCO1 (@VCOCNT = 0.8 V) - fVCO2 (@VCOCNT = 1.8 V) +fr -fr + (fr x 2) - (fr x 2) 1 kHz +50 kHz -50 kHz +100 kHz -100 kHz 2nd Harmonic (fVCO) 3rd Harmonic ( (fVCO x 2) ) 4th Harmonic ( (fVCO x 3) ) Other ( (fVCO x 4) ) TRX band ( (fVCO x 5) TRX band ( (fVCO x 6) ) (fVCO x 7) (fVCO x 8) (fVCO x 9) (fVCO x 10) PLLPS "L" to "H" fVCO within 300 Hz, VVCOout = -12 3 dBm Result 8.657 -67.3 -66.7 -72 -72 -71.3 -108 -108 -113 -113 -4.2 -10.8 -23.3 -26.0 -29.2 -35.7 -44.3 -49.2 -51.7 -60.7 0.622 ms dBc dBc/Hz dBc dBc MHz
11
MB15C700 series
2. Characteristics wave form
* VVCOCNT- fVCOout Characteristics
VCOVDD = 2.5 V, Ta = 25 C 134.0
132.0
130.0
fVCOout (MHz)
128.0
126.0
124.0
122.0
120.0 0.0
0.5
1.0 VVCOCNT (V)
1.5
2.0
2.5
* Spectrum Wave Form (Reference Leakage) Ref-leak (50 kHz)
ATTEN 10 dB RL -10.0 dBm 10 dB/ MKR -67.33 dB 50.0 kHz
D S
CENTER 129.5500 MHz RBW 1.0 kHz VBW 100 Hz
SPAN 250.0 kHz SWP 6.30 s
12
MB15C700 series
* Spectrum Wave Form (C/N, S/N, Sprious, Lock-up Time)
C/N (50 kHz)
ATTEN 10 dB RL -10.0 dBm 10 dB/ MKR -108.0 dB/Hz 50.0 kHz
S/N (1 kHz)
ATTEN 10 dB RL -10.0 dBm 10 dB/ MKR -71.33 dB 1.000 kHz
D S
D S
CENTER 129.5504 MHz SPAN 250.0 kHz RBW 1.0 kHz VBW 30 Hz SWP 21.0 s
CENTER 129.550037 MHz SPAN 2.000 kHz RBW 30 Hz VBW 3.0 Hz SWP 3.00 s
Sprious
ATTEN 10 dB RL -10.0 dBm 10 dB/ MKR -4.17 dB 131 MHz
Lock up time (PSmode to Lock, fVCO within 300 Hz)
(hp) Freq C tlk only waiting for trigger 129.554000 MHz
D S 129.550000 MHz
START 120 MHz STOP 1.600 GHz RBW 1.0 MHz VBW 1.0 kHz SWP 5.00 s
129.546000 MHz -1.000 ms
4.000 ms 1.000 ms/div T1 667 s T2 1.289 ms F1 129.549710 MHz F2 129.550290 MHz Std Dev 1.32866 kHz
9.000 ms 622 s 580 Hz
13
MB15C700 series
s APPLICATION EXAMPLE
1000 pF
1 F 15 PLLfin 16 PLLPS 14 PLLGND 13 PLLDo 12 N.C. 11 N.C. PLLVDD 10
17 N.C.
fout 9
18 VCOout
OSCin 8 AC Coupling
19 VCOTNKI
N.C. 7
20 VCOTNKO Max.2.0 pF VCOGND 1 N.C. 2 VCOCNT 3 VCOPS 4
LD 6 VCOVDD 5
LPF 1000 pF 1 F
14
MB15C700 series
s USAGE PRECAUTIONS
To protect against damage by electrostatic discharge, note the following handling precautions: * Store and transport devices in conductive containers. * Use properly grounded workstations, tools, and equipment. * Turn off power before inserting device into or removing device from a socket. * Protect leads with a conductive sheet when transporting a board-mounted device.
s ORDERING INFORMATION
Part number MB15C700PV Package 20-pad, Plastic BCC (LCC-20P-M04) Remarks
15
MB15C700 series
s PACKAGE DIMENSION
20-pad, plastic BCC (LCC-20P-M04)
3.00(.118)TYP 3.600.10(.142.004)
16 11
0.80(.031)MAX (Mounting height)
11
0.250.10 (.010.004)
16
0.250.10 (.010.004) INDEX AREA 3.400.10 (.134.004) 2.70(.106) TYP "D" "A" "B" "C"
0.50(.020) TYP
1
6
6
1
0.0850.04 (.003.002) (Stand off)
0.50(.020) TYP 2.80(.110)REF
0.05(.002)
Details of "A" part 0.500.10 (.020.004)
Details of "B" part 0.500.10 (.020.004)
Details of "C" part 0.500.10 (.020.004) C0.20(.008)
Details of "D" part 0.300.10 (.012.004)
0.600.10 (.024.004)
0.300.10 (.012.004)
0.600.10 (.024.004)
0.400.10 (.016.004)
C
1999 FUJITSU LIMITED C20055S-1C-1
Dimensions in mm (inches)
16
MB15C700 series
s CUSTOMER REQUESTING SPECIFICATIONS
Parameter fVCO fORC N Comparison divider A P R Reference divider fr CP VCO output frequency Reference oscillation frequency Main counter divide ratio Swallow counter divide ratio Prescaler divide ratio Reference counter divide ratio Reference frequency Charge pump type Option 100 to 400 MHz fVCO = [ (P x N) + A] x fr (N > A, P > A) 3 to 26 MHz fOSC = R x fr 5 to 4095 0 to 31 8/9, 16/17 or 32/33 5 to 4095 Option H type (high-speed sync) or L type (Low sensitivity) Typically 4 weeks from spec. fix to the first ES. Requirements
ES request date/qty. CS request date/qty. MP request date/qty. Customer comments
17
MB15C700 series
FUJITSU LIMITED
For further information please contact: Japan FUJITSU LIMITED Corporate Global Business Support Division Electronic Devices KAWASAKI PLANT, 4-1-1, Kamikodanaka, Nakahara-ku, Kawasaki-shi, Kanagawa 211-8588, Japan Tel: +81-44-754-3763 Fax: +81-44-754-3329 http://www.fujitsu.co.jp/ North and South America FUJITSU MICROELECTRONICS, INC. 3545 North First Street, San Jose, CA 95134-1804, U.S.A. Tel: +1-408-922-9000 Fax: +1-408-922-9179 Customer Response Center Mon. - Fri.: 7 am - 5 pm (PST) Tel: +1-800-866-8608 Fax: +1-408-922-9179 http://www.fujitsumicro.com/ Europe FUJITSU MICROELECTRONICS EUROPE GmbH Am Siebenstein 6-10, D-63303 Dreieich-Buchschlag, Germany Tel: +49-6103-690-0 Fax: +49-6103-690-122 http://www.fujitsu-fme.com/ Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE. LTD. #05-08, 151 Lorong Chuan, New Tech Park, Singapore 556741 Tel: +65-281-0770 Fax: +65-281-0220 http://www.fmap.com.sg/ Korea FUJITSU MICROELECTRONICS KOREA LTD. 1702 KOSMO TOWER, 1002 Daechi-Dong, Kangnam-Gu,Seoul 135-280 Korea Tel: +82-2-3484-7100 Fax: +82-2-3484-7111
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. The contents of this document may not be reproduced or copied without the permission of FUJITSU LIMITED. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipments, industrial, communications, and measurement equipments, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Control Law of Japan, the prior authorization by Japanese government should be required for export of those products from Japan.
F0007 (c) FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of MB15C700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X