Part Number Hot Search : 
1SMA10 1N6269CA VN89AB ISL63 80L188 91024 BUP35 1N6274CL
Product Description
Full Text Search
 

To Download MAX4677 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1713; Rev 0; 4/00
2, Quad, SPST, CMOS Analog Switches
General Description
The MAX4677/MAX4678/MAX4679 quad analog switches feature 1.6 max on-resistance (RON) when operating from a dual 5V supply. RON is matched between channels to 0.3 max and is flat (0.4 max) over the specified signal range. Each switch can handle Rail-toRail(R) analog signals. Off-leakage current is 0.1nA at +25C. These switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automated test equipment. They have low power requirements, require less board space, and are more reliable than mechanical relays. The MAX4677 has four normally closed (NC) switches, and the MAX4678 has four normally open (NO) switches. The MAX4679 has two NC and two NO switches and features guaranteed break-before-make switching. The MAX4677/MAX4678/MAX4679 operate from either a single +2.7V to +11V or dual 2.7V to 5.5V supplies, making them ideal for use in digital card applications and single-ended 75 systems. These devices feature a separate logic supply input that operates from +2.7V to V+, allowing independent logic and analog supplies. o On-Resistance 1.6 max o On-Resistance Flatness 0.4 max o On-Resistance Matching 0.3 max o Dual 2.7V to 5.5V or Single +2.7V to +11V Supply Range o TTL/CMOS-Logic Compatible o Crosstalk -84dB at 1MHz o Off-Isolation -65dB at 1MHz o -3dB Bandwidth: 66MHz o Rail-to-Rail Signal Range
Features
MAX4677/MAX4678/MAX4679
Ordering Information
PART MAX4677EUE MAX4677EPE MAX4678EUE MAX4678EPE MAX4679EUE MAX4679EPE TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 DIP 16 TSSOP 16 DIP 16 TSSOP 16 DIP
________________________Applications
Reed Relay Replacement Test Equipment Communications Systems Audio Signal Routing Avionics ADC Systems Data-Acquisition Systems PBX/PABX Systems
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
______________________Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW IN1 1 COM1 2 NC1 3 V- 4 GND 5 NC4 6 COM4
7 16 15
IN2 COM2
IN1 1 COM1 2 NO1
3
16 15 14
IN2 COM2 NO2
IN1 1 COM1 2 NO1
3
16 15 14
IN2 COM2 NC2
14 NC2 13
V+ VL NC3 COM3 IN3
V- 4 GND 5 NO4 6 COM4 7 IN4 8 DIP/TSSOP MAX4678
13 V+ 12 VL 11 NO3 10 COM3 9
V- 4 GND 5 NO4 6 COM4 7 IN4 8 DIP/TSSOP
LOGIC 0 1 MAX4679 SWITCHES 1, 4 OFF ON
13 V+
MAX4677
12 11 10 9
MAX4679
12 VL 11 NC3 10 COM3 9
IN4 8 DIP/TSSOP
IN3
IN3
MAX4677 LOGIC SWITCH 0 1 ON OFF
MAX4678 LOGIC SWITCH 0 1 OFF ON
SWITCHES 2, 3 ON OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
________________________________________________________________ Maxim Integrated Products
1
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
ABSOLUTE MAXIMUM RATINGS
V+ to GND ..............................................................-0.3V to +12V V- to GND ...............................................................+0.3V to -12V V+ to V- ................................................................................+12V VL, IN_ to GND (Note 1) ...............................-0.3V to (V+ + 0.3V) VCOM_, VNC_, VNO_ (Note 1)............................................V- to V+ Current (any terminal).......................................................50mA Continuous Current (COM_, NC_, NO_).........................100mA Peak Current (COM_, NC_, NO_ pulsed at 1ms 10% duty cycle) .................................200mA Continuous Power Dissipation (TA = +70C) 16-Pin Plastic DIP (derate 10.5mW/C above +70C)..842mW 16-Pin TSSOP (derate 5.7mW/C above +70C)..........457mW Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS-Dual Supplies
(V+ = +5V 10%, V- = -5V 10%, VL = +2.7V to V+, GND = 0, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER ANALOG SWITCH Input Voltage Range VCOM_, VNO_, VNC_ RON V+ = 4.5V, V- = -4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V V+ = 4.5V, V- = -4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V V+ = 4.5V, V- = -4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V, 0 V+ = +5.5V, V- = -5.5V, VNO_ or VNC_ = 4.5V, VCOM_ = +4.5V V+ = +5.5V, V- = -5.5V, VNO_ or VNC_ = 4.5V, VCOM_ = +4.5V V+ = +5.5V, V- = -5.5V, VCOM_ = 4.5V, VNO_ or VNC_ = 4.5V or floating VL = V+ VL = V+ VL = V+ -1 0.005 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -1 -10 -1 -10 -2 -25 0.2 0.1 0.1 0.2 0.2 V1.2 V+ 1.6 2 0.3 0.5 0.4 0.5 1 nA 10 1 nA 10 2 nA 25 V SYMBOL CONDITIONS MIN TYP MAX UNITS
On-Resistance On-Resistance Match Between Channels (Note 3) On-Resistance Flatness (Note 4) NC_ or NO_ Off-Leakage Current (Note 5) COM_ Off-Leakage Current (Note 5)
RON
RFLAT
IN_(OFF)
ICOM_(OFF)
COM_ On-Leakage Current (Note 5) LOGIC INPUT Input Logic High Input Logic Low Input Leakage Current
ICOM_(ON)
VIH VIL IIN
2.4 0.8 1
V V A
2
_______________________________________________________________________________________
2, Quad, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS-Dual Supplies (continued)
(V+ = +5V 10%, V- = -5V 10%, VL = +2.7V to V+, GND = 0, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER POWER SUPPLY Positive Supply Voltage Negative Supply Voltage Logic Supply Voltage Positive Supply Current Negative Supply Current Logic Supply Current Ground Current DYNAMIC Turn-On Time V+ VVL I+ IIL IGND IN_ = GND or VL IN_ = GND or VL IN_ = GND or VL IN_ = 0 or V+, V+ = 5.5V, V- = -5.5V V+ = +4.5V, V- = -4.5V, VNC_ or VNO_= 3.3V, VL = V+, Figure 2 V+ = +4.5V, V- = -4.5V, VNC_ or VNO_ = 3.3V, VL = V+, Figure 2 +2.7 -2.7 2.7 0.001 +5.5 -5.5 V+ 1 -1 1 1 V V V A A A A SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX4677/MAX4678/MAX4679
TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 5
200
350 ns 500
tON
110
150 ns 350 ns
Turn-Off Time
tOFF
Break-Before-Make Delay Charge Injection Off-Isolation Crosstalk -3dB Bandwidth NC or NO OffCapacitance COM Off-Capacitance On-Capacitance
tBBM Q VISO BW C(N_OFF) C(COMOFF) C(ON)
Figure 3, MAX4679 only, RL = 300, CL = 35pF RGEN = 0, CL = 1nF, VGEN = 0, Figure 4 RL = 50, CL = 5pF, f = 1MHz, Figure 5a RL = 50, CL = 5pF, f = 1MHz, Figure 6a RS = 50, RL = 50, Figure 7a f = 1MHz, Figure 8 f = 1MHz, Figure 8 f = 1MHz, Figure 8
85 -65 -84 66 85 85 350
pC dB dB MHz pF pF pF
_______________________________________________________________________________________
3
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
ELECTRICAL CHARACTERISTICS-Single Supply
(V+ = +5V 10%, V- = 0, VL = +2.7V to V+, GND = 0, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER ANALOG SWITCH Input Voltage Range On-Resistance On-Resistance Match Between Channels (Note 3) On-Resistance Flatness (Note 4) NC_ or NO_ OffLeakage Current (Note 5) COM_ Off-Leakage Current (Note 5) COM_ On-Leakage Current (Note 5) LOGIC INPUT Input Low Voltage Input High Voltage Input Leakage Current POWER SUPPLY Positive Supply Voltage Logic Supply Voltage Positive Supply Current Logic Supply Current Ground Current DYNAMIC Turn-On Time tON VL = V+, V+ = +4.5V; VNC_ or VNO_ = 3.3V, RL = 300, CL = 35pF, Figure 2 VL = V+, V+ = +4.5V; VNC_ or VNO_ = 3.3V, RL = 300, CL = 35pF, Figure 2 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 120 600 1000 ns 1400 165 ns 400 V+ VL l+ IL IGND VIN_ = 0 or VL, VL = V+ VIN_ = 0 or VL, V+ = 5.5V VIN_ = 0 or VL, V+ = 5.5V 1 2.7 2.7 1 6 V+ 1 1 10 V V A A A VIL VIH IIN VL = V+ VL = V+ VL = V+ 2.4 -1 0.005 1 0.8 V V A VCOM_, VNO_, VNC_ RON V+ = +4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V V+ = +4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V V+ = +4.5V, ICOM_ = 50mA, VNO_ or VNC_ = 3.3V, 1.5V V+ = +5.5V; VNO_ or VNC_ = 4.5V, 1V; VCOM_ = 1V, 4.5V V+ = +5.5V; VNO_ or VNC_ = 4.5V, 1V; VCOM_ = 1V, 4.5V V+ = +5.5V; VCOM_ = 1V, 4.5V; VNO_ or VNC_ = 1V, 4.5V, or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -1 -10 -1 -10 -2 -25 0.2 0.1 0.1 0.15 0.05 0 1.8 V+ 2.7 3.5 0.15 0.3 0.25 0.4 1 nA 10 1 nA 10 2 nA 25 V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT
IN_(OFF)
ICOM_(OFF)
ICOM_(ON)
Turn-Off Time
tOFF
4
_______________________________________________________________________________________
2, Quad, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS-Single Supply (continued)
(V+ = +5V 10%, V- = 0, VL = +2.7V to V+, GND = 0, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2)
PARAMETER Break-Before- Make Delay Charge Injection Off-Isolation Crosstalk -3dB Bandwidth NC or NO OffCapacitance COM Off-Capacitance On-Capacitance BW C(N_OFF) C(COMOFF) C(ON) SYMBOL tBBM Q VISO CONDITIONS MAX4679 only, RL = 300, CL = 35pF, Figure 3 RGEN = 0, CL = 1nF, VGEN = 0, Figure 4 RL = 50, CL = 5pF, f = 1MHz, Figure 5b RL = 50, CL= 5pF, f = 1MHz, Figure 6b RS = 50, RL = 50, Figure 7b f = 1MHz, Figure 8 f = 1MHz, Figure 8 f = 1MHz, Figure 8 MIN 5 9 -65 -84 63 85 85 350 TYP MAX UNITS ns pC dB dB MHz pF pF pF
MAX4677/MAX4678/MAX4679
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Note 3: RON = RON(MAX) - RON(MIN). Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges. Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature and the highest supply voltage, and guaranteed by correlation at +25C.
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM (DUAL SUPPLY)
MAX4677/8/9-01
ON-RESISTANCE vs. VCOM (SINGLE SUPPLY)
4.5 4.0 3.5 RON () 3.0 2.5 2.0 V+ = 4V V+ = 5V V+ = 3V RON () V- = 0 V+ = 2.5V
MAX4677/8/9-02
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
MAX4677/8/9-03
2.0 1.8 1.6 1.4 RON () 1.2 1.0 0.8 0.6 0.4 0.2 0 -5 -3 -1 1 3 5 VCOM (V) V = 3V V = 4V V = 5V V = 2.5V
5.0
1.4 1.2 1.0 0.8 TA = -40C 0.6 0.4 0.2 V+ = +5V V- = -5V VL = V+ -5 -4 -3 -2 -1 0 1 2 3 4 5 TA = +85C TA = +25C
1.5 1.0 0.5 0 0 1 2 3 4 5 VCOM (V) V+ = 12V V+ = 9V
0 VCOM (V)
_______________________________________________________________________________________
5
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
AMX4677/8/9-04
ON-/OFF-LEAKAGE CURRENT vs. TEMPERATURE
MAX4677/8/9-05
2.5
1 0.1 LEAKAGE CURRENT (nA) 0.01 ON-LEAKAGE 0.001 0.0001 OFF-LEAKAGE
2.0 TA = +85C RON () 1.5 TA = +25C TA = -40C 1.0
0.5
0 0
V+ = +5V V- = 0 VL = V+ 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM (V)
0.00001 0.000001 -40 -20 0 20 40 60 80 TEMPERATURE (C)
CHARGE INJECTION vs. VCOM
MAX4677/8/9-06
90 80 70 CHARGE (pC) 60 50 40 30 20 10 0 -5
VL = V+
MAX4677/8/9-07
VL = V+ 425 375 TIME (ns) 325 275 225
235 215 195 TIME (ns)
V+ = +5V V- = -5V VL = V+ tON
V+ = +5V V- = -5V
tON
175 155 135 115 tOFF
V+ = +5V V- = 0
175 125 75 tOFF 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 V+, V- (V)
95 75 -40 -20 0 20
-4
-3
-2
-1
0
1
2
3
4
5
40
60
80
100
VCOM (V)
TEMPERATURE (C)
tON, tOFF vs. LOGIC SUPPLY
MAX4677/8/9-09
INPUT THRESHOLD vs. LOGIC SUPPLY
V+ = +5V V- = -5V THRESHOLD VOLTAGE (V) 2.0 VTH (RISING) I+, I-, IL (nA) 1.5 VTH (FALLING) 1.0
MAX4677/8/9-10
POWER-SUPPLY CURRENT vs. TEMPERATURE
MAX46778/9-11
325
V+ = +5V V- = -5V
2.5
1000 100 10 1 I+, I0.1 0.01 IL
275
TIME (ns)
225
tON
175
125
0.001 0.5 0.0001
tOFF
75 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VL (V)
0 1.5 2.0 2.5 3.0 3.5 VL (V) 4.0 4.5 5.0 5.5
0.00001 -40 -20 0 20 40 60 80 TEMPERATURE (C)
6
_______________________________________________________________________________________
MAX4677/8/9-08
100
tON, tOFF vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
475 255
tON, tOFF vs. TEMPERATURE
2, Quad, SPST, CMOS Analog Switches
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
MAX4677/MAX4678/MAX4679
INSERTION LOSS, OFF-ISOLATION, AND CROSSTALK vs. FREQUENCY (DUAL SUPPLIES)
1 V+ = +5V INSERTION LOSS V- = -5V OFF-ISOLATION VL = V+ 1. -3dB, 66MHz 2. -65dB, 1MHz 3. -84dB,1MHz 2 CROSSTALK
MAX4677/8/9-12
INSERTION LOSS, OFF-ISOLATION, AND CROSSTALK vs. FREQUENCY (SINGLE SUPPLY)
1 V+ = +5V INSERTION LOSS V- = -5V VL = V+ OFF-ISOLATION 1. -3dB, 63MHz 2. -65dB, 1MHz 3. -84dB,1MHz 2 0 -10 -20 -30 (dB) -40 -50 -60 -70 -80 -90 3
MAX4677/8/9-13
10 0 -10 -20 -30 (dB) -40 -50 -60 -70 -80 -90 0.1 1 (MHz) 10 3
10
CROSSTALK
100
0.1
1 (MHz)
10
100
Pin Description
PIN MAX4677 1, 8, 9, 16 2, 7, 10, 15 3, 6, 11, 14 -- -- -- 4 5 12 13 MAX4678 1, 8, 9, 16 2, 7, 10, 15 -- 3, 6, 11, 14 -- -- 4 5 12 13 MAX4679 1, 8, 9, 16 2, 7, 10, 15 -- -- 3, 6 11, 14 4 5 12 13 NAME IN1, IN2, IN3, IN4 COM1, COM2, COM3, COM4 NC1, NC2, NC3, NC4 NO1, NO2, NO3, NO4 NO1, NO4 NC2, NC3 VGND VL V+ Logic Inputs Analog Switch Common Terminals Analog Switch Normally Closed Terminals Analog Switch Normally Open Terminals Analog Switch Normally Open Terminals Analog Switch Normally Closed Terminals Negative Supply-Voltage Input. Connect to GND for single-supply operation. Ground Logic Supply Input Positive Supply Input FUNCTION
_______________________________________________________________________________________
7
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
___________Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence V+ on first, then V-, then VL followed by the logic inputs, NO_, NC_, or COM. If proper power-supply sequencing is not possible, add two small signal diodes (D1, D2) in series with the supply pins, and a Schottky diode between V+ and VL for overvoltage protection (Figure 1). Adding diodes reduces the analog signal range to one diode drop below V+ and one diode drop above V-, but does not affect the devices' low switch resistance and low leakage characteristics. Device operation is unchanged, and the difference between V+ and V- should not exceed 11V. Power-supply bypassing improves noise margin and prevents switching noise from propagating from the V+ supply to other components. A 0.1F capacitor connected from V+ to GND is adequate for most applications.
V+
MAX4677 MAX4678 MAX4679
* COM_ V2 *
D1
*
VL NO_
*
D2 V*INTERNAL PROTECTION DIODES
Figure 1. Overvoltage Protection Using External Blocking Diodes
MAX4677 MAX4678 MAX4679
SWITCH INPUT V COM COM_
V+ VL
V+ V+ NO_ OR NC_ RL 300 VVSWITCH OUTPUT 0 t ON SWITCH OUTPUT VOUT CL 35pF VOUT LOGIC INPUT +3V 50% 0 t r < 20ns t f < 20ns
IN_ LOGIC INPUT GND 0V
t OFF
0.9 x V0UT
0.9 x VOUT
VOUT = VCOM
CL INCLUDES FIXTURE AND STRAY CAPACITANCE. RL RL + RON
(
)
Figure 2. Switching Time
V+
V+ V+ NO1 NC2 RL2 VOUT2 CL2 RL1
MAX4679
VCOM1 = +3V VCOM2 = +3V COM1 COM2 IN1 IN2 VL VOUT1 CL1
LOGIC INPUT
+3V 50% 0
SWITCH OUTPUT 1 (VOUT1) SWITCH OUTPUT 2 (VOUT2)
0.9 x V0UT1 0
LOGIC INPUT
GND
VV-
0.9 x VOUT2 0 tD tD
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
RL = 300 CL = 35pF
Figure 3. Break-Before-Make Interval (MAX4679 Only) 8 _______________________________________________________________________________________
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
V+
V+ V+ VOUT NC_OR NO_ CL IN VVOUT IN OFF ON
MAX4677 MAX4678 MAX4679
RGEN
VOUT
VL COM_
V GEN GND
OFF
VVIN = +3V
IN
OFF
ON Q = (V OUT )(C L )
OFF
IN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
Figure 4. Charge Injection
NETWORK ANALYZER
IN1
MAX4677 MAX4678 MAX4679
COM1
NETWORK ANALYZER PORT 1 50 N_1 COM1
PORT 1 50
N_1
IN_
MAX4677 MAX4678 MAX4679
N_ _
IN_
PORT 2
N_ _
COM_
PORT 2
COM_
VV-5V GND VL V+
GND
VL
V+ +5V
+5V
Figure 5a. Off-Isolation Test Circuit, Dual Supplies
Figure 5b. Off-Isolation Test Circuit, Single Supply
_______________________________________________________________________________________
9
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
NETWORK ANALYZER PORT 1 COM1
MAX4677 MAX4678 MAX4679 N_1 IN1 V+
NETWORK ANALYZER PORT 1
MAX4677 MAX4678 MAX4679 COM1
N_1 IN1 V+
50
PORT 2 COM_ N_ _ IN2 V+
50
PORT 2
COM_
N_ _ IN2
VV-
GND
VL
V+
VGND VL V+ V+
V+
Figure 6a. Crosstalk Test Circuit, Dual Supplies
Figure 6b. Crosstalk Test Circuit, Single Supply
NETWORK ANALYZER
PORT 1
COM1
N_1 V+
PORT 2 COM_
MAX4677 MAX4678 MAX4679
V-5V
GND
VL
V+ +5V
Figure 7a. Insertion Loss Test Circuit, Dual Supplies
10
______________________________________________________________________________________
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
NETWORK ANALYZER
PORT 1
COM1
N_1 IN_ V+
PORT 2
MAX4677 MAX4678 MAX4679
V-
GND
VL
V+ +5V
Figure 7b. Insertion Loss Test Circuit, Single Supply
Chip Information
TRANSISTOR COUNT: 240 PROCESS: CMOS
______________________________________________________________________________________
11
2, Quad, SPST, CMOS Analog Switches MAX4677/MAX4678/MAX4679
Package Information
TSSOP.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2000 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.
PDIPN.EPS


▲Up To Search▲   

 
Price & Availability of MAX4677

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X