Part Number Hot Search : 
P1010 72044 P4KE68A WU307 BUL129D 1SS361 EN2999C P1010
Product Description
Full Text Search
 

To Download MAX4530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1162; Rev 0; 12/96
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
_______________General Description
The MAX4530/MAX4531/MAX4532 are low-voltage, CMOS analog ICs configured as an 8-channel multiplexer (mux) (MAX4530), two 4-channel muxes (MAX4531), and three single-pole/double-throw switches (MAX4532). These devices are pin compatible with the industry-standard 74HC4351/74HC4352/ 74HC4353. All devices have two complementary switch-enable inputs and address latching. The MAX4530/MAX4531/MAX4532 operate from a single supply of +2V to +12V, or from dual supplies of 2V to 6V. On-resistance (150 max) is matched between switches to 8 max. Each switch can handle rail-to-rail analog signals. Off-leakage current is only 1nA at TA = +25C and 50nA at TA = +85C. All digital inputs have 0.8V and 2.4V logic thresholds, ensuring both TTL- and CMOS-logic compatibility when using 5V or a single +5V supply.
____________________________Features
o Pin Compatible with 74HC4351/74HC4352/74HC4353 o 2.0V to 6V Dual Supplies +2.0V to +12V Single Supply o 75 Signal Paths with 5V Supplies 150 Signal Paths with +5V Supply o Rail-to-Rail Signal Handling o tON and tOFF = 150ns and 120ns at 4.5V o <1 Power Consumption W o >2kV ESD Protection per Method 3015.7 o TTL/CMOS-Compatible Inputs o Small, 20-Pin SSOP/SO/DIP Packages
MAX4530/MAX4531/MAX4532
________________________Applications
Battery-Operated Equipment Data Acquisition Test Equipment Avionics Networking ATE Equipment Audio-Signal Routing
______________Ordering Information
PART MAX4530CPP MAX4530CWP MAX4530CAP TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C PIN-PACKAGE 20 Plastic DIP 20 SO 20 SSOP
MAX4530C/D 0C to +70C Dice* Ordering Information continued on last page. *Contact factory for availability.
__________________________________________________________Pin Configurations
TOP VIEW
NO1 1 NO3 2 N.C. 3 COM 4 NO7 5 NO5 6 EN1 7 EN2 8 V- 9 GND 10 LOGIC
20 V+ 19 NO2 18 NO4 17 NO0 16 NO6 15 ADDC 14 N.C. 13 ADDB 12 ADDA
NO0B 1 NO1B 2 N.C. 3 COMB 4 NO3B 5 NO2B 6 EN1 7 EN2 8 V- 9 GND 10 LOGIC
20 V+ 19 NO1A 18 NO2A 17 COMA 16 NO0A 15 NO3A 14 N.C. 13 ADDB 12 ADDA
NOB 1 NCB 2 N.C. 3 NOA 4 COMA 5 NCA 6 EN1 7 EN2 8 LOGIC
20 V+ 19 COMB 18 COMC 17 NOC 16 NCC 15 ADDC 14 N.C. 13 ADDB 12 ADDA
V- 9 GND 10
MAX4530
11 LE
MAX4531
11 LE
MAX4532
11 LE
NARROW DIP/WIDE SO
N.C. = NOT CONNECTED
NARROW DIP/WIDE SO
NARROW DIP/WIDE SO
Truth Table appears at end of data sheet.
________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to VV+ .............................................................................-0.3 to +13V Voltage into Any Terminal (Note 1) or 20mA (whichever occurs first) ..............-0.3 to (V+ + 0.3V) Continuous Current into Any Terminal..............................20mA Peak Current, NO, NC, or COM_ (pulsed at 1ms, 10% duty cycle)...................................40mA ESD per Method 3015.7 ..................................................>2000V Continuous Power Dissipation (TA = +70C) Plastic DIP (derate 11.11mW/C above +70C) ...........889mW SO (derate 10.00mW/C above +70C) ........................800mW SSOP (derate 8.00mW/C above +70C) .....................640mW Operating Temperature Ranges MAX453_C_P .......................................................0C to +70C MAX453_E_P ....................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: Voltages exceeding V+ or V- on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +5V 10%, V- = -5V 10%, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SWITCH Analog-Signal Range Channel On-Resistance On-Resistance Matching Between Channels (Note 4) On-Resistance Flatness (Note 5) NO-Off Leakage Current (Note 6) VCOM, VNO, (Note 3) VNC_ RON RON RFLAT(ON) INO(OFF) INO = 2mA, VCOM = 3.5V, V+ = +4.5V, V- = -4.5V INO = 2mA, VCOM = 4.5V, V+ = +4.5V, V- = -4.5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 4 -1 -10 -2 -100 -1 -50 -2 -100 -1 -50 0.01 0.01 0.01 0.01 0.01 1 V45 V+ 75 100 8 12 10 13 1 10 2 100 nA VCOM = 4.5V, T = +25C MAX4531/ A VNO = 4.5V, MAX4532 TA = TMIN to TMAX V+ = 5.5V, V- = -5.5V VCOM = 4.5V, V+ = 5.5V, V- = -5.5V MAX4530 TA = +25C TA = TMIN to TMAX 1 50 2 100 1 50 nA V nA SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
INO = 2mA; VCOM = -3V, 0V, +3V; TA = +25C V+ = 5V; V- = -5V TA = TMIN to TMAX VNO = 4.5V, VCOM = 4.5V, TA = +25C V+ = 5.5V, V- = -5.5V TA = TMIN to TMAX VCOM = 4.5V, TA = +25C VNO = 4.5V, MAX4530 TA = TMIN to TMAX V+ = 5.5V, V- = -5.5V
COM-Off Leakage Current (Note 6)
ICOM(OFF)
COM-On Leakage Current (Note 6)
ICOM(ON)
MAX4531 TA = +25C MAX4531/ MAX4532 TA = TMIN to TMAX
2
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +5V 10%, V- = -5V 10%, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DIGITAL LOGIC INPUT Logic High Threshold VADD_H, VEN_H, V LE VADD_L, VEN_L, V LE IADD_H, IEN_H, I LE IADD_L, IEN_L, I LE V+, VI+ IIGND VEN_ = VADD_ = V LE = 0V/V+, V+ = 5.5V, V- = -5.5V VEN_ = VADD_ = V LE = 0V/V+, V+ = 5.5V, V- = -5.5V VEN_ = VADD_ = V LE = 0V/V+, V+ = 5.5V, V- = -5.5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = +25C 50 60 0 0 60 70 1.5 -65 5 40 4 10 10 150 250 100 150 VADD_H = 2.4V, VADD_L = 0.8V VADD_H = 2.4V, VADD_L = 0.8V TA = TMIN to TMAX TA = TMIN to TMAX 0.8 -0.1 -0.1 1.5 2.4 V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
MAX4530/MAX4531/MAX4532
Logic Low Threshold Input Current with Input Voltage High Input Current with Input Voltage Low SUPPLY Power-Supply Range Positive Supply Current Negative Supply Current IGND Supply Current DYNAMIC Transition Time Break-Before-Make Interval Enable Turn-On Time Enable Turn-Off Time Setup Time, Channel Select to Latch Enable Hold Time, Latch Enable to Channel Select Pulse Width, Latch Enable Charge Injection (Note 3) Off Isolation (Note 7) Crosstalk Between Channels
1.5 0.01 0.1 0.1
V A A
2.0 -1 -10 -1 -10 -1 -10 60 0.001 0.001
6 1 10 1 10 1 10 150 250
V A A A
tTRANS tBBM tON(EN) tOFF(EN) tS tH tMPW Q VISO
Figure 1 Figure 3 Figure 2 Figure 2 Figure 4 Figure 6 Figure 5 CL = 1nF, VNO = 0V, Figure 6 VEN2 = 0V, RL = 1k, f = 1MHz V EN1 = 0V, VEN2 = 2.4V, f = 1MHz, VGEN = 1Vp-p, RL = 1k
ns ns ns ns ns ns ns pC dB
VCT
TA = +25C
-92
dB
_______________________________________________________________________________________
3
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +5V 10%, V- = -5V 10%, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER Distortion, THD Logic Input Capacitance NO-Off Capacitance COM-Off Capacitance CIN CNO(OFF) CCOM(OFF) f = 1MHz f = 1MHz, VEN = VCOM = 0V MAX4530 f = 1MHz, VEN2 = VCOM = 0V f = 1MHz, VEN1 = VCOM = 0V, VEN2 = 2.4V MAX4531 MAX4532 MAX4530 MAX4531 MAX4532 TA = +25C TA = +25C SYMBOL CONDITIONS CONDITIONS TA = +25C TA = +25C TA = +25C MIN TYP MAX (Note 2) 0.025 3 3 15 9 6 26 20 17 pF pF pF pF UNITS
COM-On Capacitance
CCOM(ON)
ELECTRICAL CHARACTERISTICS--Single +5V Supply
(V+ = +5V 10%, V- = 0V, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SWITCH Analog Signal Range On-Resistance On-Resistance Matching Between Channels (Notes 3, 4) On-Resistance Flatness NO-Off Leakage Current (Note 8) VCOM, VNO RON (Note 3) INO = 1mA, VCOM = 3.5V, V+ = 4.5V INO = 1mA, VCOM = 3.5V, V+ = 4.5V INO = 1mA; VCOM = 3V, 2V, 1V; V+ = 5V VNO = 4.5V; VCOM = 4.5V, 1V; V+ = 5.5V VCOM = 4.5V, 1V; VNO = 1V, 4.5V; V+ = 5.5V MAX4530 MAX4531/ MAX4532 MAX4530 COM-On Leakage Current (Note 8) ICOM(ON) MAX4531 MAX4531/ MAX4532 TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -1 -10 -2 -100 -1 -50 -2 -100 -1 -50 10 1 10 2 100 1 50 2 100 1 50 nA nA 2 0 80 V+ 150 200 15 20 nA V SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
RON
RFLAT INO(OFF)
COM-Off Leakage Current (Note 8)
ICOM(OFF)
4
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
ELECTRICAL CHARACTERISTICS--Single +5V Supply (continued)
(V+ = +5V 10%, V- = 0V, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER DIGITAL LOGIC INPUT Logic-High Threshold Logic-Low Threshold Input Current with Input Voltage High Input Current with Input Voltage Low SUPPLY Power-Supply Range Positive Supply Current Negative Supply Current IGND Supply Current DYNAMIC Transition Time Break-Before-Make Interval Enable Turn-On Time (Note 3) Enable Turn-Off Time (Note 3) Set-Up Time, Channel Select to Latch Enable Hold Time, Latch Enable to Channel Select Pulse Width, Latch Enable Charge Injection (Note 3) tTRANS tBBM tON(EN) tOFF(EN) tS tH tMPW Q Figure 1, VNO = 3V Figure 3 (Note 3) Figure 2 Figure 3 Figure 7 Figure 7 Figure 7 Figure 7, CL = 1nF, VNO = 0V TA = +25C TA = TMIN to TMAX TA = +25C TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C 50 60 0 0 60 70 1.5 5 40 10 20 250 100 200 250 100 125 90 200 250 ns ns ns ns ns ns ns pC I+ IIGND VEN_ = VADD = V LE = 0V, V+; V+ = 5.5V; V- = 0V VEN_ = VADD = V LE = 0V, V+; V+ = 5.5V; V- = 0V VEN_ = VADD = V LE = 0V, V+; V+ = 5.5V; V- = 0V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX 2.0 -1.0 -10 -1.0 -10 -1.0 -10 12 1.0 10 1.0 10 1.0 10 V A A A VADD_H, VEN_H, V LE VADD_L, VEN_L, V LE IADD_H, IEN_H, I LE IADD_L, IEN_L, I LE VH = 2.4V, VL = 0.8V VH = 2.4V, VL = 0.8V TA = TMIN to TMAX TA = TMIN to TMAX 0.8 -0.1 -0.1 1.5 1.5 0.1 0.1 2.4 V V A A SYMBOL CONDITIONS MIN TYP MAX (Note 2) UNITS
MAX4530/MAX4531/MAX4532
_______________________________________________________________________________________
5
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
ELECTRICAL CHARACTERISTICS--Single +3V Supply
(V+ = +2.7V to 3.6V, V- = 0V, GND = 0V, VADD_H = VEN_H = V LE = 2.4V, VADD_L = VEN_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER SWITCH Analog Signal Range On-Resistance DYNAMIC Transition Time (Note 3) Enable Turn-On Time (Note 3) Enable Turn-Off Time (Note 3) Set-Up Time, Channel Select to Latch Enable) Hold Time, Latch Enable to Channel Select Pulse Width, Latch Enable tTRANS tON(EN) tOFF(EN) tS tH tMPW Figure 1, VIN = 2.4V, VNO1 = 1.5V, VNO8 = 0V Figure 3, VINH = 2.4V, VINL = 0V, VNO1 = 1.5V Figure 3, VINH = 2.4V, VINL = 0V, VNO1 = 1.5V Note 3 Note 3 Note 3 TA = +25C TA = +25C TA = +25C TA = +25C TA = +25C TA = +25C 100 0 120 150 150 60 350 350 150 ns ns ns ns ns ns SYMBOL CONDITIONS MIN TYP MAX (Note 2) V+ 220 500 600 UNITS
VANALOG RON
(Note 3) INO = 1mA, VCOM = 1.5V, V+ = 2.7V TA = +25C TA = TMIN to TMAX
0
V
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Note 3: Guaranteed by design. Note 4: RON = RON(max) - RON(min). Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal ranges, i.e., VNO = 3V to 0V and 0V to -3V. Note 6: Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at TA = +25C. Note 7: Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM / VNO, VCOM = output, VNO = input to off switch. Note 8: Leakage testing at single supply is guaranteed by correlation testing with dual supplies.
6
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
__________________________________________Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM (DUAL SUPPLIES)
MAX4530/1/2-01
MAX4530/MAX4531/MAX4532
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES)
100 90 V+ = 5V V- = -5V
MAX4530/1/2-02
ON-RESISTANCE vs. VCOM (SINGLE SUPPLY)
V- = 0V V+ = 2.4V 200 V+ = 3V RON () 150 V+ = 5V 100 V+ = 10V 50
MAX4530/1/2-03
100 90 80 70 RON () V = 2.4V V = 3V
110
250
RON ()
60 50 40 30 20 10 0 -6 -4 -2
80 70 60 50 40 30
TA = +125C TA = +85C TA = +25C
V = 5V V = 6V
TA = -55C V+ = 12V 0 -5 -4 -3 -2 -1 0 1 2 3 4 5 0 2 4 6 8 10 12 14 16 VCOM (V) VCOM (V)
0 VCOM (V)
2
4
6
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
160 140 RON () 120 100 80 60 40 0.1 0 1 2 3 4 5 -50 -25 VCOM (V) TA = +25C V+ = 5V V- = 0V TA = +125C TA = +85C
MAX4530/1/2-04
OFF-LEAKAGE vs. TEMPERATURE
V+ = 5.5V V- = -5.5V
MAX4530/1/2-05
CHARGE INJECTION vs. VCOM
MAX4530/1/2-06
180
1000
5
100 OFF-LEAKAGE (pA) Qj (pC)
10
0 V+ = 5V V- = -5V V+ = 5V V- = 0V
TA = -55C
1
-5 0 25 50 75 TEMPERATURE (C) 100 125 -5 -4 -3 -2 -1 0 1 2 3 4 5 VCOM (V)
SUPPLY CURRENT vs. TEMPERATURE
V+ = 5V V- = -5V VEN = VA = 0V, 5V I+ I+, I- (nA) 1
MAX4530/1/2-07
FREQUENCY RESPONSE
0 -10 -20 -30 LOSS (dB) -40 -50 -60 -70 -80 50 IN/OUT ON PHASE INSERTION LOSS OFF ISOLATION
MAX4530/1/2-08
10
180 140 100 60 20 -20 -60 -100 -140 -180 PHASE (DEGREES)
I-
0.1 -50 -25 0 25 50 75 TEMPERATURE (C) 100 125
-90 0.1 1 10 100 1000 FREQUENCY (MHz)
_______________________________________________________________________________________
7
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
______________________________________________________________Pin Description
PIN NAME MAX4530 17, 1, 19, 2, 18, 6, 16, 5 -- -- -- 3, 14 4 -- -- -- -- 7 8 9 MAX4531 -- 1, 2, 6, 5 -- -- 3, 14 -- 4 -- 17 -- 7 8 9 MAX4532 -- -- 1 2 3, 14 -- 19 4 5 6 7 8 9 NO0-NO7 NO0B-NO3B NOB NCB N.C. COM COMB NOA COMA NCA EN1 EN2 VAnalog Switch Inputs 0-7 Analog Switch "B" Inputs 0-3 Analog Switch "B" Normally Open Input Analog Switch "B" Normally Closed Input Not Internally Connected Analog Switch Common Analog Switch "B" Common Analog Switch "A" Normally Open Input Analog Switch "A" Common Analog Switch "A" Normally Closed Input Enable Logic Input #1 (see Truth Table). Enable Logic Input #2 (see Truth Table). Negative Analog Supply Voltage Input. Connect to GND for single supply operation. Negative Digital Supply Voltage Input. Connect to digital ground. (Analog signals have no ground Address Latch Logic Input (see Truth Table). Address "A" Logic Input (see Truth Table). Address "B" Logic Input (see Truth Table). Address "C" Logic Input (see Truth Table). Analog Switch "A" Inputs 0-3 Analog Switch "C" Normally Closed Input Analog Switch "C" Normally Open Input Analog Switch "C" Common Positive Analog and Digital Supply-Voltage Input FUNCTION
10 11 12 13 15 -- -- -- -- 20
10 11 12 13 -- 16, 19, 18, 15 -- -- -- 20
10 11 12 13 15 -- 16 17 18 20
GND LE ADDA ADDB ADDC NO0A-NO3A NCC NOC COMC V+
NO_, NC_ and COM_ pins are identical and interchangeable. Either may be considered as an input or output; signals pass equally well in both directions.
8
_______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
__________Applications Information
Power-Supply Considerations
Overview The MAX4530/MAX4531/MAX4532 construction is typical of most CMOS analog switches. They have three supply pins: V+, V-, and GND. V+ and V- drive the internal CMOS switches and set the limits of the analog voltage on any switch. Reverse ESD-protection diodes are internally connected between each analog-signal pin and both V+ and V-. One of these diodes conducts if any analog signal exceeds V+ or V-. During normal operation, these and other reverse-biased ESD diodes leak, forming the only current drawn from V+ or V-. Virtually all of the analog leakage current comes from the ESD diodes. Although the ESD diodes on a given signal pin are identical and therefore fairly well balanced, they are reverse biased differently. Each is biased by either V+ or V- and the analog signal. This means their leakages vary as the signal varies. The difference in the two diode leakages to the V+ and Vpins constitutes the analog-signal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. For this reason, both sides of a given switch can show leakage currents of either the same or opposite polarity. The analog-signal paths and GND are not connected. V+ and GND power the internal logic and logic-level translators, and set both the input and output logic limits. The logic-level translators convert the logic levels into switched V+ and V- signals to drive the analog signals' gates. This drive signal is the only connection between the logic supplies and signals and the analog supplies. V+ and V- have ESD-protection diodes to GND.
The logic-level thresholds are TTL/CMOS compatible when V+ = +5V. As V+ rises, the threshold increases slightly, so when V+ reaches +12V, the threshold is about 3.1V--above the TTL guaranteed, high-level minimum of 2.8V, but still compatible with CMOS outputs.
MAX4530/MAX4531/MAX4532
Bipolar Supplies The MAX4530/MAX4531/MAX4532 operate with bipolar supplies between 2.0V and 6V. The V+ and V- supplies need not be symmetrical, but their sum cannot exceed the +13V absolute maximum rating. Single Supply The MAX4530/MAX4531/MAX4532 operate from a single supply between +2V and +12V when V- is connected to GND. All of the bipolar precautions must be observed. At room temperature, they actually work with a single supply at, near, or below +1.7V, although as supply voltage decreases, switch on-resistance and switching times become very high.
High-Frequency Performance
In 50systems, signal response is reasonably flat up to 50MHz (see Typical Operating Characteristics). Above 20MHz, the on response has several minor peaks that are highly layout dependent. The problem is not in turning the switch on, but in turning it off. The off-state switch acts like a capacitor and passes higher frequencies with less attenuation. At 10MHz, off isolation is about -65dB in 50systems, becoming worse (approximately 20dB per decade) as frequency increases. Higher circuit impedances also make off isolation worse. Adjacent channel attenuation is about 3dB above that of a bare IC socket, and is due entirely to capacitive coupling.
_______________________________________________________________________________________
9
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
______________________________________________Test Circuits/Timing Diagrams
V+
VADD_ ADDC 50 ADDB ADDA
LE
V+ NO0 NO1-NO6 NO7 COM -3V VOUT 300 GND V35pF VOUT +3V VADD_
V+ 0V
50%
VNO0 90% 0V 90% VNO7 tTRANS tTRANS
MAX4530
V+ EN2 EN1
VV+
VADD_ ADDA 50 ADDB
LE
V+ NO0 NO1_, NO2_ NO3_ -3V VOUT 300 GND V35pF VOUT +3V VADD_
V+ 0V
50%
MAX4531
V+ EN2 EN1
COM
VNO0 90% 0V 90% VNO3 tTRANS tTRANS
VV+
VADD_ ADD_ 50
LE
V+ NO_ NC_ COM
V+ +3V -3V VOUT 300 35pF VOUT VNC_ VADD_ 0V
50%
MAX4532
V+ EN2 EN1 GND
90% 0V 90% VNO_ tTRANS tTRANS
VV-
Figure 1. Address Transition Time
10
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
_________________________________Test Circuits/Timing Diagrams (continued)
V+
MAX4530/MAX4531/MAX4532
LE ADDC ADDB ADDA VEN1 EN1 V+ 50 EN2
V+ NO0 NO1-NO7 +3V VEN1
V+ 0V
50%
MAX4530
COM 300
VOUT 35pF VOUT
VNO0 90%
GND
V0V VtON
90% tOFF
V+
LE ADDA ADDB
V+ NO0_ NO1_, N02_, NO3_ +3V VEN1
V+ 0V
50%
VEN1 EN1 V+ 50 EN2
MAX4531
COM_ 300
VOUT 35pF VOUT
VNO0 90%
GND
V0V VtON
90% tOFF
V+
LE ADD_
V+ NO_ NC_ +3V VEN1
V+ 0V
50%
VEN1 EN1 V+ 50 EN2
MAX4532
COM_ 300
VOUT 35pF VOUT
VNC_ 90%
GND
V0V VtON
90% tOFF
V- = 0V FOR SINGLE-SUPPLY OPERATION. REPEAT TEST FOR EACH SECTION. REPEAT TEST FOR EN2, WITH PULSE INVERTED AND EN1 CONNECTED TO GND.
Figure 2. Enable Switching Time
______________________________________________________________________________________
11
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
_________________________________Test Circuits/Timing Diagrams (continued)
V+
VADD_ ADDC 50 ADDB ADDA
LE
V+ NO0-NO7 +3V
MAX4530
V+ EN2 EN1 GND
COM 300 VV-
VOUT 35pF
V+ t F < 20ns t R < 20ns 50% 0V
VADD_ ADDA 50 ADDB
LE
V+ NO0_-NO3_ +3V
V+ VADD_
MAX4531
V+ EN2 EN1 GND
COM_ 300 V-
VOUT VOUT 35pF
VNO_ 90%
0V VV+ tBBM
VADD_ ADD_ 50
LE
V+ NO_, NC_ +3V
MAX4532
V+ EN2 EN1 GND
COM 300 VV-
VOUT 35pF
V- = 0V FOR SINGLE-SUPPLY OPERATION. REPEAT TEST FOR EACH SECTION.
Figure 3. Break-Before-Make Interval
12
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
_________________________________Test Circuits/Timing Diagrams (continued)
V+ V+ NO_ VNO = 0V VEN1 0V VOUT C L = 1000pF VVOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF. Q = VOUT x CL VOUT VOUT
MAX4530/MAX4531/MAX4532
LE ADDC CHANNEL SELECT ADDB ADDA VEN1 V+ 50 EN1 EN2
V+
MAX4530 MAX4531 MAX4532
GND
COM
VV- = 0V FOR SINGLE-SUPPLY OPERATION. REPEAT TEST FOR EACH SECTION.
Figure 4. Charge Injection
V+ NETWORK ANALYZER 50 ADDB ADDA V+ EN2 EN1 50 ON LOSS = 20log VOUT VIN VOUT VIN VOUT VIN
LE ADDC CHANNEL SELECT
V+
NO_
VIN
OFF ISOLATION = 20log
MAX4530 MAX4531 MAX4532
GND
VOUT COM_
MEASUREMENT
REF CROSSTALK = 20log
V-
50
50
10nF
V-
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS. OFF ISOLATION IS MEASURED BETWEEN COM_ AND OFF NO_ TERMINAL ON EACH SWITCH. ON LOSS IS MEASURED BETWEEN COM_ AND ON TERMINAL ON EACH SWITCH. CROSSTALK (MAX4531/MAX4532 IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS. SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
Figure 5. Off Isolation, On Loss, and Crosstalk
V+
LE CHANNEL SELECT ADDC ADDB ADDA V+ EN2 EN1
V+
NO_ NO_ COM 1MHz CAPACITANCE ANALYZER
MAX4530 MAX4531 MAX4532
GND
VV-
Figure 6. NO/COM Capacitance
______________________________________________________________________________________ 13
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
_________________________________Test Circuits/Timing Diagrams (continued)
V+
VADD_ ADDC ADDB ADDA VLE LE 50 EN1
EN2
V+ NO1-NO7 +3V
50
NO0
MAX4530
COM 300 VOUT 35pF
GND
VV-
V+ 3V VADD_ ADDA NO1_, NO2_, NO3_ 50 VLE LE 50 EN1 GND VV0V V+ ADDB NO0_ EN2 V+ +3V VLE 0V tH 3V VADD_ COM_ 300 VOUT 35pF VOUT 0V 50% tS
t MPW 50% tH
MAX4531
t ON, t OFF 3V 90%
VADD_ ADD_
EN2
V+ NO_
50 VLE LE 50 EN1 GND
NC_
+3V
MAX4532
COM_ 300
VOUT 35pF
VV-
V- = 0V FOR SINGLE-SUPPLY OPERATION. REPEAT TEST FOR EACH SECTION.
Figure 7. Setup and Hold Times, Minimum LE Width
14
______________________________________________________________________________________
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
___________________________________________Truth Table/Switch Programming
LE
0 X X 1 EN2 1 0 X 1
MAX4530/MAX4531/MAX4532
EN1
0 X 1 0
ADDRESS BITS ADDC* X X X 0 ADDB X X X 0 ADDA X X X 0 MAX4530 Last address All switches open All switches open COM-NO0
ON SWITCHES MAX4531 Last address All switches open All switches open COMA-NO0A, COMB-NO0B COMA-NO1A, COMB-NO1B COMA-NO2A, COMB-NO2B COMA-NO3A, COMB-NO3B COMA-NO0A, COMB-NO0B COMA-NO1A, COMB-NO1B COMA-NO2A, COMB-NO2B COMA-NO3A, COMB-NO3B MAX4532 Last address All switches open All switches open COMA-NCA, COMB-NCB, COMC-NCC COMA-NOA, COMB-NCB, COMC-NCC COMA-NCA, COMB-NOB, COMC-NCC COMA-NOA, COMB-NOB, COMC-NCC COMA-NCA, COMB-NCB, COMC-NOC COMA-NOA, COMB-NCB, COMC-NOC COMA-NCA, COMB-NOB, COMC-NOC COMA-NOA, COMB-NOB, COMC-NOC
1
1
0
0
0
1
COM-NO1
1
1
0
0
1
0
COM-NO2
1
1
0
0
1
1
COM-NO3
1
1
0
1
0
0
COM-NO4
1
1
0
1
0
1
COM-NO5
1
1
0
1
1
0
COM-NO6
1
1
0
1
1
1
COM-NO7
X = Don't Care *ADDC not present on MAX4531. Note: NO_ and COM_ pins are identical and interchangeable. Either may be considered an input or an output; signals pass equally well in either direction. LE is independent of EN1 and EN2.
______________________________________________________________________________________
15
Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching MAX4530/MAX4531/MAX4532
___________________________________________Ordering Information (continued)
PART MAX4530EPP MAX4530EWP MAX4530EAP MAX4531CPP MAX4531CWP MAX4531CAP MAX4531C/D MAX4531EPP MAX4531EWP MAX4531EAP TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 20 Plastic DIP 20 SO 20 SSOP 20 Plastic DIP 20 SO 20 SSOP Dice* 20 Plastic DIP 20 SO 20 SSOP PART MAX4532CPP MAX4532CWP MAX4532CAP MAX4532C/D MAX4532EPP MAX4532EWP MAX4532EAP TEMP. RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 20 Plastic DIP 20 SO 20 SSOP Dice* 20 Plastic DIP 20 SO 20 SSOP
*Contact factory for availability.
__________________________________________________________Chip Topographies
MAX4530/MAX4532
NO3 (NCB) V+ NO2 (COMB) NO2B NO0B
MAX4531
V+ NO2A
NO1 (NOB)
NO4 (COMC) COM (NOA) NO7 (COMA) NO5 (NCA) COMB N.C. NO0 (NOC) NO6 (NCC) 0.081" (2.06mm) NO3B NO1B
NO1A COMA NO0A NO3A 0.081" (2.06mm)
ADDC EN1 EN2 ADDB EN1 EN2
ADDB N.C.
V- GND LE ADDA 0.053" (1.35mm) ( ) ARE FOR MAX4532
V- GND LE ADDA 0.053" (1.35mm)
TRANSISTOR COUNT: 255 SUBSTRATE CONNECTED TO V+
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600 (c) 1996 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X