Part Number Hot Search : 
BCY58 S7806PIC MA4ST408 MA4ST408 GU88L02 SPC560 128K8 ATS040
Product Description
Full Text Search
 

To Download LT1763 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1763 Series 500mA, Low Noise, LDO Micropower Regulators
FEATURES
s s s s s s s s s s s
DESCRIPTIO
s s s s
Low Noise: 20VRMS (10Hz to 100kHz) Output Current: 500mA Low Quiescent Current: 30A Wide Input Voltage Range: 1.8V to 20V Low Dropout Voltage: 300mV Very Low Shutdown Current: < 1A No Protection Diodes Needed Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3V, 3.3V, 5V Adjustable Output from 1.22V to 20V Stable with 3.3F Output Capacitor Stable with Aluminum, Tantalum or Ceramic Capacitors Reverse Battery Protection No Reverse Current Overcurrent and Overtemperature Protected 8-Lead SO Package
APPLICATIO S
s s s
Cellular Phones Battery-Powered Systems Noise-Sensitive Instrumentation Systems
The LT (R)1763 series are micropower, low noise, low dropout regulators. The devices are capable of supplying 500mA of output current with a dropout voltage of 300mV. Designed for use in battery-powered systems, the low 30A quiescent current makes them an ideal choice. Quiescent current is well controlled; it does not rise in dropout as it does with many other regulators. A key feature of the LT1763 regulators is low output noise. With the addition of an external 0.01F bypass capacitor, output noise drops to 20VRMS over a 10Hz to 100kHz bandwidth. The LT1763 regulators are stable with output capacitors as low as 3.3F. Small ceramic capacitors can be used without the series resistance required by other regulators. Internal protection circuitry includes reverse battery protection, current limiting, thermal limiting and reverse current protection. The parts come in fixed output voltages of 1.5V, 1.8V, 2.5V, 3V, 3.3V and 5V, and as an adjustable device with a 1.22V reference voltage. The LT1763 regulators are available in the 8-lead SO package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
3.3V Low Noise Regulator
IN 1F OUT SENSE LT1763-3.3 SHDN BYP GND 0.01F
1763 TA01
400 350
VIN 3.7V TO 20V
+
3.3V AT 500mA 20VRMS NOISE 10F
DROPOUT VOLTAGE (mV)
300 250 200 150 100 50 0 0 100 300 400 200 OUTPUT CURRENT (mA) 500
1763 TA02
U
Dropout Voltage
1763fa
U
U
1
LT1763 Series
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PACKAGE/ORDER INFORMATION
TOP VIEW OUT 1 SENSE/ADJ* 2 GND 3 BYP 4 8 7 6 5 IN GND GND SHDN
IN Pin Voltage ........................................................ 20V OUT Pin Voltage .................................................... 20V Input to Output Differential Voltage ....................... 20V SENSE Pin Voltage ............................................... 20V ADJ Pin Voltage ...................................................... 7V BYP Pin Voltage.................................................... 0.6V SHDN Pin Voltage ................................................. 20V Output Short-Circut Duration .......................... Indefinite Operating Junction Temperature Range (Note 2) ............................................ - 40C to 125C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
*PIN 2: SENSE FOR LT1763-1.5/ LT1763-1.8/LT1763-2.5/ LT1763-3/LT1763-3.3/LT1763-5 ADJ FOR LT1763 TJMAX = 150C, JA = 70C/ W, JC = 35C/ W SEE THE APPLICATIONS INFORMATION SECTION.
S8 PACKAGE 8-LEAD PLASTIC SO
ORDER PART NUMBER LT1763CS8 LT1763CS8-3 LT1763CS8-1.5 LT1763CS8-3.3 LT1763CS8-1.8 LT1763CS8-5 LT1763CS8-2.5
S8 PART MARKING 1763 17633 176315 176333 176318 17635 176325
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. (Note 2)
PARAMETER Minimum Operating Voltage Regulated Output Voltage (Note 4) CONDITIONS ILOAD = 500mA (Notes 3, 11) LT1763-1.5 VIN = 2V, ILOAD = 1mA 2.5V < VIN < 20V, 1mA < ILOAD < 500mA LT1763-1.8 VIN = 2.3V, ILOAD = 1mA 2.8V < VIN < 20V, 1mA < ILOAD < 500mA LT1763-2.5 VIN = 3V, ILOAD = 1mA 3.5V < VIN < 20V, 1mA < ILOAD < 500mA LT1763-3 VIN = 3.5V, ILOAD = 1mA 4V < VIN < 20V, 1mA < ILOAD < 500mA
q q q q q q q q q q q q q q q q
MIN 1.485 1.462 1.782 1.755 2.475 2.435 2.970 2.925 3.267 3.220 4.950 4.875 1.208 1.190
TYP 1.8 1.5 1.5 1.8 1.8 2.5 2.5 3 3 3.3 3.3 5 5 1.22 1.22 1 1 1 1 1 1 1 3 4
MAX 2.3 1.515 1.538 1.818 1.845 2.525 2.565 3.030 3.075 3.333 3.380 5.050 5.125 1.232 1.250 5 5 5 5 5 5 5 8 15 9 18 12 25
UNITS V V V V V V V V V V V V V V V mV mV mV mV mV mV mV mV mV mV mV mV mV
1763fa
LT1763-3.3 VIN = 3.8V, ILOAD = 1mA 4.3V < VIN < 20V, 1mA < ILOAD < 500mA LT1763-5 ADJ Pin Voltage (Notes 3, 4) Line Regulation LT1763 VIN = 5.5V, ILOAD = 1mA 6V < VIN < 20V, 1mA < ILOAD < 500mA VIN = 2V, ILOAD = 1mA 2.22V < VIN < 20V, 1mA < ILOAD < 500mA VIN = 2V to 20V, ILOAD = 1mA VIN = 2.3V to 20V, ILOAD = 1mA VIN = 3V to 20V, ILOAD = 1mA VIN = 3.5V to 20V, ILOAD = 1mA VIN = 3.8V to 20V, ILOAD = 1mA VIN = 5.5V to 20V, ILOAD = 1mA VIN = 2V to 20V, ILOAD = 1mA VIN = 2.5V, ILOAD = 1mA to 500mA VIN = 2.5V, ILOAD = 1mA to 500mA VIN = 2.8V, ILOAD = 1mA to 500mA VIN = 2.8V, ILOAD = 1mA to 500mA VIN = 3.5V, ILOAD = 1mA to 500mA VIN = 3.5V, ILOAD = 1mA to 500mA
LT1763-1.5 LT1763-1.8 LT1763-2.5 LT1763-3 LT1763-3.3 LT1763-5 LT1763 (Note 3) LT1763-1.5 LT1763-1.8 LT1763-2.5
Load Regulation
q
5
q
2
U
W
U
U
WW
W
LT1763 Series
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. (Note 2)
PARAMETER Load Regulation CONDITIONS LT1763-3 LT1763-3.3 LT1763-5 LT1763 (Note 3) Dropout Voltage VIN = VOUT(NOMINAL) (Notes 5, 6, 11) ILOAD = 10mA ILOAD = 10mA ILOAD = 50mA ILOAD = 50mA ILOAD = 100mA ILOAD = 100mA ILOAD = 500mA ILOAD = 500mA GND Pin Current VIN = VOUT(NOMINAL) (Notes 5, 7) ILOAD = 0mA ILOAD = 1mA ILOAD = 50mA ILOAD = 100mA ILOAD = 250mA ILOAD = 500mA COUT = 10F, CBYP = 0.01F, ILOAD = 500mA, BW = 10Hz to 100kHz (Notes 3, 8) VOUT = Off to On VOUT = On to Off VSHDN = 0V VSHDN = 20V VIN = 6V, VSHDN = 0V VIN - VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 500mA VIN = 7V, VOUT = 0V VIN = VOUT(NOMINAL) + 1V, VOUT = - 0.1V VIN = - 20V, VOUT = 0V LT1763-1.5 LT1763-1.8 LT1763-2.5 LT1763-3 LT1763-3.3 LT1763-5 LT1763 (Note 3) VOUT = 1.5V, VIN < 1.5V VOUT = 1.8V, VIN < 1.8V VOUT = 2.5V, VIN < 2.5V VOUT = 3V, VIN < 3V VOUT = 3.3V, VIN < 3.3V VOUT = 5V, VIN < 5V VOUT = 1.22V, VIN < 1.22V
q q q q
MIN VIN = 4V, ILOAD = 1mA to 500mA VIN = 4V, ILOAD = 1mA to 500mA VIN = 4.3V, ILOAD = 1mA to 500mA VIN = 4.3V, ILOAD = 1mA to 500mA VIN = 6V, ILOAD = 1mA to 500mA VIN = 6V, ILOAD = 1mA to 500mA VIN = 2.3V, ILOAD = 1mA to 500mA VIN = 2.3V, ILOAD = 1mA to 500mA
q
TYP 7 7
MAX 15 30 17 33 25 50 6 12 0.19 0.25 0.22 0.32 0.24 0.34 0.35 0.45 75 120 1.6 3 8 16 100 2
UNITS mV mV mV mV mV mV mV mV V V V V V V V V A A mA mA mA mA VRMS nA V V A A
q
12
q
2
q
0.13
q
0.17
q
0.20
q
0.30
q q q q q q q
30 65 1.1 2 5 11 20 30 0.25 0.8 0.65 0.1 1 0.1 50 65 700 520
Output Voltage Noise ADJ Pin Bias Current Shutdown Threshold SHDN Pin Current (Note 9) Quiescent Current in Shutdown Ripple Rejection Current Limit Input Reverse Leakage Current Reverse Output Current (Note 10)
1
A dB mA mA
1 10 10 10 10 10 10 5 20 20 20 20 20 20 10
mA A A A A A A A
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LT1763 regulators are tested and specified under pulse load conditions such that TJ TA. The LT1763 is 100% tested at TA = 25C. Performance at - 40C and 125C is assured by design, characterization and correlation with statistical process controls. Note 3: The LT1763 (adjustable version) is tested and specified for these conditions with the ADJ pin connected to the OUT pin. Note 4: Operating conditions are limited by maximum junction temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When operating at maximum input voltage, the output current range must be limited. When operating at maximum output current, the input voltage range must be limited. Note 5: To satisfy requirements for minimum input voltage, the LT1763 (adjustable version) is tested and specified for these conditions with an external resistor divider (two 250k resistors) for an output voltage of 2.44V. The external resistor divider will add a 5A DC load on the output.
1763fa
3
LT1763 Series
ELECTRICAL CHARACTERISTICS
Note 6: Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In dropout, the output voltage will be equal to: VIN - VDROPOUT. Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) or VIN = 2.3V (whichever is greater) and a current source load. This means the device is tested while operating in its dropout region. This is the worst-case GND pin current. The GND pin current will decrease slightly at higher input voltages. Note 8: ADJ pin bias current flows into the ADJ pin. Note 9: SHDN pin current flows into the SHDN pin. Note 10: Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the OUT pin and out the GND pin. Note 11: For the LT1763, LT1763-1.5 and LT1763-1.8 dropout voltage will be limited by the minimum input voltage specification under some output voltage/load conditions. See the curve of Minimum Input Voltage in the Typical Performance Characteristics.
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Dropout Voltage
500
GUARANTEED DROPOUT VOLTAGE (mV)
450
DROPOUT VOLTAGE (mV)
TJ = 125C
350 300 250 200 150 100 50 0 0 50 100 150 200 250 300 350 400 450 500 OUTPUT CURRENT (mA)
1763 G01
350 300 250 200 150 100 50 0 0
TJ 125C TJ 25C
DROPOUT VOLTAGE (mV)
400
TJ = 25C
Quiescent Current
50 45 1.528 1.521
QUIESCENT CURRENT (A)
40 35 30 25 20 15 10 VIN = 6V 5 RL = , IL = 0 (LT1763-1.5/-1.8/-2.5/-3/-3.3/-5) RL = 250k, IL = 5A (LT1763) 0 0 25 50 75 100 125 -50 -25 TEMPERATURE (C)
1763 G04
VSHDN = VIN
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
4
UW
Guaranteed Dropout Voltage
500 450 400
Dropout Voltage
500 450 400 350 300 250 200 150 100 50 IL = 50mA IL = 10mA 100 125 IL = 1mA IL = 100mA IL = 250mA IL = 500mA
= TEST POINTS
50 100 150 200 250 300 350 400 450 500 OUTPUT CURRENT (mA)
1763 G02
0 -50 -25
50 25 0 75 TEMPERATURE (C)
1763 G03
LT1763-1.5 Output Voltage
1.84 IL = 1mA 1.83 1.82 1.81 1.80 1.79 1.78 1.77 0 25 50 75 100 125 1.514 1.507 1.500 1.493 1.486 1.479 1.472 -50 -25
LT1763-1.8 Output Voltage
IL = 1mA
1.76 -50 -25
0
25
50
75
100
125
TEMPERATURE (C)
1763 G50
TEMPERATURE (C)
1763 G51
1763fa
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-2.5 Output Voltage
2.54 IL = 1mA 2.53 3.045 2.52 2.51 2.50 2.49 2.48 2.47 2.46 -50 -25 0 25 50 75 100 125 3.030 3.015 3.000 2.985 2.970 2.955 2.940 -50 -25 0 25 50 75 100 125 3.060 IL = 1mA 3.345
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
TEMPERATURE (C)
1763 G05
LT1763-5 Output Voltage
5.100 IL = 1mA 5.075
OUTPUT VOLTAGE (V) ADJ PIN VOLTAGE (V)
5.050 5.025 5.000 4.975 4.950 4.925 4.900 -50 -25 0 25 50 75 100 125
1.230 1.225 1.220 1.215 1.210 1.205 1.200 -50 -25 0 25 50 75 100 125
QUIESCENT CURRENT (A)
TEMPERATURE (C)
1763 G08
LT1763-1.8 Quiescent Current
250 225 TJ = 25C RL = 250 225
QUIESCENT CURRENT (A)
QUIESCENT CURRENT (A)
175 150 125 100 75 50 25 0 0 1 2 VSHDN = VIN VSHDN = 0V 34567 INPUT VOLTAGE (V) 8 9 10
175 150 125 100 75 50 25 0 0 1 2 VSHDN = VIN VSHDN = 0V 34567 INPUT VOLTAGE (V) 8 9 10
QUIESCENT CURRENT (A)
200
UW
LT1763-3 Output Voltage
3.360
LT1763-3.3 Output Voltage
IL = 1mA 3.330 3.315 3.300 3.285 3.270 3.255 3.240 -50 -25 0 25 50 75 100 125
TEMPERATURE (C)
1763 G06
TEMPERATURE (C)
1763 G07
LT1763 ADJ Pin Voltage
1.240 1.235 IL = 1mA 250 225 200 175 150 125 100 75 50 25 0
LT1763-1.5 Quiescent Current
TJ = 25C RL =
VSHDN = VIN VSHDN = 0V 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
TEMPERATURE (C)
1763 G09
1763 G52
LT1763-2.5 Quiescent Current
250 TJ = 25C RL = 225 200 175 150 125 100 75 50 25 0
LT1763-3 Quiescent Current
TJ = 25C RL =
200
VSHDN = VIN VSHDN = 0V 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
1763 G53
1763 G10
1763 G11
1763fa
5
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-3.3 Quiescent Current
250 225 TJ = 25C RL = 250 225 TJ = 25C RL =
QUIESCENT CURRENT (A)
QUIESCENT CURRENT (A)
QUIESCENT CURRENT (A)
200 175 150 125 100 75 50 25 0 0 1 2 VSHDN = VIN VSHDN = 0V 34567 INPUT VOLTAGE (V) 8 9 10
LT1763-1.5 GND Pin Current
1200 1000 1200 1000
GND PIN CURRENT (A)
GND PIN CURRENT (A)
800 600 400 200 0
RL = 30 IL = 50mA*
800 600 400 200 0
RL = 36 IL = 50mA* TJ = 25C VIN = VSHDN *FOR VOUT = 1.8V RL = 180 IL = 10mA* RL = 1.8k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
GND PIN CURRENT (A)
TJ = 25C VIN = VSHDN *FOR VOUT = 1.5V
RL = 150 IL = 10mA* RL = 1.5k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
LT1763-3 GND Pin Current
1200 1000 1200 1000
GND PIN CURRENT (A)
GND PIN CURRENT (A)
800 600 400 200 0 RL = 300 IL = 10mA* RL = 3k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10 TJ = 25C VIN = VSHDN *FOR VOUT = 3V
800 600 400 200 0 RL = 330 IL = 10mA* RL = 3.3k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10 TJ = 25C VIN = VSHDN *FOR VOUT = 3.3V
GND PIN CURRENT (A)
RL = 60 IL = 50mA*
6
UW
1763 G12 1763 G54 1763 G16
LT1763-5 Quiescent Current
40 35 30 25 20 15 10 5 0 9 10
LT1763 Quiescent Current
TJ = 25C RL = 250k VSHDN = VIN
200 175 150 125 100 75 50 25 0 0 1 2 VSHDN = VIN VSHDN = 0V 34567 INPUT VOLTAGE (V) 8
VSHDN = 0V 0 2 4 6 8 10 12 14 16 18 20 INPUT VOLTAGE (V)
1763 G14
1763 G13
LT1763-1.8 GND Pin Current
1200 1000 800 600 400 200 0
LT1763-2.5 GND Pin Current
RL = 50 IL = 50mA* TJ = 25C VIN = VSHDN *FOR VOUT = 2.5V RL = 250 IL = 10mA* RL = 2.5k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
1763 G55
1763 G15
LT1763-3.3 GND Pin Current
1200 1000 800 600 400 200 0
LT1763-5 GND Pin Current
RL = 66 IL = 50mA*
RL = 100 IL = 50mA* TJ = 25C VIN = VSHDN *FOR VOUT = 5V RL = 500 IL = 10mA* RL = 5k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10
1763 G17
1763 G18
1763fa
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
LT1763 GND Pin Current
1200 1000 RL = 24.4 IL = 50mA* TJ = 25C VIN = VSHDN *FOR VOUT = 1.22V RL = 122 IL = 10mA* RL = 1.22k IL = 1mA* 0 1 2 34567 INPUT VOLTAGE (V) 8 9 10 12 10 TJ = 25C VIN = VSHDN *FOR VOUT = 1.5V RL = 3 IL = 500mA* RL = 5 IL = 300mA*
GND PIN CURRENT (mA)
GND PIN CURRENT (mA)
GND PIN CURRENT (A)
800 600 400 200 0
LT1763-2.5 GND Pin Current
12 10 TJ = 25C VIN = VSHDN *FOR VOUT = 2.5V 12 10
GND PIN CURRENT (mA)
GND PIN CURRENT (mA)
8 6 4 2 0
RL = 5 IL = 500mA* RL = 8.33 IL = 300mA* RL = 25 IL = 100mA*
8 6 4 2 0
RL = 6 IL = 500mA* RL = 10 IL = 300mA*
GND PIN CURRENT (mA)
0
1
2
34567 INPUT VOLTAGE (V)
LT1763-5 GND Pin Current
12 10 TJ = 25C VIN = VSHDN *FOR VOUT = 5V RL = 10 IL = 500mA* 12 10
GND PIN CURRENT (mA)
GND PIN CURRENT (mA)
8 6 4 2 0 RL = 50 IL = 100mA* RL = 16.7 IL = 300mA*
8 6 4 2 0
RL = 2.44 IL = 500mA* RL = 4.07 IL = 300mA*
GND PIN CURRENT (mA)
0
1
2
34567 INPUT VOLTAGE (V)
UW
1763 G19
LT1763-1.5 GND Pin Current
12 10 8 6 4 2 0
LT1763-1.8 GND Pin Current
TJ = 25C VIN = VSHDN *FOR VOUT = 1.8V RL = 3.6 IL = 500mA* RL = 6 IL = 300mA*
8 6 4 2 0
RL = 15 IL = 100mA*
RL = 18 IL = 100mA*
0
1
2
34567 INPUT VOLTAGE (V)
8
9
10
0
1
2
34567 INPUT VOLTAGE (V)
8
9
10
1763 G56
1763 G57
LT1763-3 GND Pin Current
12 TJ = 25C VIN = VSHDN *FOR VOUT = 3V 10 8 6 4 2 0
LT1763-3.3 GND Pin Current
TJ = 25C VIN = VSHDN *FOR VOUT = 3.3V RL = 6.6 IL = 500mA* RL = 11 IL = 300mA* RL = 33 IL = 100mA*
RL = 30 IL = 100mA*
8
9
10
0
1
2
34567 INPUT VOLTAGE (V)
8
9
10
0
1
2
34567 INPUT VOLTAGE (V)
8
9
10
1763 G20
1763 G21
1763 G22
LT1763 GND Pin Current
12 TJ = 25C VIN = VSHDN *FOR VOUT = 1.22V
GND Pin Current vs ILOAD
VIN = VOUT(NOMINAL) + 1V 10 8 6 4 2 0
RL = 12.2 IL = 100mA*
8
9
10
0
1
2
34567 INPUT VOLTAGE (V)
8
9
10
0
50 100 150 200 250 300 350 400 450 500 OUTPUT CURRENT (mA)
1763 G25
1763 G23
1763 G24
1763fa
7
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Threshold (On-to-Off)
1.0 0.9 IL = 1mA
SHDN PIN THRESHOLD (V)
SHDN PIN THRESHOLD (V)
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 IL = 1mA IL = 500mA
SHDN PIN INPUT CURRENT (A)
SHDN Pin Input Current
1.6 VSHDN = 20V
SHDN PIN INPUT CURRENT (A)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -50 -25 0 25 50 75 100 125
ADJ PIN BIAS CURRENT (nA)
CURRENT LIMIT (A)
TEMPERATURE (C)
1763 G29
Current Limit
1.2 1.0 VIN = 7 VOUT = 0V 100 90 80 70 60 50
0.8 0.6 0.4 0.2 0 -50 -25
REVERSE OUTPUT CURRENT (A)
LT1763 LT1763-1.8 LT1763-2.5
REVERSE OUTPUT CURRENT (A)
CURRENT LIMIT (A)
50 25 0 75 TEMPERATURE (C)
8
UW
1763 G26
SHDN Pin Threshold (Off-to-On)
1.0 0.9 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
SHDN Pin Input Current
0
1
2
345678 SHDN PIN VOLTAGE (V)
9
10
1763 G27
1763 G28
ADJ Pin Bias Current
140 120 100 80 60 40 20 0 -50 -25
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Current Limit
VOUT = 0V
50 25 0 75 TEMPERATURE (C)
100
125
0
1
4 3 2 5 INPUT VOLTAGE (V)
6
7
1763 G31
1763 G30
Reverse Output Current
20 TJ = 25C, VIN = 0V CURRENT FLOWS INTO OUTPUT PIN VOUT = VADJ (LT1763) LT1763-1.5
Reverse Output Current
VIN = 0V, VOUT = 1.22V (LT1763) 18 VOUT = 1.5V (LT1763-1.5) = 1.8V (LT1763-1.8) V 16 VOUT = 2.5V (LT1763-2.5) OUT 14 VOUT = 3V (LT1763-3) VOUT = 3.3V (LT1763-3.3) 12 VOUT = 5V (LT1763-5) 10 8 6 4 2 10 0 -50 -25 50 25 0 75 TEMPERATURE (C) 100 125 LT1763-1.5/-1.8/ -2.5/-3/-3.3/-5 LT1763
LT1763-3 40 LT1763-3.3 30 20 10 0 LT1763-5 0 1 2 345678 OUTPUT VOLTAGE (V) 9
100
125
1763 G32
1763 G33
1763 G34
1763fa
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
Input Ripple Rejection
80 70 80 70 CBYP = 0.01F
RIPPLE REJECTION (dB)
RIPPLE REJECTION (dB)
50 40 30 20 10 0 10 100 IL = 500mA VIN = VOUT(NOMINAL) + 1V + 50mVRMS RIPPLE CBYP = 0
COUT = 10F
50 CBYP = 1000pF 40 30 20 10 0 IL = 500mA VIN = VOUT(NOMINAL) + 1V + 50mVRMS RIPPLE COUT = 10F 10 100 1k 10k FREQUENCY (Hz) 100k 1M
1763 G36
RIPPLE REJECTION (dB)
60
COUT = 4.7F
1k 10k FREQUENCY (Hz)
100k
LT1763 Minimum Input Voltage
2.50 2.25 MINIMUM INPUT VOLTAGE (V) IL = 500mA
LT1763 0
LOAD REGULATION (mV)
LT1763-2.5
LT1763-1.5 LT1763-1.8
OUTPUT NOISE SPECTRAL DENSITY (V/Hz)
2.00 1.75 1.50 1.25 1.00 0.75 0.50 0.25 VOUT = 1.22V
IL = 1mA
0 -50 -25
50 25 0 75 TEMPERATURE (C)
Output Noise Spectral Density
OUTPUT NOISE SPECTRAL DENSITY (V/Hz)
10 COUT = 10F IL = 500mA OUTPUT NOISE (VRMS) LT1763-5 1 LT1763 CBYP = 1000pF CBYP = 100pF
OUTPUT NOISE (VRMS)
0.1
CBYP = 0.01F
0.01 10
100
1k 10k FREQUENCY (Hz)
UW
1M
1763 G35
Input Ripple Rejection
68 66 64 62 60 58 56 54
Ripple Rejection
60
CBYP = 100pF
VIN = VOUT (NOMINAL) + 1V + 0.5VP-P RIPPLE AT f = 120Hz IL = 500mA 0 25 50 75 100 125
52 -50 -25
TEMPERATURE (C)
1763 G37
Load Regulation
5
10
Output Noise Spectral Density CBYP = 0
LT1763-3 LT1763-5 1 LT1763-3.3
-5 -10 -15 -20 LT1763-3 LT1763-3.3 LT1763-5
LT1763 0.1
LT1763-2.5 LT1763-1.5 LT1763-1.8
VIN = VOUT(NOMINAL) + 1V IL = 1mA TO 500mA 0 25 50 75 100 125
COUT = 10F IL = 500mA 0.01 10 100 1k 10k FREQUENCY (Hz) 100k
1763 G40
100
125
-25 -50 -25
TEMPERATURE (C)
1763 G38
1763 G39
RMS Output Noise vs Bypass Capacitor
160 140 120 100 80 LT1763-2.5 60 40 20 0 10 LT1763 LT1763-1.8 LT1763-1.5 100 CBYP (pF) 1000 10000
1763 G42
RMS Output Noise vs Load Current (10Hz to 100kHz)
160 140 120 LT1763-5 100 80 60 40 20 0 0.01 0.1 LT1763-5 LT1763 10 100 1 LOAD CURRENT (mA) 1000
1763 G43
COUT = 10F IL = 500mA f = 10Hz TO 100kHz LT1763-5 LT1763-3.3 LT1763-3
COUT = 10F CBYP = 0 CBYP = 0.01F
LT1763
100k
1763 G41
1763fa
9
LT1763 Series TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-5 10Hz to 100kHz Output Noise CBYP = 0 LT1763-5 10Hz to 100kHz Output Noise CBYP = 100pF LT1763-5 10Hz to 100kHz Output Noise CBYP = 1000pF
VOUT 100V/DIV
1ms/DIV COUT = 10F IL = 500mA
1763 G46
LT1763-5 10Hz to 100kHz Output Noise CBYP = 0.01F
OUTPUT VOLTAGE DEVIATION (V) 0.4 0.2 0 -0.2 -0.4
OUTPUT VOLTAGE DEVIATION (V)
VOUT 100V/DIV
LOAD CURRENT (mA)
600 400 200 0 0 200 400 600 TIME (s) 800 1000
1763 G48
LOAD CURRENT (mA)
1ms/DIV COUT = 10F IL = 500mA
1763 G45
PIN FUNCTIONS
OUT (Pin 1): Output. The output supplies power to the load. A minimum output capacitor of 3.3F is required to prevent oscillations. Larger output capacitors will be required for applications with large transient loads to limit peak voltage transients. See the Applications Information section for more information on output capacitance and reverse output characteristics. SENSE (Pin 2): Output Sense. For fixed voltage versions of the LT1763 (LT1763-1.5/LT1763-1.8/LT1763-2.5/ LT1763-3/LT1763-3.3/LT1763-5), the SENSE pin is the input to the error amplifier. Optimum regulation will be obtained at the point where the SENSE pin is connected to the OUT pin of the regulator. In critical applications, small voltage drops are caused by the resistance (RP) of PC traces between the regulator and the load. These may be eliminated by connecting the SENSE pin to the output at the load as shown in Figure 1 (Kelvin Sense Connection).
8 IN LT1763 OUT 1 RP
10
UW
VOUT 100V/DIV
VOUT 100V/DIV
1ms/DIV COUT = 10F IL = 500mA
1763 G47
1ms/DIV COUT = 10F IL = 500mA
1763 G44
LT1763-5 Transient Response CBYP = 0
VIN = 6V CIN = 10F COUT = 10F 0.10 0.05 0 -0.05 -0.10
LT1763-5 Transient Response CBYP = 0.01F
VIN = 6V CIN = 10F COUT = 10F
600 400 200 0 0 10 20 30 40 50 60 70 80 90 100 TIME (s)
1763 G49
U
U
U
+
VIN
5
SHDN
SENSE GND 3
2
+
LOAD
RP
1763 F01
Figure 1. Kelvin Sense Connection
1763fa
LT1763 Series
PIN FUNCTIONS
Note that the voltage drop across the external PC traces will add to the dropout voltage of the regulator. The SENSE pin bias current is 10A at the nominal rated output voltage. The SENSE pin can be pulled below ground (as in a dual supply system where the regulator load is returned to a negative supply) and still allow the device to start and operate. ADJ (Pin 2): Adjust. For the adjustable LT1763, this is the input to the error amplifier. This pin is internally clamped to 7V. It has a bias current of 30nA which flows into the pin (see curve of ADJ Pin Bias Current vs Temperature in the Typical Performance Characteristics section). The ADJ pin voltage is 1.22V referenced to ground and the output voltage range is 1.22V to 20V. BYP (Pin 4): Bypass. The BYP pin is used to bypass the reference of the LT1763 regulators to achieve low noise performance from the regulator. The BYP pin is clamped internally to 0.6V (one VBE). A small capacitor from the output to this pin will bypass the reference to lower the output voltage noise. A maximum value of 0.01F can be used for reducing output voltage noise to a typical 20VRMS over a 10Hz to 100kHz bandwidth. If not used, this pin must be left unconnected. GND (Pins 3, 6, 7): Ground. SHDN (Pin 5): Shutdown. The SHDN pin is used to put the LT1763 regulators into a low power shutdown state. The output will be off when the SHDN pin is pulled low. The SHDN pin can be driven either by 5V logic or opencollector logic with a pull-up resistor. The pull-up resistor is required to supply the pull-up current of the opencollector gate, normally several microamperes, and the SHDN pin current, typically 1A. If unused, the SHDN pin must be connected to VIN. The device will be in the low power shutdown state if the SHDN pin is not connected. IN (Pin 8): Input. Power is supplied to the device through the IN pin. A bypass capacitor is required on this pin if the device is more than six inches away from the main input filter capacitor. In general, the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. A bypass capacitor in the range of 1F to 10F is sufficient. The LT1763 regulators are designed to withstand reverse voltages on the IN pin with respect to ground and the OUT pin. In the case of a reverse input, which can happen if a battery is plugged in backwards, the device will act as if there is a diode in series with its input. There will be no reverse current flow into the regulator and no reverse voltage will appear at the load. The device will protect both itself and the load.
APPLICATIONS INFORMATION
The LT1763 series are 500mA low dropout regulators with micropower quiescent current and shutdown. The devices are capable of supplying 500mA at a dropout voltage of 300mV. Output voltage noise can be lowered to 20VRMS over a 10Hz to 100kHz bandwidth with the addition of a 0.01F reference bypass capacitor. Additionally, the reference bypass capacitor will improve transient response of the regulator, lowering the settling time for transient load conditions. The low operating quiescent current (30A) drops to less than 1A in shutdown. In addition to the low quiescent current, the LT1763 regulators incorporate several protection features which make them ideal for use in battery-powered systems. The devices are protected against both reverse input and reverse output voltages. In battery backup applications where the output can be held up by a backup battery when the input is pulled to ground, the LT1763-X acts like it has a diode in series with its output and prevents reverse current flow. Additionally, in dual supply applications where the regulator load is returned to a negative supply, the output can be pulled below ground by as much as 20V and still allow the device to start and operate. Adjustable Operation The adjustable version of the LT1763 has an output voltage range of 1.22V to 20V. The output voltage is set by the ratio of two external resistors as shown in Figure 2. The device servos the output to maintain the ADJ pin voltage at 1.22V referenced to ground. The current in R1 is then equal to 1.22V/R1 and the current in R2 is the current in R1
1763fa
U
W
U
U
U
U
U
11
LT1763 Series
APPLICATIONS INFORMATION
plus the ADJ pin bias current. The ADJ pin bias current, 30nA at 25C, flows through R2 into the ADJ pin. The output voltage can be calculated using the formula in Figure 2. The value of R1 should be no greater than 250k to minimize errors in the output voltage caused by the ADJ pin bias current. Note that in shutdown the output is turned off and the divider current will be zero. Curves of ADJ Pin Voltage vs Temperature and ADJ Pin Bias Current vs Temperature appear in the Typical Performance Characteristics section.
IN VIN LT1763 ADJ GND R1
1763 F02
OUT
VOUT
+
R2
R2 VOUT = 1.22V 1 + + (IADJ )(R2) R1 VADJ = 1.22V IADJ = 30nA AT 25C OUTPUT RANGE = 1.22V TO 20V
Figure 2. Adjustable Operation
The adjustable device is tested and specified with the ADJ pin tied to the OUT pin for an output voltage of 1.22V. Specifications for output voltages greater than 1.22V will be proportional to the ratio of the desired output voltage to 1.22V: VOUT/1.22V. For example, load regulation for an output current change of 1mA to 500mA is - 2mV typical at VOUT = 1.22V. At VOUT = 12V, load regulation is: (12V/1.22V)(-2mV) = - 19.6mV Bypass Capacitance and Low Noise Performance The LT1763 regulators may be used with the addition of a bypass capacitor from VOUT to the BYP pin to lower output voltage noise. A good quality low leakage capacitor is recommended. This capacitor will bypass the reference of the regulator, providing a low frequency noise pole. The noise pole provided by this bypass capacitor will lower the output voltage noise to as low as 20VRMS with the addition of a 0.01F bypass capacitor. Using a bypass capacitor has the added benefit of improving transient response. With no bypass capacitor and a 10F output capacitor, a 10mA to 500mA load step will settle to within 1% of its final value in less than 100s. With the addition of a 0.01F bypass capacitor, the output will settle to within 1% for a 10mA to 500mA load step in less than
ESR ()
12
U
W
U
U
10s, with total output voltage deviation of less than 2.5% (see LT1763-5 Transient Response in the Typical Performance Characteristics). However, regulator start-up time is inversely proportional to the size of the bypass capacitor, slowing to 15ms with a 0.01F bypass capacitor and 10F output capacitor. Output Capacitance and Transient Response The LT1763 regulators are designed to be stable with a wide range of output capacitors. The ESR of the output capacitor affects stability, most notably with small capacitors. A minimum output capacitor of 3.3F with an ESR of 3 or less is recommended to prevent oscillations. The LT1763-X is a micropower device and output transient response will be a function of output capacitance. Larger values of output capacitance decrease the peak deviations and provide improved transient response for larger load current changes. Bypass capacitors, used to decouple individual components powered by the LT1763-X, will increase the effective output capacitor value. With larger capacitors used to bypass the reference (for low noise operation), larger values of output capacitors are needed. For 100pF of bypass capacitance, 4.7F of output capacitor is recommended. With a 1000pF bypass capacitor or larger, a 6.8F output capacitor is recommended. The shaded region of Figure 3 defines the range over which the LT1763 regulators are stable. The minimum ESR needed is defined by the amount of bypass capacitance used, while the maximum ESR is 3.
4.0 3.5 3.0 STABLE REGION 2.5 2.0 1.5 1.0 0.5 0 1 3 2 4 5 6 7 8 9 10 OUTPUT CAPACITANCE (F)
1763 F03
CBYP = 0 CBYP = 100pF CBYP = 330pF CBYP 1000pF
Figure 3. Stability
1763fa
LT1763 Series
APPLICATIONS INFORMATION
20 0 BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F X5R -20 -40 -60 Y5V -80 -100
CHANGE IN VALUE (%)
0
2
4
8 6 10 12 DC BIAS VOLTAGE (V)
14
16
1763 F04
Figure 4. Ceramic Capacitor DC Bias Characteristics
40 20
CHANGE IN VALUE (%)
0 -20 -40 -60 -80 BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F 50 25 75 0 TEMPERATURE (C) Y5V
X5R
-100 -50 -25
100
125
1763 F05
Figure 5. Ceramic Capacitor Temperature Characteristics
LT1763-5 COUT = 10F CBYP = 0.01f ILOAD = 100mA VOUT 500V/DIV
100ms/DIV
1763 F06
Figure 6. Noise Resulting from Tapping on a Ceramic Capacitor
U
W
U
U
Extra consideration must be given to the use of ceramic capacitors. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior across temperature and applied voltage. The most common dielectrics used are Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are good for providing high capacitances in a small package, but exhibit strong voltage and temperature coefficients as shown in Figures 4 and 5. When used with a 5V regulator, a 10F Y5V capacitor can exhibit an effective value as low as 1F to 2F over the operating temperature range. The X5R and X7R dielectrics result in more stable characteristics and are more suitable for use as the output capacitor. The X7R type has better stability across temperature, while the X5R is less expensive and is available in higher values. Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress, similar to the way a piezoelectric accelerometer or microphone works. For a ceramic capacitor the stress can be induced by vibrations in the system or thermal transients. The resulting voltages produced can cause appreciable amounts of noise, especially when a ceramic capacitor is used for noise bypassing. A ceramic capacitor produced Figure 6's trace in response to light tapping from a pencil. Similar vibration induced behavior can masquerade as increased output voltage noise. Thermal Considerations The power handling capability of the device will be limited by the maximum rated junction temperature (125C). The power dissipated by the device will be made up of two components: 1. Output current multiplied by the input/output voltage differential: (IOUT)(VIN - VOUT), and 2. GND pin current multiplied by the input voltage: (IGND)(VIN). The GND pin current can be found by examining the GND Pin Current curves in the Typical Performance Characteristics. Power dissipation will be equal to the sum of the two components listed above.
1763fa
13
LT1763 Series
APPLICATIONS INFORMATION
The LT1763 series regulators have internal thermal limiting designed to protect the device during overload conditions. For continuous normal conditions, the maximum junction temperature rating of 125C must not be exceeded. It is important to give careful consideration to all sources of thermal resistance from junction to ambient. Additional heat sources mounted nearby must also be considered. For surface mount devices, heat sinking is accomplished by using the heat spreading capabilities of the PC board and its copper traces. Copper board stiffeners and plated through-holes can also be used to spread the heat generated by power devices. The following table lists thermal resistance for several different board sizes and copper areas. All measurements were taken in still air on 3/32" FR-4 board with one ounce copper.
Table 1. Measured Thermal Resistance
COPPER AREA TOPSIDE* 2500mm2 1000mm2 225mm 100mm 50mm
2 2
THERMAL RESISTANCE BOARD AREA 2500mm2 2500mm2 2500mm 2500mm 2500mm
2 2 2
BACKSIDE 2500mm2 2500mm2 2500mm 2500mm 2500mm
2 2 2
(JUNCTION-TO-AMBIENT) 60C/W 60C/W 68C/W 74C/W 86C/W
2
*Device is mounted on topside.
Calculating Junction Temperature Example: Given an output voltage of 3.3V, an input voltage range of 4V to 6V, an output current range of 0mA to 250mA and a maximum ambient temperature of 50C, what will the maximum junction temperature be? The power dissipated by the device will be equal to: IOUT(MAX)(VIN(MAX) - VOUT) + IGND(VIN(MAX)) where, IOUT(MAX) = 250mA VIN(MAX) = 6V IGND at (IOUT = 250mA, VIN = 6V) = 5mA So,
14
U
W
U
U
P = 250mA(6V - 3.3V) + 5mA(6V) = 0.71W The thermal resistance will be in the range of 60C/W to 86C/W depending on the copper area. So the junction temperature rise above ambient will be approximately equal to: 0.71W(75C/W) = 53.3C The maximum junction temperature will then be equal to the maximum junction temperature rise above ambient plus the maximum ambient temperature or: TJMAX = 50C + 53.3C = 103.3C Protection Features The LT1763 regulators incorporate several protection features which make them ideal for use in battery-powered circuits. In addition to the normal protection features associated with monolithic regulators, such as current limiting and thermal limiting, the devices are protected against reverse input voltages, reverse output voltages and reverse voltages from output to input. Current limit protection and thermal overload protection are intended to protect the device against current overload conditions at the output of the device. For normal operation, the junction temperature should not exceed 125C. The input of the device will withstand reverse voltages of 20V. Current flow into the device will be limited to less than 1mA (typically less than 100A) and no negative voltage will appear at the output. The device will protect both itself and the load. This provides protection against batteries which can be plugged in backward. The output of the LT1763-X can be pulled below ground without damaging the device. If the input is left open circuit or grounded, the output can be pulled below ground by 20V. For fixed voltage versions, the output will act like a large resistor, typically 500k or higher, limiting current flow to less than 100A. For adjustable versions, the output will act like an open circuit; no current will flow out of the pin. If the input is powered by a voltage source, the output will source the short-circuit current of the device and will protect itself by thermal limiting. In this case, grounding the SHDN pin will turn off the device and stop the output from sourcing the short-circuit current.
1763fa
LT1763 Series
APPLICATIONS INFORMATION
The ADJ pin of the adjustable device can be pulled above or below ground by as much as 7V without damaging the device. If the input is left open circuit or grounded, the ADJ pin will act like an open circuit when pulled below ground and like a large resistor (typically 100k) in series with a diode when pulled above ground. In situations where the ADJ pin is connected to a resistor divider that would pull the ADJ pin above its 7V clamp voltage if the output is pulled high, the ADJ pin input current must be limited to less than 5mA. For example, a resistor divider is used to provide a regulated 1.5V output from the 1.22V reference when the output is forced to 20V. The top resistor of the resistor divider must be chosen to limit the current into the ADJ pin to less than 5mA when the ADJ pin is at 7V. The 13V difference between output and ADJ pin divided by the 5mA maximum current into the ADJ pin yields a minimum top resistor value of 2.6k. In circuits where a backup battery is required, several different input/output conditions can occur. The output voltage may be held up while the input is either pulled to ground, pulled to some intermediate voltage or is left open circuit. Current flow back into the output will follow the curve shown in Figure 7. When the IN pin of the LT1763-X is forced below the OUT pin or the OUT pin is pulled above the IN pin, input current will typically drop to less than 2A. This can happen if the input of the device is connected to a discharged (low voltage) battery and the output is held up by either a backup battery or a second regulator circuit. The state of the SHDN pin will have no effect on the reverse output current when the output is pulled above the input.
100
REVERSE OUTPUT CURRENT (A)
TYPICAL APPLICATION
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.189 - .197 (4.801 - 5.004) NOTE 3 8 7 6 5 .053 - .069 (1.346 - 1.752)
.045 .005 .050 BSC
.245 MIN
.160 .005
.228 - .244 (5.791 - 6.197)
.030 .005 TYP RECOMMENDED SOLDER PAD LAYOUT NOTE: 1. DIMENSIONS IN
INCHES (MILLIMETERS) 2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
W
U
U
U
TJ = 25C 90 VIN = 0V CURRENT FLOWS 80 INTO OUTPUT PIN 70 VOUT = VADJ (LT1763) LT1763 60 LT1763-1.8 50 LT1763-2.5 40 30 20 10 0 0 1 2 LT1763-3
LT1763-1.5
LT1763-5 LT1763-3.3 345678 OUTPUT VOLTAGE (V) 9 10
1763 F07
Figure 7. Reverse Output Current
.004 - .010 (0.101 - 0.254)
.150 - .157 (3.810 - 3.988) NOTE 3
.014 - .019 (0.355 - 0.483) TYP .010 - .020 x 45 (0.254 - 0.508) .008 - .010 (0.203 - 0.254)
.050 (1.270) BSC
1
2
3
4
0- 8 TYP
.016 - .050 (0.406 - 1.270)
SO8 0303
1763fa
15
LT1763 Series
TYPICAL APPLICATION
Paralleling of Regulators for Higher Output Current
R1 0.1 3.3V 1A C2 10F
VIN > 3.8V
RELATED PARTS
PART NUMBER LT1120 LT1121 LT1129 LT1175 LT1521 LT1529 LT1613 LT1761 Series LT1762 Series LT1764A LT1962 LT1963A LT3010 DESCRIPTION 125mA Low Dropout Regulator with 20A IQ 150mA Micropower Low Dropout Regulator 700mA Micropower Low Dropout Regulator 500mA Negative Low Dropout Micropower Regulator 300mA Low Dropout Micropower Regulator with Shutdown 3A Low Dropout Regulator with 50A IQ 1.4MHz Single-Cell Micropower DC/DC Converter 100mA, Low Noise, Low Dropout Micropower Regulators in SOT-23 150mA, Low Noise, LDO Micropower Regulators 3A, Fast Transient Response Low Dropout Regulator 300mA, Fast Transient Response Low Dropout Regulator 1.5A, Fast Transient Response Low Dropout Regulator 50mA, 80V Low Noise, LDO Micropower Regulator COMMENTS Includes 2.5V Reference and Comparator 30A IQ, SOT-223 Package 50A Quiescent Current 45A IQ, 0.26V Dropout Voltage, SOT-223 Package 15A IQ, Reverse Battery Protection 500mV Dropout Voltage SOT-23 Package, Internally Compensated 20A Quiescent Current, 20VRMS Noise, ThinSOT 25A Quiescent Current, 20VRMS Noise, MS8 340mV Dropout Voltage, DD, TO220 270mV Dropout Voltage, 20VRML, MS8 340mV Dropout Voltage, 40VRML, DD, TO220, S8, SOT-223 300mV Dropout Voltage, MS8E
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
U
+
IN C1 10F
OUT SENSE LT1763-3.3
+
C4 0.01F
SHDN BYP GND R2 0.1 IN LT1763 SHDN R3 2.2k R4 2.2k 3 SHDN GND BYP ADJ OUT
C5 0.01F
R6 2k
R7 1.21k
+ -
8 1
R5 10k
1/2 LT1490 2 4
C3 0.01F
1763 TA03
1763fa LT/TP 1003 1K * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1999


▲Up To Search▲   

 
Price & Availability of LT1763

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X