Part Number Hot Search : 
EVQWK D640S N10A0 EC000899 MAZL100H MAX17545 P4SMA51 63310
Product Description
Full Text Search
 

To Download LT1308A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LT1308A/LT1308B High Current, Micropower Single Cell, 600kHz DC/DC Converters
FEATURES
s s s s s s
DESCRIPTION
August 1999
s s s s s
5V at 1A from a Single Li-Ion Cell 5V at 800mA in SEPIC Mode from Four NiCd Cells Fixed Frequency Operation: 600kHz Boost Converter Outputs up to 34V Starts into Heavy Loads Automatic Burst ModeTM Operation at Light Load (LT1308A) Continuous Switching at Light Loads (LT1308B) Low VCESAT Switch: 300mV at 2A Pin-for-Pin Upgrade Compatible with LT1308 Lower Quiescent Current in Shutdown: 1A (Max) Improved Accuracy Low-Battery Detector Reference: 200mV 2%
The LT (R)1308A/LT1308B are micropower, fixed frequency step-up DC/DC converters that operate over a 1V to 10V input voltage range. They are improved versions of the LT1308 and are recommended for use in new designs. The LT1308A features automatic shifting to power saving Burst Mode operation at light loads and consumes just 140A at no load. The LT1308B features continuous switching at light loads and operates at a quiescent current of 2.5mA. Both devices consume less than 1A in shutdown. Low-battery detector accuracy is significantly tighter than the LT1308. The 200mV reference is specified at 2% at room and 3% over temperature. The shutdown pin enables the device when it is tied to a 1V or higher source and does not need to be tied to VIN as on the LT1308. An internal VC clamp results in improved transient response and the switch voltage rating has been increased to 36V, enabling higher output voltage applications. The LT1308A/LT1308B are available in the 8-lead SO and 14-lead TSSOP packages.
, LTC and LT are registered trademarks of Linear Technology Corporation. Burst Mode is a trademark of Linear Technology Corporation.
APPLICATIONS
s s s s s s s
GSM/CDMA Phones Digital Cameras LCD Bias Supplies Answer-Back Pagers GPS Receivers Battery Backup Supplies Handheld Computers
TYPICAL APPLICATION
L1 4.7H D1 5V 1A SW LBO LT1308B SHDN VC 47k 100pF C1: AVX TAJC476M010 C2: AVX TPSD227M006 D1: IR 10BQ015 L1: MURATA LQH6N4R7 *R1: 169k FOR VOUT = 3.3V 887k FOR VOUT = 12V FB GND R2 100k R1* 309k 95 90 85
EFFICIENCY (%)
Converter Efficiency
V IN = 3.6V V IN = 4.2V
+
Li-Ion CELL
VIN C1 47F SHUTDOWN LBI
+
C2 220F
80 75 70 65 60 55 V IN = 1.5V
1308A/B F01
50 1 10 100 LOAD CURRENT (mA) 1000
1308A/B F01a
Figure 1. LT1308B Single Li-Ion Cell to 5V/1A DC/DC Converter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
U
U
V IN = 2.5V
1
LT1308A/LT1308B ABSOLUTE AXI U RATI GS
VIN, SHDN, LBO Voltage ......................................... 10V SW Voltage ............................................... - 0.4V to 36V FB Voltage ....................................................... VIN + 1V VC Voltage ................................................................ 2V LBI Voltage ................................................. - 0.1V to 1V Current into FB Pin .............................................. 1mA
PACKAGE/ORDER I FOR ATIO
TOP VIEW VC FB SHDN GND GND GND GND 1 2 3 4 5 6 7 14 LBO 13 LBI 12 VIN 11 VIN 10 SW 9 8 SW SW
ORDER PART NUMBER LT1308ACF LT1308BCF
VC 1 FB 2 SHDN 3 GND 4
F PACKAGE 14-LEAD PLASTIC TSSOP
(Note 6) TJMAX = 125C, JA = 80C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. Commercial Grade 0C to 70C. VIN = 1.1V, VSHDN = VIN, unless otherwise noted.
SYMBOL PARAMETER IQ Quiescent Current CONDITIONS Not Switching, LT1308A Switching, LT1308B VSHDN = 0V (LT1308A/LT1308B)
q
VFB IB
Feedback Voltage FB Pin Bias Current Reference Line Regulation Minimum Input Voltage (Note 3) 1.1V VIN 2V 2V VIN 10V I = 5A VIN = 1.2V Duty Cyle = 30% (Note 4) ISW = 2A (25C, 0C), VIN = 1.5V ISW = 2A (70C), VIN = 1.5V VIN = 2.5V, Circuit of Figure 1
gm AV fOSC
Error Amp Transconductance Error Amp Voltage Gain Switching Frequency Maximum Duty Cycle Switch Current Limit Switch VCESAT Burst Mode Operation Switch Current Limit (LT1308A)
2
U
U
W
WW
U
W
(Note 1)
Operating Temperature Range Commercial ............................................ 0C to 70C Extended Commerial (Note 2) ........... - 40C to 85C Industrial ........................................... - 40C to 85C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
TOP VIEW 8 7 6 5 LBO LBI VIN SW
ORDER PART NUMBER LT1308ACS8 LT1308AIS8 LT1308BCS8 LT1308BIS8 S8 PART MARKING 1308A 1308AI 1308B 1308BI
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 125C, JA = 80C/W
MIN
TYP 140 2.5 0.01
MAX 240 4 1 1.24 80 0.4 0.2 1
UNITS A mA A V nA %/V %/V V mhos V/V
1.20
1.22 27 0.03 0.01 0.92 60 100
q q
q q
500 82 2
600 90 3 290 330 400
700 4.5 350 400
kHz % A mV mV mA
LT1308A/LT1308B
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. Commercial Grade 0C to 70C. VIN = 1.1V, VSHDN = VIN, unless otherwise noted.
SYMBOL PARAMETER Shutdown Pin Current CONDITIONS VSHDN = 1.1V VSHDN = 6V VSHDN = 0V
q q q q
ELECTRICAL CHARACTERISTICS
MIN
TYP 2 20 0.01
MAX 5 35 0.1 204 206 0.25 0.1 100 10
UNITS A A A mV mV V A nA V/V A
LBI Threshold Voltage LBO Output Low LBO Leakage Current LBI Input Bias Current (Note 5) Low-Battery Detector Gain Switch Leakage Current VSW = 5V
q
196 194
200 200 0.1 0.01 33 3000 0.01
ISINK = 50A VLBI = 250mV, VLBO = 5V VLBI = 150mV
q q
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25C. Industrial Grade - 40C to 85C. VIN = 1.2V, VSHDN = VIN, unless otherwise noted.
SYMBOL PARAMETER IQ Quiescent Current CONDITIONS Not Switching, LT1308A Switching, LT1308B VSHDN = 0V (LT1308A/LT1308B) (Note 3) 1.1V VIN 2V 2V VIN 10V I = 5A
q q q q q q q q q
MIN
TYP 140 2.5 0.01
MAX 240 4 1 1.25 80 0.4 0.2 1
UNITS A mA A V nA %/V %/V V mhos V/V
VFB IB
Feedback Voltage FB Pin Bias Current Reference Line Regulation Minimum Input Voltage
1.19
1.22 27 0.05 0.01 0.92 60 100
gm AV fOSC
Error Amp Transconductance Error Amp Voltage Gain Switching Frequency Maximum Duty Cycle Switch Current Limit Switch VCESAT Burst Mode Operation Switch Current Limit (LT1308A) Shutdown Pin Current
500 82 2
600 90 3 290 330 400
750 4.5 350 400
kHz % A mV mV mA
Duty Cyle = 30% (Note 4) ISW = 2A (25C, - 40C), VIN = 1.5V ISW = 2A (85C), VIN = 1.5V VIN = 2.5V, Circuit of Figure 1 VSHDN = 1.1V VSHDN = 6V VSHDN = 0V
q q
2 20 0.01 196 193 200 200 0.1 0.01 33 3000
5 35 0.1 204 207 0.25 0.1 100 10
A A A mV mV V A nA V/V A
LBI Threshold Voltage
q
LBO Output Low LBO Leakage Current LBI Input Bias Current (Note 5) Low-Battery Detector Gain Switch Leakage Current
ISINK = 50A VLBI = 250mV, VLBO = 5V VLBI = 150mV VSW = 5V
q q
q
0.01
3
LT1308A/LT1308B
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The LT1308ACS8 and LT1308BCS8 are designed, characterized and expected to meet the industrial temperature limits, but are not tested at -40C and 85C. I grade devices are guaranteed. Note 3: Bias current flows into FB pin. Note 4: Switch current limit guaranteed by design and/or correlation to static tests. Duty cycle affects current limit due to ramp generator (see Block Diagram). Note 5: Bias current flows out of LBI pin. Note 6: Connect the four GND pins (Pins 4-7) together at the device. Similarly, connect the three SW pins (Pins 8-10) together and the two VIN pins (Pins 11, 12) together at the device.
TYPICAL PERFORMANCE CHARACTERISTICS
LT1308B 3.3V Output Efficiency
95 90 85
EFFICIENCY (%)
V IN = 1.8V
V IN = 2.5V
EFFICIENCY (%)
75 70 65 60 55 50 1
V IN = 1.2V
EFFICIENCY (%)
80
100 10 LOAD CURRENT (mA)
LT1308B 12V Output Efficiency
90 85 80 V IN = 5V V IN = 3.3V
SWITCH VCESAT (mV)
EFFICIENCY (%)
75
70 65 60 55 50 1 10 100 LOAD CURRENT (mA) 1000
1308A/B G04
4
UW
1308A/B G01
LT1308A 3.3V Output Efficiency
95 90 85 80 75 70 65 60 55 50 1000 1 100 10 LOAD CURRENT (mA) 1000
1308A/B G02
LT1308A 5V Output Efficiency
95 90 V IN = 4.2V V IN = 3.6V
V IN = 1.8V
V IN = 2.5V
85 80 75 70 65 60 55 50 1
V IN = 1.2V
V IN = 1.5V
V IN = 2.5V
10 100 LOAD CURRENT (mA)
1000
1308A/B G03
LT1308A Transient Response Circuit of Figure 1
500
Switch Saturation Voltage vs Current
VOUT 100mV/DIV AC COUPLED ILOAD 1A 0A VIN = 3.6V VOUT = 5V COUT = 220F 100s/DIV
1308 G05
400 85C 300 25C -40C
200
100
0
0
1.0 0.5 1.5 SWITCH CURRENT (A)
2.0
1308 G06
LT1308A/LT1308B
PIN FUNCTIONS
VC (Pin 1): Compensation Pin for Error Amplifier. Connect a series RC from this pin to ground. Typical values are 47k and 100pF. Minimize trace area at VC. FB (Pin 2): Feedback Pin. Reference voltage is 1.22V. Connect resistive divider tap here. Minimize trace area at FB. Set VOUT according to: VOUT = 1.22V(1 + R1/R2). SHDN (Pin 3): Shutdown. Ground this pin to turn off switcher. To enable, tie to 1V or more. SHDN does not need to be at VIN to enable the device. GND (Pin 4): Ground. Connect directly to local ground plane. Ground plane should enclose all components associated with the LT1308. PCB copper connected to Pin 4 also functions as a heat sink. Maximize this area to keep chip heating to a minimum. SW (Pin 5): Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to keep EMI down. VIN (Pin 6): Supply Pin. Must have local bypass capacitor right at the pin, connected directly to ground. LBI (Pin 7): Low-Battery Detector Input. 200mV reference. Voltage on LBI must stay between -100mV and 1V. Low-battery detector does not function with SHDN pin grounded. If not used, float LBI pin. LBO (Pin 8): Low-Battery Detector Output. Open collector, can sink 50A. A 1M pull-up is recommended. LBO is high impedance when SHDN is grounded.
BLOCK DIAGRAM
VIN 6 R5 40k
VOUT R1 (EXTERNAL) FB R2 (EXTERNAL)
FB 2
R4 140k
RAMP GENERATOR
600kHz OSCILLATOR *HYSTERESIS IN LT1308A ONLY
Figure 2. LT1308A/LT1308B Block Diagram
+
+ +
-
W
U
U
U
VIN Q4 2VBE SHDN
VIN R6 40k
+
gm
VC 1 LBI ERROR AMPLIFIER BIAS
SHUTDOWN
3
-
Q1 Q2 x10 R3 30k
+
*
ENABLE 200mV
7
+ -
A4
LBO 8
-
A1 COMPARATOR
SW FF R Q S DRIVER 5 Q3
A2
+
A=3 0.03
-
4 GND
1308 BD
5
LT1308A/LT1308B
APPLICATIONS INFORMATION
OPERATION The LT1308A combines a current mode, fixed frequency PWM architecture with Burst Mode micropower operation to maintain high efficiency at light loads. Operation can be best understood by referring to the block diagram in Figure 2. Q1 and Q2 form a bandgap reference core whose loop is closed around the output of the converter. When VIN is 1V, the feedback voltage of 1.22V, along with an 80mV drop across R5 and R6, forward biases Q1 and Q2's base collector junctions to 300mV. Because this is not enough to saturate either transistor, FB can be at a higher voltage than VIN. When there is no load, FB rises slightly above 1.22V, causing VC (the error amplifier's output) to decrease. When VC reaches the bias voltage on hysteretic comparator A1, A1's output goes low, turning off all circuitry except the input stage, error amplifier and lowbattery detector. Total current consumption in this state is 120A. As output loading causes the FB voltage to decrease, A1's output goes high, enabling the rest of the IC. Switch current is limited to approximately 400mA initially after A1's output goes high. If the load is light, the output voltage (and FB voltage) will increase until A1's output goes low, turning off the rest of the LT1308A. Low frequency ripple voltage appears at the output. The ripple frequency is dependent on load current and output capacitance. This Burst Mode operation keeps the output regulated and reduces average current into the IC, resulting in high efficiency even at load currents of 1mA or less. If the output load increases sufficiently, A1's output remains high, resulting in continuous operation. When the LT1308A is running continuously, peak switch current is controlled by VC to regulate the output voltage. The switch is turned on at the beginning of each switch cycle. When the summation of a signal representing switch current and a ramp generator (introduced to avoid subharmonic oscillations at duty factors greater than 50%) exceeds the VC signal, comparator A2 changes state, resetting the flip-flop and turning off the switch. Output voltage increases as switch current is increased. The output, attenuated by a resistor divider, appears at the FB pin, closing the overall loop. Frequency compensation is provided by an external series RC network connected between the VC pin and ground. Low-battery detector A4's open-collector output (LBO) pulls low when the LBI pin voltage drops below 200mV. There is no hysteresis in A4, allowing it to be used as an amplifier in some applications. The entire device is disabled when the SHDN pin is brought low. To enable the converter, SHDN must be at 1V or greater. It need not be tied to VIN as on the LT1308. The LT1308B differs from the LT1308A in that there is no hysteresis in comparator A1. Also, the bias point on A1 is set lower than on the LT1308B so that switching can occur at inductor current less than 100mA. Because A1 has no hysteresis, there is no Burst Mode operation at light loads and the device continues switching at constant frequency. This results in the absence of low frequency output voltage ripple at the expense of efficiency. The difference between the two devices is clearly illustrated in Figure 3. The top two traces in Figure 3 shows an LT1308A/LT1308B circuit, using the components indicated in Figure 1, set to a 5V output. Input voltage is 3V. Load current is stepped from 50mA to 800mA for both circuits. Low frequency Burst Mode operation voltage ripple is observed on Trace A, while none is observed on Trace B. At light loads, the LT1308B will begin to skip alternate cycles. The load point at which this occurs can be decreased by increasing the inductor value. However, output ripple will continue to be significantly less than the LT1308A output ripple. Further, the LT1308B can be forced into micropower mode, where IQ falls from 3mA to 200A by sinking 40A or more out of the VC pin. This stops switching by causing A1's output to go low.
6
U
W
U
U
TRACE A: LT1308A VOUT, 100mV/DIV AC COUPLED TRACE B: LT1308B VOUT, 100mV/DIV AC COUPLED 800mA ILOAD 50mA VIN = 3V 200s/DIV (CIRCUIT OF FIGURE 1)
1308 F03
Figure 3. LT1308A Exhibits Burst Mode Operation Output Voltage Ripple at 50mA Load, LT1308B Does Not
LT1308A/LT1308B
APPLICATIONS INFORMATION
LAYOUT HINTS The LT1308A/LT1308B switch current at high speed, mandating careful attention to layout for proper performance. You will not get advertised performance with careless layouts. Figure 4 shows recommended component placement for a boost (step-up) converter. Follow this closely in your PC layout. Note the direct path of the switching loops. Input capacitor C1 must be placed close (< 5mm) to the IC package. As little as 10mm of wire or PC trace from CIN to VIN will cause problems such as inability to regulate or oscillation. The negative terminal of output capacitor C2 should tie close to Pin 4 of the LT1308A/LT1308B. Doing this reduces dI/dt in the ground copper which keeps high frequency spikes to a minimum. The DC/DC converter ground should tie to the PC board ground plane at one place only, to avoid introducing dI/dt in the ground plane. A SEPIC (Single-Ended Primary Inductance Converter) schematic is shown in Figure 5. This converter topology produces a regulated output over an input voltage range that spans (i.e., can be higher or lower than) the output. Recommended component placement for a SEPIC is shown in Figure 6. COMPONENT SELECTION Inductors Suitable inductors for use with the LT1308A/LT1308B must fulfill two requirements. First, the inductor must be able to handle current of 2A steady-state, as well as support transient and start-up current over 3A without inductance decreasing by more than 50% to 60%. Second, the DCR of the inductor should have low DCR, under 0.05 so that copper loss is minimized. Acceptable inductance values range between 2H and 20H, with 4.7H best for most applications. Lower value inductors are physically smaller than higher value inductors for the same current capability. Table 1 lists some inductors we have found to perform well in LT1308A/LT1308B application circuits. This is not an exclusive list.
Table 1
VENDOR Murata Sumida Coiltronics PART NO. LQH6C4R7 CDRH734R7 CTX5-1 VALUE 4.7H 4.7H 5H PHONE NO. 770-436-1300 847-956-0666 561-241-7876
U
W
U
U
Capacitors Equivalent Series Resistance (ESR) is the main issue regarding selection of capacitors, especially the output capacitors. The output capacitors specified for use with the LT1308A/ LT1308B circuits have low ESR and are specifically designed for power supply applications. Output voltage ripple of a boost converter is equal to ESR multiplied by switch current. The performance of the AVX TPSD227M006 220F tantalum can be evaluated by referring to Figure 4. When the load is 800mA, the peak switch current is approximately 2A. Output voltage ripple is about 60mVPP, so the ESR of the output capacitor is 60mV/2A or 0.03. Ripple can be further reduced by paralleling ceramic units. Table 2 lists some capacitors we have found to perform well in the LT1308A/LT1308B application circuits. This is not an exclusive list.
Table 2
VENDOR AVX AVX Taiyo Yuden Taiyo Yuden SERIES TPS TPS X5R X5R PART NO. TPSD227M006 TPSD107M010 LMK432BJ226 TMK432BJ106 VALUE 220F, 6V PHONE NO. 803-448-9411
100F, 10V 803-448-9411 22F, 10V 10F, 25V 408-573-4150 408-573-4150
Diodes We have found Motorola MBRS130 and International Rectifier 10BQ015 to perform well. For applications where VOUT exceeds 30V, use 40V diodes such as MBRS140 or 10BQ040.
7
LT1308A/LT1308B
APPLICATIONS INFORMATION
GROUND PLANE LBI LBO L1A CTX10-2 C2 4.7F CERAMIC C1 VIN 3V TO 10V D1
+
VIN
R1 R2 SHUTDOWN
1 2 3 4 LT1308A LT1308B
8 7 6 5 L1
MULTIPLE VIAs GND C2
+
D1
VOUT
Figure 4. Recommended Component Placement for Boost Converter. Note Direct High Current Paths Using Wide PC Traces. Minimize Trace Area at Pin 1 (VC) and Pin 2 (FB). Use Multiple Vias to Tie Pin 4 Copper to Ground Plane. Use Vias at One Location Only to Avoid Introducing Switching Currents into the Ground Plane
GROUND PLANE C1
+
R1 R2 SHUTDOWN
1 2 3 4 LT1308A LT1308B
MULTIPLE VIAs GND
C3
+
Figure 6. Recommended Component Placement for SEPIC
8
U
W
U
U
+
VIN C1 47F SHUTDOWN LT1308B SHDN VC 47k 680pF
SW L1B R1 309k FB GND R2 100k VOUT 5V 500mA
+
C3 220F 6.3V
C1: AVX TAJC476M016 C2: TAIYO YUDEN EMK325BJ475(X5R) C3: AVX TPSD227M006
D1: IR 10BQ015 L1: COILTRONICS CTX10-2
1308A/B F05
1308 F04
Figure 5. SEPIC (Single-Ended Primary Inductance Converter) Converts 3V to 10V Input to a 5V/500mA Regulated Output
LBI LBO
VIN
8 7 6 5 L1A L1B
C2
D1
VOUT
1308 F06
LT1308A/LT1308B
APPLICATIONS INFORMATION
SHDN PIN The LT1308A/LT1308B SHDN pin is improved over the LT1308. The pin does not require tying to VIN to enable the device, but needs only a logic level signal. The voltage on the SHDN pin can vary from 1V to 10V independent of VIN. Further, floating this pin has the same effect as grounding, which is to shut the device down, reducing current drain to 1A or less. LOW-BATTERY DETECTOR The low-battery detector on the LT1308A/LT1308B features improved accuracy and drive capability compared to the LT1308. The 200mV reference has an accuracy of 2% and the open-collector output can sink 50A. The LT1308A/ LT1308B low-battery detector is a simple PNP input gain stage with an open-collector NPN output. The negative input of the gain stage is tied internally to a 200mV reference. The positive input is the LBI pin. Arrangement as a low-battery detector is straightforward. Figure 7 details hookup. R1 and R2 need only be low enough in value so that the bias current of the LBI pin doesn't cause large errors. For R2, 100k is adequate. The 200mV reference can also be accessed as shown in Figure 8. A cross plot of the low-battery detector is shown in Figure 9. The LBI pin is swept with an input which varies from 195mV to 205mV, and LBO with a 100k pull-up resistor, is displayed. START-UP The LT1308A/LT1308B can start up into heavy loads, unlike many CMOS DC/DC converters that derive operating voltage from the output (a technique known as "bootstrapping"). Figure 10 details start-up waveforms of Figure 1's circuit with a 20 load and VIN of 1.5V. Inductor current rises to 3.5A as the output capacitor is charged. After the output reaches 5V, inductor current is about 1A. In Figure 11, the load is 5 and input voltage is 3V. Output voltage reaches 5V 500s after the device is enabled. Figure 12 shows start-up behavior of Figure 5's SEPIC circuit, driven from a 9V input with a 10 load. The output reaches 5V in about 1ms after the device is enabled. GSM AND CDMA PHONES The LT1308A/LT1308B are suitable for converting a single Li-Ion cell to 5V for powering RF power stages in GSM or CDMA phones. Improvements in the LT1308A/LT1308B error amplifiers allow external compensation values to be reduced, resulting in faster transient response compared to the LT1308. The circuit of Figure 13 (same as Figure 1, printed again for convenience) provides a 5V, 1A output from a Li-Ion cell. Figure 14 details transient response at the LT1308A operating at a VIN of 4.2V, 3.6V and 3V. Ripple voltage in Burst Mode operation can be seen at 10mA load. Figure 15 shows transient response of the LT1308B under the same conditions. Note the lack of Burst Mode ripple at 10mA load.
5V R1 LBI R2 100k VIN LT1308A LT1308B LBO
+ -
200mV INTERNAL REFERENCE GND
100k 200k TO PROCESSOR VBAT VREF 200mV R1 = VLB - 200mV 2A 10k 2N3906 LBO VIN LT1308A LT1308B GND
1308 F08
VBAT
1308 F07
Figure 7. Setting Low-Battery Detector Trip Point
U
W
U
U
+
10F
LBI
Figure 8. Accessing 200mV Reference
9
LT1308A/LT1308B
APPLICATIONS INFORMATION
VOUT 1V/DIV VLBO 1V/DIV
195
200 VLBI (mV)
205
1308 F09
Figure 9. Low-Battery Detector Input/Output Characteristic
VOUT 2V/DIV
IL1 1A/DIV VSHDN 5V/DIV 1ms/DIV
1308 F10
Figure 10. 5V Boost Converter of Figure 1. Start-Up from 1.5V Input into 20 Load
+
Li-Ion CELL
C1 47F SHUTDOWN
C1: AVX TAJC476M010 C2: AVX TPSD227M006
Figure 13. Li-Ion to 5V Boost Converter Delivers 1A
10
U
W
U
U
IL1 2A/DIV VSHDN 5V/DIV 500s/DIV
1308 F11
Figure 11. 5V Boost Converter of Figure 1. Start-Up from 3V Input into 5 Load
VOUT 2V/DIV
ISW 2A/DIV VSHDN 5V/DIV 500s/DIV
1308 F12
Figure 12. 5V SEPIC Start-Up from 9V Input into 10 Load
L1 4.7H
D1 5V 1A SW LBO R1 309k
VIN LBI LT1308B SHDN VC 47k 100pF
FB GND R2 100k
+
C2 220F
D1: IR 10BQ015 L1: MURATA LQH6N4R7
1308A/B F13
LT1308A/LT1308B
APPLICATIONS INFORMATION
VOUT VIN = 4.2V VOUT VIN = 3.6V VOUT VIN = 3V ILOAD 1A 10mA VOUT VIN = 4.2V VOUT VIN = 3.6V VOUT VIN = 3V ILOAD 1A 10mA
1308 F14
VOUT TRACES = 200mV/DIV
200s/DIV
Figure 14. LT1308A Li-Ion to 5V Boost Converter Transient Response to 1A Load Step
PACKAGE DESCRIPTION
Dimensions in inches (millimeters) unless otherwise noted. F Package 14-Lead Plastic TSSOP (4.4mm)
(LTC DWG # 05-08-1650)
4.90 - 5.10* (0.193 - 0.201) 14 13 12 11 10 9 8
4.30 - 4.48** (0.169 - 0.176) 0 - 8
0.09 - 0.18 (0.0035 - 0.0071)
0.50 - 0.70 (0.020 - 0.028)
NOTE: DIMENSIONS ARE IN MILLIMETERS *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.152mm (0.006") PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
U
U
W
U
U
VOUT TRACES = 200mV/DIV
100s/DIV
1308 F15
Figure 15. LT1308B Li-Ion to 5V Boost Converter Transient Response to 1A Load Step
6.25 - 6.50 (0.246 - 0.256)
1234567 1.10 (0.0433) MAX
0.65 (0.0256) BSC 0.18 - 0.30 (0.0071 - 0.0118)
0.05 - 0.15 (0.002 - 0.006)
F14 TSSOP 1299
11
LT1308A/LT1308B
TYPICAL APPLICATION
SEPIC Converts 3V to 10V Input to a 5V/500mA Regulated Output
L1A CTX10-2 C2 4.7F CERAMIC D1
VIN 3V TO 10V
+
VIN C1 47F SHUTDOWN LT1308B SHDN VC 47k 680pF
SW L1B R1 309k FB GND R2 100k VOUT 5V 500mA
C1: AVX TAJC476M016 C2: TAIYO YUDEN EMK325BJ475(X5R) C3: AVX TPSD227M006
D1: IR 10BQ015 L1: COILTRONICS CTX10-2
PACKAGE DESCRIPTION
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
RELATED PARTS
PART NUMBER LT1302 LT1304 LT1316 LTC 1474 LTC1516 LTC1522 LT1610 LT1611 LT1613 LT1615 LTC1682 LT1949
(R)
DESCRIPTION High Output Current Micropower DC/DC Converter 2-Cell Micropower DC/DC Converter Burst Mode Operation DC/DC with Programmable Current Limit Micropower Step-Down DC/DC Converter 2-Cell to 5V Regulated Charge Pump Micropower, 5V Charge Pump DC/DC Converter Single-Cell Micropower DC/DC Converter Inverting 1.4MHz Switching Regulator in 5-Lead SOT-23 1.4MHz Switching Regulator in 5-Lead SOT-23 Micropower Step-Up DC/DC in 5-Lead SOT-23 Doubler Charge Pump with Low Noise LDO 600kHz, 1A Switch PWM DC/DC Converter
LT1307/LT1307B Single Cell, Micropower, 600kHz PWM DC/DC Converters LT1317/LT1317B Micropower, 600kHz PWM DC/DC Converters
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
U
3.3V to 12V/300mA Step-Up DC/DC Converter
L1 4.7H
D1 12V 300mA SW LBO R1 887k
+
Li-Ion CELL
VIN C1 47F SHUTDOWN LBI LT1308B SHDN VC 47k 100pF
FB GND R2 100k
+
C2 100F
+
C3 220F 6.3V
1308A/B F05
C1: AVX TAJC476M010 C2: AVX TPSD107M016 D1: IR 10BQ015
L1: MURATA LQH6N4R7
1308A/B TA01
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.053 - 0.069 (1.346 - 1.752) 8 0.004 - 0.010 (0.101 - 0.254) 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988) 0.189 - 0.197* (4.801 - 5.004) 7 6 5
0.050 (1.270) BSC
1
2
3
4
SO8 1298
COMMENTS 5V/600mA from 2V, 2A Internal Switch, 200A IQ 5V/200mA, Low-Battery Detector Active in Shutdown 3.3V at 75mA from One Cell, MSOP Package 1.5V Minimum, Precise Control of Peak Current Limit 100A IQ, Operate with VIN as Low as 1.5V 94% Efficiency, 10A IQ, 9V to 5V at 250mA 12A IQ, No Inudctors, 5V at 50mA from 3V Input Regulated 5V 4% Output, 20mA from 3V Input 3V at 30mA from 1V, 1.7MHz Fixed Frequency - 5V at 150mA from 5V Input, Tiny SOT-23 package 5V at 200mA from 4.4V Input, Tiny SOT-23 package 20A IQ, 36V, 350mA Switch Adjustable or Fixed 3.3V, 5V Outputs, 60VRMS Output Noise 1.1A, 0.5, 30V Internal Switch, VIN as Low as 1.5V
1308abis, sn1308ab LT/TP 0899 4K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1999


▲Up To Search▲   

 
Price & Availability of LT1308A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X