Part Number Hot Search : 
THD277HI T100A 37541 OPA9448M FS8108 SMAJ18 TVS3527D MBR5200D
Product Description
Full Text Search
 

To Download LS410860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LS41__60
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Single Diode Isolated Module 600 Amperes / Up to 2400 Volts
TM
CO CO G CONNECTION DIAGRAM
OUTLINE DRAWING
D G A K H E B J
Description:
Powerex Single Diode Modules are designed for use in applications requiring rectification and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. LS41__60 Single Diode TM POW-R-BLOK Module 600 Amperes / 800-2400 Volts
"Q"
M
N
"P"
K
A
Features:
T T T T T Electrically Isolated Heatsinking Aluminum Nitride Isolator Compression Bonded Elements Metal Baseplate Low Thermal Impedance for Improved Current Capability T UL Recognized
L
C
F
R
LS41 Outline Dimensions
Dimension A B Inches 3.15 1.50 2.05 3.62 1.97 0.39 0.24 0.79 0.99 0.48 0.12 1.45 1.76 M10 Metric 0.22 Dia. 0.99 Millimeters 80.0 38.0 52.1 92.0 50.0 9.9 6.1 20.1 25.1 12.2 3.1 36.8 44.7 M10 5.6 Dia. 25.1
Benefits:
T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time
K
A
C D E
CONNECTION DIAGRAM
F G H
Ordering Information:
J K L M N P Q R
Applications:
T T T T T Bridge Circuits AC & DC Motor Drives Battery Supplies Power Supplies Large IGBT Circuit Front Ends
Select the complete eight-digit module part number from the table below. Example: LS412460 is a 2400V, 600 Ampere Single Diode Isolated TM POW-R-BLOK Module.
Type
LS41
Voltage Volts (x100)
08 10 12 Thru 24
Current Amperes (x10)
60
Note: Dimensions are for reference only.
Revision Date: 4/19/2002
LS41__60
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Single Diode Isolated Module 600 Amperes / Up to 2400 Volts
TM
Absolute Maximum Ratings
Characteristics Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive Peak Three Cycle Surge Current, Non-Repetitive Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw Max. Mounting Torque, M10 Terminal Screw Module Weight, Typical V Isolation @ 25C Vrms
2
Conditions
Symbol VRRM VRSM IF(RMS) up to 2400 VRRM + 100 950 600 21000 19000 15,500 13,000 1,840,000 1,810,000 -40 to +150 -40 to +150 55 6 110 12 816 1.80 3000
Units V V A A A A A A A sec 2 A sec C C in. - Lb. Nm in. - Lb. Nm g lb V
2
180 Conduction, TC=106C 60 Hz, 100% VRRM reapplied 50 Hz, 100% VRRM reapplied 60 Hz, 100%VRRM reapplied 60 Hz, 100% VRRM reapplied 8.3 milliseconds 10 milliseconds
IF(AV) IFSM IFSM IFSM IFSM It 2 It TJ Tstg
2
Revision Date: 4/19/2002
LS41__60
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Single Diode Isolated Module 600 Amperes / Up to 2400 Volts
TM
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IRRM VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 2400V, TJ=150C TJ=150C, IFM=1800A TJ = 150C, I = 15%IF(AV) to IF(AV) TJ = 150C, I = IF(AV) to IFSM TJ = 150C, I = 15%IF(AV) to IFSM VTM = A + B Ln I +C I + D Sqrt I A= B= C= D= Min. Max. 40 1.19 0.747 0.243 0.914 0.145 5.05E-01 3.44E-02 8.13E-05 6.57E-03 Units mA V V m V m
Thermal Characteristics
Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module / Junction ZJ-C= K1 (1-exp(-t/ 1)) + K2 (1-exp(-t/ 2)) + K3 (1-exp(-t/ 3)) Thermal Resistance, Case to Sink Lubricated RC-S + K4 (1-exp(-t/ 4)) Per Module K1 = 8.03E-04 K2 = 1.03E-02 K3 = 1.64E-02 K4 = 3.75E-02 Max. 0.0650 1 = 3.39E-04 2 = 3.15E-03 3 = 1.06E-01 4 = 2.066 0.02 Units C/W
C/W
Revision Date: 4/19/2002
LS41__60
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK Single Diode Isolated Module 600 Amperes / Up to 2400 Volts
TM
Maximum On-State Forward Voltage Drop
( Tj = 150 C )
5.00
Maximum Transient Thermal Impedance
(Junction to Case)
0.07 0.06
On-State Voltage - Vfm - Volts
Thermal Impedance - Zjc - C/W
10 100 1000 10000 100000
4.00
0.05 0.04 0.03 0.02 0.01
3.00
2.00
1.00
0.00
0 0.001
0.01
0.1
1
10
100
Instantaneous On-State Current - Ifm - Amperes
Time - t - Seconds
Maximum On-State Power Dissipation
(Sinusoidal Waveform) 700 120 600 90 500 60 400 300 200 100 0 0 100 200 300 400 500 600 700 Average On-State Current - If(av) - Amperes 15 30 180
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
150 145
Max. Case Temperature - Tcase -C
140 135 130 125 120 115 110 105 100 0 100 200 300 400 500 600 700 90 120 180 15 30 60
0 180 360
Max. Power Dissipation - Watts
CONDUCTION ANGLE
0
180
360
CONDUCTION ANGLE
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform) 1000 900 270 180 90 60 30 15 120 360
150 140 130
Maximum Allowable Case Temperature
(Rectangular Waveform)
Max. Power Dissipation - Watts
800 700 600 500 400 300 200 100 0 0 200 400 600
Max. Case Temperature - Tcase -C
0
15 120 110 100 30 60 90 120
CONDUC TION ANGLE
180
360
180 90 80
0
CONDUCTION ANGLE
180
360
270 360
800
1000
0
200
400
600
800
1000
Average On-State Current - If(av) - Amperes
Average On-State Current - If(av) - Amperes
Revision Date: 4/19/2002


▲Up To Search▲   

 
Price & Availability of LS410860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X