Part Number Hot Search : 
3200A C71KD ICS1702 SC800 LT103105 G3202 LNA2901L ICL7621
Product Description
Full Text Search
 

To Download LES020ZG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LES SERIES - 15 WATT
DESCRIPTION
LES DC/DC converters provide up to 15 Watts of output power in an industry standard package and footprint. With a maximum case temperature of 100C, the LES is well suited for the most demanding telecom, networking, and industrial applications. The LES features 1500 VDC isolation, short circuit, and overtemperature protection, as well as six-sided shielding. The LES is available with optional enable and voltage trim pins. Please see the IAD Series for dual output applications.
FEATURES
* * * * Industry Standard Package Industry Standard Pinout 85C Case Operation Short Circuit Protection * 24V and 48V Inputs * Input Pi Filter and 6-Sided Shielding * Regulated Outputs * 1500V Isolation
Efficiency vs. Load (24V Input)
85 80 75
EFFICIENCY %
70 65 60 55 50 45
LES010YE-A EFF. (18v)
EFF. (24v) EFF. (36v)
TECHNICAL SPECIFICATIONS
Input Voltage Range 24 VDC Nominal 48 VDC Nominal Reflected Ripple Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Short Circuit / Overcurrent Protection Current Limit Threshold Range, % of Iout Rated Short Circuit Current Max. (12Vout & 15Vout : 4.0A when Vout= 0.25V) OVP Trip Range OVP Type Notes
MTBF predictions may vary slightly from model to model. Specifications typically at 25C, normal line, and full load, unless otherwise stated.
Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information. Units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment.
18 - 36 VDC 36 - 75 VDC 50 mA
85 80 75
10
20
30
40
50
60
70
80
90
100
LOAD %
Efficiency vs. Load (48V Input) 1% 0.2% Vout 0.5% Vout 10% Iout Rated 25% Iout 2% Vout 500 s 10% Shutdown / Hiccup 110 - 150% 200% Iout 115 -140% Vout Nom. Second Control Loop
EFFICIENCY %
70 65 60 55 50 10 20 30 40 50 60 70 80 90 100
LOAD %
LES010ZE
LES015ZG
General Turn-On Time Remote Shutdown Switching Frequency Isolation Input - Output Output - Case Temperature Coefficient Case Temperature Operating Range Storage Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety 10 mS Positive/Negative Logic 400 kHz 1500 VDC 500 VDC 0.02 ppm/C -40 To +100C -40 To +100C 95% 5 g, 10 - 55 Hz 2.5 X 106 hrs UL, cUL, TUV
Rev. 06/01
1
LES SERIES - 15 WATT
MODELS - (See the last page of section for options.) SINGLE OUTPUT MODEL SELECTION CHART
MODEL INPUT VOLTAGE (VOLTS) INPUT VOLTAGE RANGE (VOLTS) MAXIMUM INPUT CURRENT (AMPS)* OUTPUT VOLTAGE (VOLTS) RATED OUTPUT CURRENT (AMPS) RIPPLE & NOISE pk-pk (mV) TYPICAL EFFICIENCY**
LES008YD LES010YE LES015YG LES015YH LES015YJ LES006ZB LES008ZD LES010ZE LES015ZG LES020ZG LES015ZH LES015ZJ
NOTES:
24 24 24 24 24 48 48 48 48 48 48 48
18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 40-60 36-75 36-75
0.6 0.8 1.1 1.3 1.3 0.25 0.35 0.4 0.6 0.63 0.65 0.65
2.5 3.3 5 12 15 1.8 2.5 3.3 5 5 12 15
3.00 3.00 3.00 1.25 1.00 3.00 3.00 3.00 3.00 4.00 1.25 1.00
75 100 100 120 150 75 75 100 100 100 120 150
77% 81% 84% 85% 86% 73% 77% 81% 83% 84% 86% 86%
* Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
MECHANICAL DRAWING
BOTTOM VIEW
0 4
1.00" (25.4mm)
0.18" MIN. (4.6mm)
5
6 2.00" (50.8mm) DIA 0.040" (1.0mm)
0.800"(20.3mm)
1
2
3
1.40"(35.6mm) 0 0.300" (7.6mm) 0.900" (22.9mm) 0.800" (20.3mm) 0.500" (12.7mm) 0.400" (10.2mm) 0.40" (10.2mm)
Thermal Impedance
Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 15.4 C/W 12.2 C/W 9.3 C/W 7.4 C/W 6.4 C/W
Pin
1 2 3 4 5 6
Function
+Vin -Vin No Pin (Optional Shutdown Pin) +Vout No Pin (Optional Trim Pin) -Vout Inches: .XX 0.020 .XXX 0.010 Pin: 0.002 Case: + 0.04, - 0.00
Tolerances
(Millimeters) .X 0.5 .XX 0.25 0.05 + 1.0, - 0.00
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
(Dimensions as listed unless otherwise specified.)
2
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION
Negative Logic Lucent-Compatible Terminal Strip Trim Enable Trim and Enable Current Share Headerless
SUFFIX
N T TS 1 2 3 4 Y
APPLICABLE SERIES
HAS, HBD, HBS, HES, HLS, HLD, LES, QBS, QES, QLS, TES, TQD HAS, HBD, HBS, HES, HLS, QBS, QES, QLS XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS
REMARKS
TTL "Low" Turns Module ON TTL "High" Turns Module OFF
Pin Length and Heatsink Options 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (All Units Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent-compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
3


▲Up To Search▲   

 
Price & Availability of LES020ZG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X