Part Number Hot Search : 
2N440308 2412E PC2105 SMM465 4066D 80960MC CEB02N6A 62H54
Product Description
Full Text Search
 

To Download LCP02-150M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LCP02-150M
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
A.S.D.TM
FEATURES Protection IC recommended for ringing SLICs. Wide firing voltage range: from -110V to +95V. Low gate triggering current Peak pulse current: IPP = 100A (10/1000s) . Holding current: IH = 150mA min. High power dissipation capability UL497B approved (file E136224)
s s s s s s s
MAIN APPLICATIONS Dual battery supply voltage SLICs - negative battery supply configuration - negative & positive battery supply configuration Central Office (CO) Private Branch Exchange (PBX) Digital Loop Carrier (DLC) Asymmetrical Digital Subscriber Line (ADSL) Fiber in the Loop (FITL) Wireless Local Loop (WLL) Hybrid Fiber Coax (HFC) ISDN Terminal Adapter Cable modem
s s s s s s s s s s
PowerS0-10TM
FUNCTIONAL DIAGRAM
TIP
Gn
Gp
GND
DESCRIPTION The LCP02-150M has been developed to protect SLICs operating on both negative and positive supplies, as well as on high voltage SLICs. It provides crowbar mode protection for both TIP and RING lines. Surge suppression is assumed for each wire by two thyristor structures, one dedicated to positive surges, the second one to negative surges. Both positive and negative threshold levels are programmable by two gates (Gn and Gp). The use of transistors decreases the battery currents during surge suppression. The LCP02-150M has high Bellcore Core, ITU-T and FCC Part 68 lightning surge ratings, ensuring rugged performance in the field. The choice of the PowerSo-10TM package is driven by its high power dissipation capability. In addition, the LCP02-150M is also specified to assist a designer to comply with UL1950, IEC950 and CSA C22.2. It is UL 497B approved (file E136224), and has UL94-V0 resin approved
TM: ASD is trademarks of STMicroelectronics.
RING
PIN-OUT CONFIGURATION
GND Gp TIP TIP TIP TIP GND Gn RING RING RING RING
May 2003 - Ed: 4B
1/9
LCP02-150M
ELECTRICAL CHARACTERISTICS (Tamb = 25C) Symbol IGP IGN IH IRG IRM VRM VDGL VGATE VRG C Parameter Positive gate triggering current Negative gate triggering current Holding current Reverse leakage current GATE / LINE Reverse leakage current Reverse voltage LINE/ GND Dynamic switching voltage GATE / LINE GATE / GND voltage Reverse voltage GATE / LINE Capacitance LINE / GND
VGN VRM IRM IRM IH VRM VGP IH
COMPLIES WITH FOLLOWING STANDARDS Peak surge voltage (V) ITU-T K20 ITU-T K21 VDE0433 VDE0878 IEC61000-4-5 FCC Part 68 lightning surge type A FCC Part 68 lightning surge type B BELLCORE GR-1089-CORE First level BELLCORE GR-1089-CORE Second level 6000 1500 6000 1500 2000 2000 level 4 level 4 1500 800 1000 2500 1000 5000 Voltage waveform (s) 10/700 10/700 10/700 10/700 10/700 1.2/50 10/700 1.2/50 10/160 10/560 9/720 2/10 10/1000 2/10 Required Current Minimum serial peak current waveform resistor to meet (A) (s) standard ( ) 150 37.5 150 37.5 50 50 100 100 200 100 25 500 100 500 5/310 5/310 5/310 5/310 5/310 1/20 5/310 8/20 10/160 10/560 5/320 2/10 10/1000 2/10 -
2/9
LCP02-150M
ABSOLUTE RATINGS (Tamb = 25 C) Symbol IPP Peak pulse current Parameter 10/1000s 8/20s 10/560s 5/310s 10/160s 1/20s 2/10s t = 0.2 s t = 1s t = 15 min See fig.1 Value 100 250 120 150 200 250 500 13 10 3.5 -110 to 0 0 to +95 190 -20 to +85 - 55 to + 150 260 Unit A
ITSM
Non repetitive surge peak on-state current (sinusoidal)
A
VGN max Maximum negative battery voltage range VGP max Maximum positive battery voltage range Vbat max Total battery supply voltage Top Tstg TL Operating temperature range (see note 1) Storage temperature range
V
C C C
Maximum lead temperature for soldering during 10s
Note 1: Within the Top range, the LCP02-150M keeps on operating. The impacts of the ambient temperature are given by derating curves.
Fig. 1: Test circuit
TIP
Gp from +0V to +95V
TIP GND RING RING RING RING Gn TIP TIP TIP Gp
Vbat 190V
Gn from -110V to +0V
GND
RING
Gn connected to negative supply voltage Gp connected to positive supply voltage Vbat: differential voltage between VGn and VGp
THERMAL RESISTANCE Symbol Rth (j-a) Junction to ambient Parameter Value 60 Unit C/W
3/9
LCP02-150M
ELECTRICAL CHARACTERISTICS (Tamb = 25C) 1 - PARAMETERS RELATED TO THE NEGATIVE SUPPRESSOR Symbol IGn IHIRGLVDGLVGn/GND = -60V Measured at 50Hz Go-No Go test, VGn = -60V Tj = 25C, VGn/line = -190V VGn/GND = -60V 10/1000s 1kV RP = 25 IPP = 30A 10/700s 2kV RP = 25 IPP = 30A 1.2/50s 2kV RP = 25 IPP = 30A 150 5 10 6 12 Test conditions Min. Max. 5 Unit mA mA A
V
2 - PARAMETERS RELATED TO THE POSITIVE SUPPRESSOR Symbol IGp IRGL+ VDGL+ VGp/GND = 60V Measured at 50Hz Tj = 25C, VGp/line = +190V VGp/GND = +60V 10/1000s 1kV RP = 25 IPP = 30A 10/700s 2kV RP = 25 IPP = 30A 1.2/50s 2kV RP = 25 IPP = 30A Test conditions Min. Max. 10 5 12 8 18 Unit mA A
V
3 - PARAMETERS RELATED TO LINE/GND Symbol IR Coff Test conditions Tj = 25C, VLINE = +90V, VGP/LINE = +1V Tj = 25C, VLINE = -105V, VGN/LINE = -1V VR = -3V, F =1MHz, VGp = 60V, VGn = -60V 150 Typ. Max. 5 5 Unit A pF
4/9
LCP02-150M
Fig. 2: Non repetitive surge peak on state current versus overload duration (Tj initial = 25C).
Fig. 3: Relative variation of holding current versus junction temperature.
ITSM(A)
25
F=50Hz Tj initial=25C
IH(Tj)/IH[Tj=25C]
2
20
1.5
15
1
10
0.5
5
T(C)
t(s)
0 0.01 0.1 1 10 100 1000
0 -20 0 20 40 60 80 100
Fig. 4: Variation of junction capacitance versus reverse voltage applied (typical calues) with: VGN = -90V and V GP = +90V.
C(pF)
200 180 160
140 120 100
Vline (V)
80 1 10 100
Line -
Line +
5/9
LCP02-150M
TECHNICAL INFORMATION Fig. 5: LCP02 concept behavior.
Rs1
L1
TIP Ign T2 T1 Gn Th1 Th2 Gp
V Tip
Igp
GND
-Vbat
Cn
+Vb
Cp
Rs2
RING
GND
L2 V Ring
Figure 5 shows the classical protection circuit using the LCP02-150M crowbar concept. This topology has been developped to protect the new two-battery voltage SLICs. It allows both positive and negative firing thresholds to be programmed. The LCP02-150M has two gates (Gn and Gp). Gn is biased to negative battery voltage -Vbat, while Gp is biased to the positive battery voltage +Vb. When a negative surge occurs on one wire (L1 for example), a current Ign flows through the base of the transistor T1 and then injects a current in the gate of the thyristor Th1 which fires. The entire surge current flows through the ground. After the surge, when the current flowing through Th1 becomes less negative than the negative holding current, Th1 switches off. This holding current IH- is temperature dependant as per figure 2. When a positive surge occurs on one wire (L1 for example), a current Igp flows through the base of the transistor T2 and then injects a current in the gate of the thyristor Th2 which fires. The entire surge current flows through the ground. After the surge, when the current flowing through Th2 becomes less positive than the positive holding current Ih+, Th2 switches off. This holding current IH+ is temperature dependant and is equal to 30mA at 25C. The capacitors Cn and Cp are used to speed up the crowbar structure firing during the fast surge rise or falling edges. This allows to minimize the dynamical breakover voltage at the SLIC Tip and Ring inputs during fast surges. Please note that these capacitors are generally available around the SLIC. To be efficient they have to be as close as possible to the LCP02-150M gate pins (Gn and Gp) and to the reference ground track (or plan). The optimized value for Cn and Cp is 220nF. The series resistors Rs1 and Rs2 represent the fuse, fuse resistors or the PTCs which are needed to withstand the power contact or the power induction tests imposed by the country standards. Taking this factor into account, the actual lightning surge current flowing through the LCP02-150M is equal to : I surge = Vsurge / (Rg + Rs) With V surge = peak surge voltage imposed by the standard. Rg = series resistor of the surge generator Rs = series resistor of the line card (e.g. PTC)
The LCP02-150M topology is particularly optimized for the new telecom applications such as cable modem, fiber in the loop, WLL systems, and decentralized central office for example. The schematics of figures 6 and 7 give the 2 most frequent topologies used for these emergent applications.
6/9
LCP02-150M
Fig. 6: Protection of SLIC with positive and negative battery voltages.
Line card
-Vbat Rs (*) TIP Gn TIP
Line
GND
220nF
LCP02
RING
Gp 220nF
SLIC
RING
Rs (*)
+Vb Rs (*) = PTC or Resistor fuse
Fig. 7: Protection of high voltage SLIC
Line card
Rs (*)
-Vbat
TIP Gn TIP
Line
GND
220nF
LCP02
RING
Gp
SLIC
RING
Rs (*)
Rs (*) = PTC or Resistor fuse
Figure 6 shows the classical protection topology for SLIC using both positive and negative battery voltages. With such a protection the SLIC is protected against surge over +Vb and lower than -Vbat. In this case, +Vb can be programmed up to +95V while -Vbat can be programmed down to -110V. Please note that the differential voltage does not exceed Vbat max at 190V. Figure 7 gives the protection topology for the new SLIC using high negative voltage down to -110V.
7/9
LCP02-150M
PACKAGE MECHANICAL DATA PowerSO-10TM (Plastic) DIMENSIONS
B
REF. A A1 B C D D1 E E1 E2 E3 E4 e F H h L Q a
Millimeters Min. Max. 3.35 3.65 0.00 0.10 0.40 0.60 0.35 0.55 9.40 9.60 7.40 7.60 9.30 9.50 7.20 7.40 7.20 7.60 6.10 6.35 5.90 6.10 1.27 Typ. 1.25 1.35 13.80 14.40 0.5 Typ. 1.20 1.80 1.70 Typ 0 8
Inches Min. Max. 0.131 0.143 0.00 0.0039 0.0157 0.0236 0.0137 0.0217 0.370 0.378 0.291 0.299 0.366 0.374 0.283 0.291 0.283 0.299 0.240 0.250 0.232 0.240 0.05 Typ. 0.0492 0.0531 0.543 0.567 0.019 Typ. 0.0472 0.0708 0.067 Typ. 0 8
0.10 A B
10 H E
6 E2 E3 E1
1
5
SEATING PLANE
e
0.25 M
B
DETAIL "A"
A C
h
D D1
Q
A F A1
SEATING PLANE
A1 L
DETAIL "A"
E4
a
FOOTPRINT DIMENSIONS (in millimeters)
0.54 - 0.60
10.8 - 11.0
14.6 - 14.9 1.27 0.67 - 0.73 9.5
6.30
8/9
LCP02-150M
ORDER CODE Ordering Type LCP02-150M LCP02-150M-TR Marking LCP02-150M Package PowerSO-10 Weight 1.02 g Base qty 50 600 Delivery mode Tube Tape & Reel
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 9/9


▲Up To Search▲   

 
Price & Availability of LCP02-150M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X