Part Number Hot Search : 
SDT3763 B9034 SI9136 TPD4142K STC708M BTPA94A3 100AT UERP10D
Product Description
Full Text Search
 

To Download KA339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA239/KA239A,KA339/KA339A KA3302,KA2901
Quad Comparator
Features
* Single or dual supply operation * Wide range of supply voltage KA239/KA239A, KA339/KA339A, KA2901 : 2 ~ 36V (or 1 ~ 18V) KA3302 : 2 ~ 28V (or 1 ~ 14V) * Low supply current drain 800A Typ. * Open collector outputs for wired and connectors * Low input bias current 25nA Typ. * Low Input offset current 2.3nA Typ. * Low input offset voltage 1.4mV Typ. * Common mode input voltage range includes ground. * Low output saturation voltage * Output compatible with TTL. DTL and MOS logic system
Description
The KA239/KA239A, KA339/KA339A, KA3302, KA2901 consist of four independent voltage comparators designed to operate from single power supply over a wide voltage range.
14-DIP
1
14-SOP
1
Internal Block Diagram
Rev. 1.0.1
(c)2001 Fairchild Semiconductor Corporation
KA239/KA239A,KA339/KA339A KA3302,KA2901
Schematic Diagram
Absolute Maximum Ratings
Parameter Supply Voltage Supply Voltage Only KA3302 Differential Input Voltage Differential Input Voltage Only KA3302 Input Voltage Input Voltage Only KA3302 Output Short Circuit to GND Power Dissipation Operating Temperature KA339/KA339A KA239/KA239A KA2901/KA3302 Storage Temperature Symbol VCC VCC VI(DIFF) VI(DIFF) VI VI PD TOPR Value 18 or 36 14 or 28 36 28 - 0.3 to +36 - 0.3 to +28 Continuous 570 0 ~ + 70 - 25 ~ + 85 - 40 ~ + 85 - 65 ~ + 150 Unit V V V V V V mW C
TSTG
C
2
KA239/KA239A,KA339/KA339A KA3302,KA2901
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Supply Current Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current Differential Voltage Symbol VIO IIO IBIAS VI(R) ICC GV TLRES TRES ISINK VSAT Io(LKG) VI(DIFF) Conditions VO(P) = 1.4V, RS = 0 Note 1 Note 1 Note 1 Note 1 VCC = 5V RL = VCC = 15V, RL 15K (for large swing) VI = TTL Logic Swing VREF = 1.4V, VRL = 5V, RL = 5.1K VRL = 5V, RL = 5.1K VI(-) 1V, VI(+) = 0V, VO(P) 1.5V VI(-) 1V, VI(+) = 0V ISINK = 4mA VI(-) = 0V VI(+) = 1V Note 1 VO(P) = 5V VO(P) =30V Note 1 KA239A/KA339A Min. Typ. 0 0 50 6 0.1 57 1.1 200 350 1.4 18 140 2.3 1 Max. 2 4.0 50 150 250 400 VCC-1.5 VCC-2 2.0 400 700 1.0 36 0 0 50 6 0.1 KA239/KA339 Min. Typ. 1.4 2.3 57 1.1 200 350 1.4 18 140 Max. 5 9.0 50 150 250 400 VCC-1.5 VCC-2 2.0 400 700 1.0 36 V mA V/mV ns s mA mV nA A V nA nA Unit mV
Note 1. KA339 / KA339A: 0 TA +70C KA239 / KA239A: -25 TA +85C KA2901 / KA3302: -40 TA +85C
3
KA239/KA239A,KA339/KA339A KA3302,KA2901
Electrical Characteristics (Continued)
(VCC = 5V, TA = 25C, unless otherwise specified) Parameter Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range Supply Current Symbol VIO IIO IBIAS Conditions VO(P) = 1.4V, RS = 0 Note 1 Note 1 Note 1 KA2901 Min. Typ. 0 Note 1 RL =, VCC=5V ICC RL =, VCC =30V VCC =15V, RL15K (for large swing) VI =TTL Logic Swing VREF =1.4V, VRL = 5V, RL =5.1K VRL = 5V, RL =5.1K VI(-) 1V, VI(+) = 0V, VO(P) 1.5V VI(-) 1V, VI(+) =0V ISINK = 4mA VI(-) = 0V VI(+) = 1V Note 1 VO(P) = 5V VO(P) = 30V Note 1 0 25 6 2 9 2.3 50 57 200 1.1 1.6 100 350 1.4 18 140 0.1 Max. 7 15 50 200 250 500 VCC -1.5 VCC-2 2.0 2.5 400 700 1.0 36 0 0 2 6 KA3302 Min. Typ. 2 3 57 1.1 30 350 1.4 18 140 0.1 Max. 20 40 100 300 250 1000 VCC -1.5 VCC-2 2.0 400 700 1.0 36 mA V Unit mV nA nA
VI(R)
Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current Differential Voltage
GV TLRES TRES ISINK VSAT IO(LKG) VI(DIFF)
V/mV ns s mA mV nA A V
Note 1. KA339 / KA339A: 0 TA +70C KA239 / KA239A: -25 TA +85C KA2901 / KA3302: -40 TA +85C
4
KA239/KA239A,KA339/KA339A KA3302,KA2901
Typical Performance Characteristics
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Current vs Supply Voltage
Figure 3. Output Saturation Voltage vs sink Current
Figure 4. Response Time for Various Input Overdrive-Negative Transition
Figure 5. Response Time for Various Input Overdrive-Positive Transition
5
KA239/KA239A,KA339/KA339A KA3302,KA2901
Mechanical Dimensions
Package
14-DIP
6.40 0.20 0.252 0.008
19.80 MAX 0.780
19.40 0.20 0.764 0.008
#7
#8
7.62 0.300
3.25 0.20 0.128 0.008
0.20 0.008 MIN
5.08 MAX 0.200
3.30 0.30 0.130 0.012
0.25 -0.05
+0.10
0~15
0.010 -0.002
+0.004
6
2.54 0.100
0.46 0.10 0.018 0.004
1.50 0.10 0.059 0.004
#1
#14
(
2.08 ) 0.082
KA239/KA239A,KA339/KA339A KA3302,KA2901
Mechanica Dimensions (Continued)
Package
14-SOP
MIN 1.55 0.10 0.061 0.004 0.05 0.002 0.47 ) 0.019 MAX0.10 MAX0.004 1.27 0.050 0.016 -0.002 0.406 +0.004 +0.10
-0.05
#1
#14
8.70 MAX 0.343
#7 6.00 0.30 0.236 0.012
#8
1.80 MAX 0.071
+0.004 0.008 -0.002
+0.10
-0.05
0.20
3.95 0.20 0.156 0.008
0.60 0.20 0.024 0.008
5.72 0.225
0~
8
8.56 0.20 0.337 0.008
(
7
KA239/KA239A,KA339/KA339A KA3302,KA2901
Ordering Information
Product Number KA339 KA339A KA339D KA339AD KA239 KA239A KA239D KA239AD KA2901 KA2901D KA3302 KA3302D Package 14-DIP 0 ~ + 70C 14-SOP 14-DIP -25 ~ + 85C 14-SOP 14-DIP 14-SOP 14-DIP 14-SOP -40 ~ + 85C Operating Temperature
8
KA239/KA239A,KA339/KA339A KA3302,KA2901
9
KA239/KA239A,KA339/KA339A KA3302,KA2901
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/1/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X