Part Number Hot Search : 
10207 SZ1051 GER20M 74AC377 010001 SZ10B0 ZCAT3035 SL545C
Product Description
Full Text Search
 

To Download ILX518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILX518K
5363-pixel x 3 line CCD Linear Sensor (Color)
Description The ILX518K is a reduction type CCD linear sensor developed for color image scanner. This sensor reads legal-size documents at a density of 600 DPI, and A3-size documents at a density of 400 DPI. Features * Number of effective pixels: 16089 pixels (5363 pixels x 3) * Pixel size: 8m x 8m (8m pitch) * Distance between line: 64m (8 Lines) * Single-sided readout * Ultra low lag / High sensitivity * Single 12V power supply * Input clock pulse: CMOS 5V drive * Number of output 3 (R, G, B) * Package: 22 pin Plastic-DIP (400 mil) Absolute Maximum Ratings * Supply voltage VDD 15 * Operating temperature -10 to +55 * Storage temperature -30 to +80 Pin Configuration (Top View)
VOUT-R GND RS LH GND 1 NC 1 NC 1 22 VOUT-G
22 pin DIP (Plastic)
Block Diagram
ROG-G
13
12
10
ROG-R
ROG-B
Driver
Driver
V C C
2
15
Driver
VDD
16
S5363 CCD Register Read Out Gate
S5363 CCD Register Read Out Gate
3 4 5 6
20 VDD
2 17
18 NC
LH 4
17 2
R
G
B
Driver
20
7 8 9
16 VDD 15 2
VDD
VOUT-B 21
VOUT-G 22
14 NC 13 ROG-B
ROG-R 10
5363
5363
5363
GND 11
12 ROG-G
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
VOUT-R 1
E95814B9X-PS
GND
2
RS
3
1
6
19 NC
D14 D15
D63 S1
D14 D15
D63 S1
D14
D63 S1
2
21 VOUT-B
S5363 CCD Register Read Out Gate
Green
Blue
1
1
Red
1
1
8
D64 D75 D64 D75 D15 D64 D75
GND
11
ILX518K
Pin Description Pin No. 1 2 3 4 5 6 7 8 9 10 11 Symbol VOUT-R GND RS LH GND 1 NC 1 NC ROG-R GND Description Signal out (red) GND Clock pulse input Clock pulse input GND Clock pulse input NC Clock pulse input NC Clock pulse input GND Pin No. 12 13 14 15 16 17 18 19 20 21 22 Symbol ROG-G ROG-B NC 2 VDD 2 NC NC VDD VOUT-B VOUT-G Description Clock pulse input Clock pulse input NC Clock pulse input 12V power supply Clock pulse input NC NC 12V power supply Signal out (blue) Signal out (green)
Recommended Supply Voltage Item VDD Min. 11.4 Typ. 12.0 Max. 12.6 Unit V
Clock Characteristics Item Input capacity of 1, 2 Input capacity of LH Input capacity of RS Input capacity of ROG Symbol C1, C2 CLH CRS CROG Min. -- -- -- -- Typ. 850 10 10 10 Max. -- -- -- -- Unit pF pF pF pF
It indicates that ROG-R, ROG-G, ROG-B as ROG.
Clock Frequency Item 1, 2, LH, RS Symbol f1, f2, fLH, fRS Min. -- Typ. 1 Max. 5 Unit MHz
Input Clock Pulse Voltage Condition Item 1, 2, LH, RS, ROG pulse voltage High level Low level Min. 4.75 -- Typ. 5.0 0 Max. 5.25 0.1 Unit V V
-2-
ILX518K
Electrooptical Characteristics (Note 1) Ta = 25C, VDD = 12V, fRS = 1MHz, Input clock = 5Vp-p, Light source = 3200K, IR cut filter CM-500S (t = 1.0mm) Item Red Sensitivity Green Blue Sensitivity nonuniformity Saturation output voltage Red Saturation exposure Green Blue Dark voltage average Dark signal nonuniformity Image lag Supply current Total transfer efficiency Output impedance Offset level Dynamic range Symbol RR RG RB PRNU VSAT SER SEG SEB VDRK DSNU IL IVDD TTE ZO VOS DR Min. 1.3 2.1 1.6 -- 2 0.74 0.46 0.58 -- -- -- -- 92 -- -- 1000 Typ. 2.0 3.2 2.5 4 3.2 1.6 1 1.28 0.3 1.5 0.02 26 98 250 6.5 10670 Max. 2.7 4.3 3.4 20 -- -- -- -- 2 5 -- 50 -- -- -- -- mV mV % mA % V -- Note 6 Note 6 Note 7 -- -- -- Note 8 Note 9 lx * s Note 5 % V Note 3 Note 4 V/(lx * s) Note 2 Unit Remarks
Note 1) In accordance with the given electrooptical characteristics, the black level is defined as the average value of D2, D3 to D12. 2) For the sensitivity test light is applied with a uniform intensity of illumination. 3) PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2. VOUT-G = 500mV (Typ.) PRNU = (VMAX - VMIN) /2 VAVE x 100 [%]
Where the 5363 pixels are divided into blocks of 114 (Last block is 119 pixel). The maximum output of each block is set to VMAX, the minimum output to VMIN and the average output to VAVE. 4) Use below the minimum value of the saturation output voltage. 5) Saturation exposure is defined as follows. SE = VSAT R
Where R indicates RR, RG, RB, and SE indicates SER, SEG, SEB. 6) Optical signal accumulated time int stands at 10ms. 7) VOUT-G = 500mV (Typ.) VOUT 8) Vos is defined as indicated bellow. VOUT indicates VOUT-R, VOUT-G, and VOUT-B. 9) Dynamic range is defined as follows. DR = VSAT VDRK
GND VOS
When the optical signal accumulated time is shorter, the dynamic range gets wider because the optical signal accumulated time is in proportion to the dark voltage. -3-
Clock Timing Chart 1
ROG
3 4 5438 D63 S1 S2 D13 D14 D62 D70 D61 S5363 D15 S5361 S5362
5
0
1 LH
5
0
2
5
0
D1
D2
D3
VOUT Optical black (49 pixels) Dummy signal (63 pixels) 1-line output period (5438 pixels)
Note) The transfer pulses (1, 2, LH) must have more than 5438 cycles.
ILX518K
VOUT indicates VOUT-R, VOUT-G, VOUT-B.
D64
D65
D71
D75
-4-
RS
5
0
1
2
ILX518K
Clock Timing Chart 2
t4 t5
ROG t2 t6 t7
1
t1
t3
2
Clock Timing Chart 3
t7 1 LH t6
2 t10 t9 RS t8 t13 VOUT t12 t11
-5-
ILX518K
Clock Pulse Recommended Timing Item ROG, 1 pulse timing ROG pulse high level period ROG, 1 pulse timing ROG pulse rise time ROG pulse fall time 1 pulse rise time/2 pulse fall time 1 pulse fall time/2 pulse rise time RS pulse high level period RS, LH pulse timing RS pulse rise time RS pulse fall time Signal output delay time Symbol Min. 50 800 800 0 0 0 0 45 45 0 0 -- -- Typ. 100 1000 1000 5 5 20 20 250 250 10 10 10 10 Max. -- -- -- 10 10 60 60 -- -- 30 30 -- -- Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13
These timing is the recommended condition under fRS = 1MHz.
-6-
Application Circuit
5.1k VOUT-B IC1 Tr1 100 2
5.1k
2
ROG-B
ROG-G
VOUT-G
Tr1
100
22 20
21
19 18 17 16 15 14 12
13
NC
NC
2
2
VOUT-G
VOUT-B
VDD
VDD
NC
ROG-B
GND
NC
VOUT-R
1
NC
RS
GND
1
LH
1 2 3 7 4 8
5
6
9
ROG-R
10
11
12V
100
100
100
2
0.1F
47F/16V IC1
Tr1
VOUT-R
5.1k RS LH
1
ROG-R
GND
ROG-G
-7-
IC1: 74AC04 Tr1: 2SC2785
Data rate fRS = 1MHz. Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
ILX518K
ILX518K
Example of Representative Characteristics (VDD = 12V, Ta = 25C)
Spectral sensitivity characteristics (Standard characteristics)
1
0.8
Relative sensitivity
0.6
0.4
0.2
0 400
450
500
550 Wavelength [nm]
600
650
700
Dark signal output temperature characteristics (Standard characteristics)
Integration time output voltage characteristics (Standard characteristics)
10 5
Output voltage rate
Output voltage rate
1
1 0.5
0.5
0.1 0 10 20 30 40 50 60 Ta - Ambient temperature [C]
0.1 1 5 int - Integration time [ms] 10
Offset level vs. VDD characteristics (Standard characteristics)
12 Ta = 25C 10 10 12
Offset level vs. temperature characteristics (Standard characteristics)
VOS - Offset level [V]
8 6 4 2 0 11.4
VOS - Offset level [V]
8 6 4 2 0 VOS Ta -0.5mV/C
VOS VDD
0.3
12 VDD [V]
12.6
0
10
20
30
40
50
60
Ta - Ambient temperature [C]
-8-
ILX518K
Notes of Handling 1) Static charge prevention CCD image sensors are easily damaged by static discharge. Before handling be sure to take the following protective measures. a) Either handle bare handed or use non chargeable gloves, clothes or material. Also use conductive shoes. b) When handling directly use an earth band. c) Install a conductive mat on the floor or working table to prevent the generation of static electricity. d) Ionized air is recommended for discharge when handling CCD image sensor. e) For the shipment of mounted substrates, use boxes treated for prevention of static charges. 2) Notes on Handling CCD Packages The following points should be observed when handling and installing packages. a) Remain within the following limits when applying static load to the package: (1) Compressive strength: 39N/surface (Do not apply load more than 0.7mm inside the outer perimeter of the glass portion.) (2) Shearing strength: 29N/surface (3) Tensile strength: 29N/surface (4) Torsional strength: 0.9Nm
, ,
Plastic portion 39N 29N 29N 0.9Nm Ceramic portion Adhesive (1) (2) (3) (4)
Cover glass
, , , , , , , , , , , ,
b) In addition, if a load is applied to the entire surface by a hard component, bending stress may be generated and the package may fracture, etc., depending on the flatness of the ceramic portion. Therefore, for installation, either use an elastic load, such as a spring plate, or an adhesive. c) Be aware that any of the following can cause the package to crack or dust to be generated. (1) Applying repetitive bending stress to the external leads. (2) Applying heat to the external leads for an extended period of time with soldering iron. (3) Rapid cooling or heating. (4) Prying the plastic portion and ceramic portion away at a support point of the adhesive layer. (5) Applying the metal a crash or a rub against the plastic portion. Note that the preceding notes should also be observed when removing a component from a board after it has already been soldered. d) The notch of the plastic portion is used for directional index, and that can not be used for reference of fixing. In addition, the cover glass and seal resin may overlap with the notch or ceramic may overlap with the notch of the plastic portion. -9-
ILX518K
3) Soldering a) Make sure the package temperature does not exceed 80C. b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded 30W soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficiently. c) To dismount an imaging device, do not use a solder suction equipment. When using an electric desoldering tool, ground the controller. For the control system, use a zero cross type. 4) Dust and dirt protection a) Operate in clean environments. b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized air is recommended.) c) Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be careful not to scratch the glass. d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when moving to a room with great temperature differences. 5) Exposure to high temperatures or humidity will affect the characteristics. Accordingly avoid storage or usage in such conditions. 6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.
- 10 -
Package Outline
Unit : mm
22pin DIP(400mil)
55.7 0.3
5.0 0.3
22
12
*7.3 or 9.0
10.0 0.3
1 11
*53.00 or 54.2
4.0 0.5
0.3
M
1. The height from the bottom to the sensor surface is 2.38 0.3mm. 2. The thickness of the cover glass is 0.7mm, and the refractive index is 1.5. *The dimension of cover glass is 54.2 X 9.0mm or 53.0 X 7.3mm.
PACKAGE STRUCTURE
PACKAGE MATERIAL
Plastic, Ceramic
LEAD TREATMENT
GOLD PLATING
LEAD MATERIAL
42ALLOY
PACKAGE MASS
5.43g
DRAWING NUMBER
LS-B21(E)
4.28 0.5
2.54 0.51
3.58
0.25
H
No.1 Pixel(Green)
10.16
V
0to 9
7.93 0.3
42.904(8mX5363pixels)
- 11 -
ILX518K


▲Up To Search▲   

 
Price & Availability of ILX518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X