Part Number Hot Search : 
LHR974 LTC5591 UT54A 2PC945 CX6122 12022 ADVANCE 2SA17
Product Description
Full Text Search
 

To Download ICS84021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
FEATURES
* 2 LVCMOS/LVTTL outputs * Selectable crystal oscillator interface or LVCMOS/LVTTL TEST_CLK * Output frequency range: 103.3MHz to 260MHz * Crystal input frequency range: 14MHz to 40MHz * VCO range: 620MHz to 780MHz * Parallel or serial interface for programming counter and output dividers * RMS period jitter: 4.3ps (typical) (N / 4, VDDO = 3.3V 5%) * RMS phase jitter at 155.52MHz, using a 38.88MHz crystal (12KHz to 20MHz): 2.88ps (typical) Phase noise: 155.52MHz Offset Noise Power 100Hz ................. -93.7 dBc/Hz 1KHz ............... -111.3 dBc/Hz 10KHz ............... -120.4 dBc/Hz 100KHz ............... -125.1 dBc/Hz * Full 3.3V or mixed 3.3V core/2.5V or 1.8V supply voltage * 0C to 70C ambient operating temperature * Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS84021 is a general purpose, Crystal-toLVCMOS/LVTTL High Frequency Synthesizer HiPerClockSTM and a member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. The ICS84021 has a selectable TEST_CLK or crystal input. The VCO operates at a frequency range of 620MHz to 780MHz. The VCO frequency is programmed in steps equal to the value of the input reference or crystal frequency. The VCO and output frequency can be programmed using the serial or parallel interface to the configuration logic. The low phase noise characteristics of the ICS84021 make it an ideal clock source for Gigabit Ethernet, SONET, Fibre Channel 1 and 2, and Infiniband applications.
ICS
BLOCK DIAGRAM
OE0 OE1 VCO_SEL
PIN ASSIGNMENT
VCO_SEL nP_LOAD XTAL1 M4 M3 M2 M1 M0
32 31 30 29 28 27 26 25 XTAL_SEL TEST_CLK XTAL1 OSC XTAL2 1 0 M5 M6 M7 M8 N0 N1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 VCO /M 0 1 /3 /4 /5 /6
TEST VDD OE1 OE0 VDDO Q1 Q0 GND
24 23 22
XTAL2 TEST_CLK XTAL_SEL VDDA S_LOAD S_DATA S_CLOCK MR
ICS84021
21 20 19 18 17
PLL
PHASE DETECTOR MR
nc GND
Q0
Q1 S_LOAD S_DATA S_CLOCK nP_LOAD M0:M8 N0:N1
84021AY
CONFIGURATION INTERFACE LOGIC
TEST
32-Lead LQFP 7mm x 7mm x 1.4mm package body Y Package Top View
www.icst.com/products/hiperclocks.html
1
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
M divider and N output divider to a specific default state that will automatically occur during power-up. The TEST output is LOW when operating in the parallel input mode. The relationship between the VCO frequency, the crystal frequency and the M divider is defined as follows: fVCO = fxtal x M The M value and the required values of M0 through M8 are shown in Table 3B, Programmable VCO Frequency Function Table. Valid M values for which the PLL will achieve lock for a 25MHz reference are defined as 25 M 31. The frequency out is defined as follows: FOUT = fVCO = fxtal x M N N Serial operation occurs when nP_LOAD is HIGH and S_LOAD is LOW. The shift register is loaded by sampling the S_DATA bits with the rising edge of S_CLOCK. The contents of the shift register are loaded into the M divider and N output divider when S_LOAD transitions from LOW-to-HIGH. The M divide and N output divide values are latched on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is held HIGH, data at the S_DATA input is passed directly to the M divider and N output divider on each rising edge of S_CLOCK. The serial mode can be used to program the M and N bits and test bits T1 and T0. The internal registers T0 and T1 determine the state of the TEST output as follows: T1 0 0 1 1 T0 0 1 0 1 TEST Output LOW S_DATA, Shift Register Input Output of M divider CMOS Fout
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes operation using a 25MHz crystal. Valid PLL loop divider values for different crystal or input frequencies are defined in the Input Frequency Characteristics, Table 5, NOTE 1.
The ICS84021 features a fully integrated PLL and therefore requires no external components for setting the loop bandwidth. A fundamental crystal is used as the input to the onchip oscillator. The output of the oscillator is fed into the phase detector. A 25MHz crystal provides a 25MHz phase detector reference frequency. The VCO of the PLL operates over a range of 620MHz to 780MHz. The output of the M divider is also applied to the phase detector. The phase detector and the M divider force the VCO output frequency to be M times the reference frequency by adjusting the VCO control voltage. Note that for some values of M (either too high or too low), the PLL will not achieve lock. The output of the VCO is scaled by a divider prior to being sent to each of the LVCMOS output buffers. The divider provides a 50% output duty cycle. The programmable features of the ICS84021 support two input modes to program the M divider and N output divider. The two input operational modes are parallel and serial. Figure 1 shows the timing diagram for each mode. In parallel mode, the nP_LOAD input is initially LOW. The data on inputs M0 through M8 and N0 and N1 is passed directly to the M divider and N output divider. On the LOW-to-HIGH transition of the nP_LOAD input, the data is latched and the M divider remains loaded until the next LOW transition on nP_LOAD or until a serial event occurs. As a result, the M and N bits can be hardwired to set the
SERIAL LOADING
S_CLOCK
S_DATA
T1
T0
H
*NULL
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0
t
S_LOAD
S
t
nP_LOAD
t
S
PARALLEL LOADING
M0:M8, N0:N1
M, N
nP_LOAD
t
S
t
H
Time
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE: The NULL timing slot must be observed.
84021AY
www.icst.com/products/hiperclocks.html
2
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Type Input Input Input Unused Power Output Power Input Power Output Pullup Pullup M divider inputs. Data latched on LOW-to-HIGH transition Pulldown of nP_LOAD input. LVCMOS / LVTTL interface levels. Pulldown Determines output divider value as defined in Table 3C, Function Table. LVCMOS / LVTTL interface levels. No connect. Power supply ground. Test output which is ACTIVE in the serial mode of operation. Output driven LOW in parallel mode. LVCMOS / LVTTL interface levels. Core supply pin. Output enable. When logic HIGH, the outputs are enabled (default). When logic LOW, the outputs are in Tri-State. See Table 3E, OE Function Table. LVCMOS / LVTTL interface levels. Output supply pin. Clock outputs. LVCMOS / LVTTL interface levels. Active High Master Reset. When logic HIGH, the internal dividers are reset causing the outputs to go low. When logic LOW, the internal dividers and the outputs are enabled. Asser tion of MR does not effect loaded M, N, and T values. LVCMOS / LVTTL interface levels. Clocks in serial data present at S_DATA input into the shift register on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels. Shift register serial input. Data sampled on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels. Controls transition of data from shift register into the dividers. LVCMOS / LVTTL interface levels. Analog supply pin. Selects between crystal or test inputs as the PLL reference source. Selects XTAL inputs when HIGH. Selects TEST_CLK when LOW. LVCMOS / LVTTL interface levels Test clock input. LVCMOS / LVTTL interface levels. Description
TABLE 1. PIN DESCRIPTIONS
Number 1 2, 3, 4, 28, 29, 30, 31, 32 5, 6 7 8, 16 9 10 11, 12 13 14, 15 Name M5 M6, M7, M8, M0, M1, M2, M3, M4 N0, N1 nc GND TEST VDD OE1, OE0 VDDO Q0, Q1
17
MR
Input
Pulldown
18 19 20 21 22 23 24, 25 26 27
S_CLOCK S_DATA S_LOAD VDDA XTAL_SEL TEST_CLK XTAL2, XTAL1 nP_LOAD VCO_SEL
Input Input Input Power Input Input Input Input Input
Pulldown Pulldown Pulldown
Pullup Pulldown
Crystal oscillator interface. XTAL1 is the input. XTAL2 is the output. Parallel load input. Determines when data present at M8:M0 is Pulldown loaded into M divider, and when data present at N1:N0 sets the N output divider value. LVCMOS / LVTTL interface levels. Determines whether synthesizer is in PLL or bypass mode. Pullup LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
84021AY
www.icst.com/products/hiperclocks.html
3
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Test Conditions VDD, VDDA, VDDO = 3.465V VDD, VDDA = 3.465V, VDDO = 2.625V VDD, VDDA = 3.465V, VDDO = 1.89V Minimum Typical 4 15 15 20 51 51 Maximum Units pF pF pF pF K K
TABLE 2. PIN CHARACTERISTICS
Symbol CIN CPD RPULLUP RPULLDOWN Parameter Input Capacitance Power Dissipation Capacitance (per output) Input Pullup Resistor Input Pulldown Resistor
TABLE 3A. PARALLEL AND SERIAL MODE FUNCTION TABLE
Inputs MR H L L L L L L L nP_LOAD X L H H H H H M X Data Data X X X X X N X Data Data X X X X X S_LOAD X X L L L H S_CLOCK X X X L L X S_DATA X X X Data Data Data X Data Reset. Forces outputs LOW. Data on M and N inputs passed directly to the M divider and N output divider. TEST output forced LOW. Data is latched into input registers and remains loaded until next LOW transition or until a serial event occurs. Serial input mode. Shift register is loaded with data on S_DATA on each rising edge of S_CLOCK. Contents of the shift register are passed to the M divider and N output divider. M divider and N output divider values are latched. Parallel or serial input do not affect shift registers. S_DATA passed directly to M divider as it is clocked. Conditions
NOTE: L = LOW H = HIGH X = Don't care = Rising edge transition = Falling edge transition
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE (NOTE 1)
VCO Frequency (MHz) 625 * 700 * M Divide 25 * 28 * 256 M8 0 * 0 * 128 M7 0 * 0 * 64 M6 0 * 0 * 32 M5 0 * 0 * 16 M4 1 * 1 * 8 M3 1 * 1 * 4 M2 0 * 1 * 2 M1 0 * 0 * 1 M0 1 * 0 * 1
775 31 0 0 0 0 1 1 1 1 NOTE 1: These M divide values and the resulting frequencies correspond to crystal or TEST_CLK input frequency of 25MHz.
84021AY
www.icst.com/products/hiperclocks.html
4
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Output Frequency (MHz) Minimum 206.7 155 124 103.3 Maximum 260 195 156 130
TABLE 3C. PROGRAMMABLE OUTPUT DIVIDER FUNCTION TABLE (PLL ENABLED)
Inputs N1 0 0 1 1 N0 0 1 0 1 N Divider Value 3 4 5 6
TABLE 3D. COMMONLY USED CONFIGURATION FUNCTION TABLE
Input Crystal (MHz) 19.44 19.53125 25 25 25.50 25.50 25.50 38.88 M Divider Value 32 32 25 25 25 25 25 16 N Divider Value 4 4 4 5 3 4 6 4 Output Frequency (MHz) 155.52 156.25 156.25 125 212.50 159.375 106.25 155.52
TABLE 3E. OUTPUT ENABLE & CLOCK ENABLE FUNCTION TABLE
Control Inputs OE0 0 0 1 1 OE1 0 1 0 1 Q0 Hi-Z Hi-Z Enabled Enabled Output Q1 Hi-Z Enabled Hi-Z Enabled
84021AY
www.icst.com/products/hiperclocks.html
5
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
4.6V -0.5V to VDD + 0.5 V -0.5V to VDDO + 0.5V 47.9C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD=VDDA=3.3V5%, VDDO=3.3V5%, 2.5V5% OR 1.8V5%, TA=0C TO 70C
Symbol VDD VDDA VDDO IDD IDDA IDDO Parameter Core Supply Voltage Analog Supply Voltage Output Supply Voltage Power Supply Current Analog Supply Current Output Supply Current Test Conditions Minimum 3.135 3.135 3.135 2.375 1.71 Typical 3.3 3.3 3.3 2.5 1.8 Maximum 3.465 3.465 3.465 2.625 1.89 140 25 5 Units V V V V V mA mA mA
84021AY
www.icst.com/products/hiperclocks.html
6
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
VDDO=3.3V5%, 2.5V5% OR 1.8V5%, TA=0C TO 70C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD=VDDA=3.3V5%,
Symbol Parameter Input High Voltage VCO_SEL, XTAL_SEL, MR, S_LOAD, nP_LOAD, S_DATA, S_CLOCK, OE0, OE1, N0:N1, M0:M8 TEST_CLK VCO_SEL, XTAL_SEL, MR, S_LOAD, nP_LOAD, S_DATA, S_CLOCK, OE0, OE1, N0:N1, M0:M8 TEST_CLK M0-M4, M6-M8, N0, N1, MR, S_CLOCK, TEST_CLK, S_DATA, S_LOAD, nP_LOAD M5, OE0, OE1, XTAL_SEL, VCO_SEL M0-M4, M6-M8, N0, N1, MR, S_CLOCK, TEST_CLK, S_DATA, S_LOAD, nP_LOAD M5, OE0, OE1, XTAL_SEL, VCO_SEL Test Conditions Minimum 2 2 -0.3 -0.3 VDD = VIN = 3.465V VDD = VIN = 3.465V VDD = 3.465V, VIN = 0V VDD = 3.465V, VIN = 0V VDDO = 3.3V 5% VOH Output High Voltage; NOTE 1 VDDO = 2.5V 5% VDDO = 1.8V 5% VDDO = 3.3V 5% VOL Output Low Voltage; NOTE 1 VDDO = 2.5V 5% VDDO = 1.8V 5% -5 Typical Maximum VDD + 0.3 VDD + 0.3 0.8 1.3 150 5 Units V V V V A A A
VIH
VIL
Input Low Voltage
IIH
Input High Current
IIL
Input Low Current
-150 2.6 1.8 VDDO - 0.3 0.5 0.5 0.4
A V V V V V V
NOTE 1: Outputs terminated with 50 to VDDO/2. See Parameter Measurement Section, "Load Test Circuit Diagrams".
TABLE 5. INPUT FREQUENCY CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol Parameter TEST_CLK; NOTE 1 fIN Input Frequency XTAL1, XTAL2; NOTE 1 Test Conditions Minimum 14 14 Typical Maximum 40 40 Units MHz MHz
S_CLOCK 50 MHz NOTE 1: For the input cr ystal and TEST_CLK frequency range, the M value must be set for the VCO to operate within the 620MHz to 780MHz range. Using the minimum input frequency of 14MHz, valid values of M are 45 M 55. Using the maximum frequency of 40MHz, valid values of M are 16 M 19.
TABLE 6. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance (CO)
84021AY
Test Conditions
Minimum 14
Typical Maximum 40 50 7
Units MHz pF
Fundamental
www.icst.com/products/hiperclocks.html
7
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Test Conditions N/3 Minimum 103.3 7.5 4.3 4.1 12.9 300 5 5 5 5 5 5 45 55 N/4 N/5 N/6 Typical Maximum 260 10 7 6 16 100 20% to 80% 800 Units MHz ps ps ps ps ps ps ns ns ns ns ns ns %
TABLE 7A. AC CHARACTERISTICS, VDD = VDDA = VDDO = 3.3V5%, TA = 0C TO 70C
Symbol Parameter FOUT Output Frequency
tjit(per)
Period Jitter, RMS; NOTE 1
tsk(o)
tR / tF tS
Output Skew; NOTE 2, 3 Output Rise/Fall Time M, N to nP_LOAD Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to nP_LOAD
tH o dc
Hold Time
S_DATA to S_CLOCK S_CLOCK to S_LOAD
Output Duty Cycle
PLL Lock Time 1 ms tLOCK See Parameter Measurement Information section. NOTE 1: Jitter performance using XTAL inputs. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
TABLE 7B. AC CHARACTERISTICS, VDD = VDDA = 3.3V5%, VDDO = 2.5V5%, TA = 0C TO 70C
Symbol Parameter FOUT Output Frequency N/3 N/4 N/5 N/6 Test Conditions Minimum 103.3 6.4 4.3 4.2 9 300 5 5 5 5 5 5 45 55 Typical Maximum 260 8 8 7 12 90 20% to 80% 800 Units MHz ps ps ps ps ps ps ns ns ns ns ns ns %
tjit(per)
Period Jitter, RMS; NOTE 1
tsk(o)
tR / tF tS
Output Skew; NOTE 2, 3 Output Rise/Fall Time M, N to nP_LOAD Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to nP_LOAD
tH odc
Hold Time
S_DATA to S_CLOCK S_CLOCK to S_LOAD
Output Duty Cycle
PLL Lock Time 1 ms tLOCK See Parameter Measurement Information section. NOTE 1: Jitter performance using XTAL inputs. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
www.icst.com/products/hiperclocks.html
8
84021AY
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Test Conditions N/3 Minimum 103.3 6.8 4.5 4.2 8.5 300 5 5 5 5 5 5 42 58 N/4 N/5 N/6 Typical Maximum 260 8 8 6 10 120 20% to 80% 800 Units MHz ps ps ps ps ps ps ns ns ns ns ns ns %
TABLE 7C. AC CHARACTERISTICS, VDD = VDDA = 3.3V5%, VDDO = 1.8V5%, TA = 0C TO 70C
Symbol Parameter FOUT Output Frequency
tjit(per)
Period Jitter, RMS; NOTE 1
tsk(o)
tR / tF tS
Output Skew; NOTE 2, 3 Output Rise/Fall Time M, N to nP_LOAD Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to nP_LOAD
tH o dc
Hold Time
S_DATA to S_CLOCK S_CLOCK to S_LOAD
Output Duty Cycle
PLL Lock Time 1 ms tLOCK See Parameter Measurement Information section. NOTE 1: Jitter performance using XTAL inputs. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
84021AY
www.icst.com/products/hiperclocks.html
9
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
VDD, VDDA, VDDO = 1.65V5% 2.05V5% 1.25V5%
SCOPE
LVCMOS
Qx
VDD, VDDA VDDO
SCOPE
Qx
LVCMOS
GND = -1.65V5%
GND = -1.25V5%
3.3V OUTPUT LOAD AC TEST CIRCUIT
2.4V5% 0.9V5%
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
VOH
VDD, VDDA VDDO
SCOPE
Qx
1 contains 68.26% of all measurements 2 contains 95.4% of all measurements 3 contains 99.73% of all measurements 4 contains 99.99366% of all measurements 6 contains (100-1.973x10-7)% of all measurements
VREF VOL
LVCMOS
Reference Point
(Trigger Edge)
Histogram
Mean Period
(First edge after trigger)
GND = -0.9V5%
3.3V/1.8V OUTPUT LOAD AC TEST CIRCUIT
PERIOD JITTER
V
DDO
80% 20% tR
80% 20% tF
Qx
2
V
DDO
Clock Outputs
Qy
2 tsk(o)
OUTPUT SKEW
V Q0, Q1 Pulse Width t
PERIOD DDO
OUTPUT RISE/FALL TIME
2
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
84021AY
www.icst.com/products/hiperclocks.html
10
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS84021 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VDD, VDDA, and VDDO should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 2 illustrates how a 24 resistor along with a 10F and a .01F bypass capacitor should be connected to each VDDA pin.
3.3V VDD .01F VDDA .01F 10F 24
FIGURE 2. POWER SUPPLY FILTERING
CRYSTAL INPUT INTERFACE
The ICS84021 has been characterized with 18pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 3 below were determined using a 25MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts.
XTAL2 C1 22p X1 18pF Parallel Cry stal XTAL1 C2 22p
Figure 3. CRYSTAL INPUt INTERFACE
84021AY
www.icst.com/products/hiperclocks.html
11
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER RELIABILITY INFORMATION
TABLE 8. JAVS. AIR FLOW TABLE
FOR
32 LEAD LQFP
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS84021 is: 4325
84021AY
www.icst.com/products/hiperclocks.html
12
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 9. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L ccc 0.45 0 --0.05 1.35 0.30 0.09 MINIMUM NOMINAL 32 --1.40 0.37 -9.00 BASIC 7.00 BASIC 5.60 Ref. 9.00 BASIC 7.00 BASIC 5.60 Ref. 0.80 BASIC 0.60 --0.75 7 0.10 1.60 0.15 1.45 0.45 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
84021AY
www.icst.com/products/hiperclocks.html
13
REV. A NOVEMBER 7, 2003
Integrated Circuit Systems, Inc.
ICS84021
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
Marking ICS84021AY ICS84021AY Package 32 Lead LQFP 32 Lead LQFP on Tape and Reel Count 250 per tray 1000 Temperature 0C to 70C 0C to 70C
TABLE 10. ORDERING INFORMATION
Part/Order Number ICS84021AY ICS84021AYT
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 84021AY
www.icst.com/products/hiperclocks.html
14
REV. A NOVEMBER 7, 2003


▲Up To Search▲   

 
Price & Availability of ICS84021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X