Part Number Hot Search : 
LTC3418 IRF730 IRF1404 C3510 SN67D07 MPC852 232AM TS241808
Product Description
Full Text Search
 

To Download HJ10387 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6028 Issued Date : 1997.06.24 Revised Date : 2001.11.01 Page No. : 1/3
HJ10387
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HJ10387 is designed for general purpose amplifier and low speed switching applications.
Absolute Maximum Ratings (Ta=25C)
TO-252
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 20 W Total Power Dissipation (Ta=25C) ....................................................................................... 2 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage....................................................................................... 80 V BVCEO Collector to Emitter Voltage.................................................................................... 80 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current............................................................................................................. 10 A
Characteristics (Ta=25C)
Symbol *BVCEO ICBO IEBO ICEO ICEV *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *VBE(on)1 *VBE(on)2 VFEC *hFE1 *hFE2 Min. 80 2 100 Typ. Max. 100 2 1 300 2 3 1.5 2 2.8 4.5 3 20 Unit V uA mA mA uA V V V V V V V K Test Conditions IC=200mA VCB=160V VEB=5V VCE=80V VCE=80V, VBE(off)=1.5V IC=5A, IB=10mA IC=10A, IB=100mA IC=5A, IB=2.5mA IC=5A, IB=5mA VCE=3V, IC=5A VCE=3V, IC=10A IC=5A VCE=3V, IC=5A VCE=3V, IC=10A
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Classification Of VCE(sat)1
Rank VCE(sat)1 KA <1.5V KB <1.1V KC <1.3V Normal <2V
HJ10387
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
10000 10000
Spec. No. : HE6028 Issued Date : 1997.06.24 Revised Date : 2001.11.01 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1000
VCE(sat) @ IC=2200IB
hFE
hFE @ VCE=3V 100
1000 VCE(sat) @ IC=500IB VCE(sat) @ IC=100IB VCE(sat) @ IC=10IB
10
1 1 10 100 1000 10000
100 100
1000
10000
Collector Current-IC (mA)
Collector Current-IC (mA)
On Voltage & Collector Current
10000
Capacitance & Reverse-Biased Voltage
1000.00
On Voltage (mV)
VBE(ON) @ VCE=4V
1000 VBE(ON) @ VCE=3V
Capacitance (pF)
100.00 Cob
100 1 10 100 1000 10000
10.00 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased Voltage (mV)
Switching Time & Collector Current
10 VCC=30V, IC=250IB1=250IB2 PT=1ms 100
Safe Operating Area
Collector Current-IC (A)
Switching Times (us)..
10 PT=100ms PT=1s
Tstg
1 Tf Ton
1
0.1
0.1 1 10
0.01 0.1 1 10 100
Collector Current-IC (A)
Forward-VCE (V)
HJ10387
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HE6028 Issued Date : 1997.06.24 Revised Date : 2001.11.01 Page No. : 3/3
Marking:
HSMC Logo Part Number Date Code Product Series Rank
B
D
L
F
G
Ink Mark
Style: Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J *: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HJ10387
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HJ10387

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X