Part Number Hot Search : 
R2000F C74LV CA5420AM C1206 0CTQ1 SS1020 DAD05079 1N5620
Product Description
Full Text Search
 

To Download HEF4539B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4539B MSI Dual 4-input multiplexer
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
Dual 4-input multiplexer
DESCRIPTION The HEF4539B is a dual 4-input multiplexer with common select logic. Each multiplexer has four multiplexer inputs (I0 and I3), an active LOW enable input (E) and a multiplexer output (O). When HIGH, E forces O of the respective multiplexer LOW, independent of the select inputs (S0 to S1) and I0 to I3. When E is LOW, S0 and S1 determine which multiplexer input (I0 to I3) on each of the multiplexers is routed to the respective multiplexer output (O).
HEF4539B MSI
Fig.1 Functional diagram.
PINNING I0A, I1A, I2A, I3A I0B, I1B, I2B, I3B S0, S1 EA, EB OA, OB Fig.2 Pinning diagram. multiplexer inputs multiplexer inputs select inputs enable inputs (active LOW) multiplexer outputs
FAMILY DATA, IDD LIMITS category MSI See Family Specifications
HEF4539BP(N): HEF4539BD(F): HEF4539BT(D):
16-lead DIL; plastic (SOT38-1) 16-lead DIL; ceramic (cerdip) (SOT74) 16-lead SO; plastic (SOT109-1)
( ): Package Designator North America
January 1995
2
Philips Semiconductors
Product specification
Dual 4-input multiplexer
HEF4539B MSI
Fig.3 Logic diagram.
FUNCTION TABLE INPUTS S0 X L H L H S1 X L L H H En H L L L L OUTPUT On L I0 I1 I2 I3
Notes 1. H = HIGH state (the more positive voltage) L = LOW state (the less positive voltage) X = state is immaterial
January 1995
3
Philips Semiconductors
Product specification
Dual 4-input multiplexer
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays In On HIGH to LOW 5 10 15 5 LOW to HIGH Sn On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH En On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH Output transition times HIGH to LOW 10 15 5 10 15 5 LOW to HIGH 10 15 tTLH tTHL tPLH tPHL tPLH tPHL tPLH tPHL 120 45 30 120 50 35 165 65 40 155 60 40 100 40 30 100 40 30 60 30 20 60 30 20 240 90 60 245 100 65 330 125 80 310 120 80 200 80 55 200 80 55 120 60 40 120 60 40 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL MIN. TYP. MAX.
HEF4539B MSI
TYPICAL EXTRAPOLATION FORMULA 93 ns + (0,55 ns/pF) CL 34 ns + (0,23 ns/pF) CL 22 ns + (0,16 ns/pF) CL 93 ns + (0,55 ns/pF) CL 39 ns + (0,23 ns/pF) CL 27 ns + (0,16 ns/pF) CL 138 ns + (0,55 ns/pF) CL 54 ns + (0,23 ns/pF) CL 32 ns + (0,16 ns/pF) CL 128 ns + (0,55 ns/pF) CL 49 ns + (0,23 ns/pF) CL 32 ns + (0,16 ns/pF) CL 73 ns + (0,55 ns/pF) CL 29 ns + (0,23 ns/pF) CL 22 ns + (0,16 ns/pF) CL 73 ns + (0,55 ns/pF) CL 29 ns + (0,23 ns/pF) CL 22 ns + (0,16 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 700 fi + (foCL) x VDD2 2900 fi + (foCL) x 8100 fi + (foCL) x VDD2 VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
APPLICATION INFORMATION Some examples of applications for the HEF4539B are: January 1995 * Data selectors 4 * Data multiplexers


▲Up To Search▲   

 
Price & Availability of HEF4539B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X