Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download HCF4007UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC4007UB HCF4007UB
DUAL COMPLEMENTARY PAIR PLUS INVERTER
.STANDARDI .MEDI .QUI .I .100%TESTEDFORQUI .MEETSALLREQUI
ZED SYMMETRICAL OUTPUT CHARACTERISTICS UM SPEED OPERATION tPHL, tPLH = 30ns (typ.) AT 10V ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE NPUT CURRENT OF 100nA AT 18V AND 25oC FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD No 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Package)
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCC4007UBF HCF4007UBM1 HCF4007UBEY HCF4007UBC1
PIN CONNECTIONS
DESCRIPTION The HCC4007UB is a monolithic integrated circuit, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage. The HCC4007UB type is comprised of three n-channel and three p-channel enhancement type MOS transistors. The transistor elements are accessible through the package terminals to provide a convenient means for constructing the various typical circuits as shown in typical applications. More complex functions are possible using multiple packages. Numbers shown in parentheses indicate terminals that are connected together to form the varius configurations listed.
September 1988 1/14
HCC/HCF4007UB
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW
o o o
Top Tstg
C C C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
2/14
HCC/HCF4007UB
SCHEMATIC DIAGRAM (showing input, output and parasitic diodes)
v COS/MOS OUTPUT PROTECTION NETWORK BETWEEN TERMINAL NOS. 1, 2, 4, 5, 8, 9, 11, 12, 13, AND THE CORRESPONDING DRAINS AND/OR SOURCES p COS/MOS INPUT PROTECTION NETWORK PARASITIC AND NETWORK COMPONENTS D1 = N+ TO P WELL D2 = P+ TO SUBSTRATE R1 = 1 - 5 K R2 = 15 - 30
3/14
HCC/HCF4007UB
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditios Symbol IL Parameter Quiescent Current VI (V) 0/5 HCC Types 0/10 0/15 0/20 HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current 0/5 HCC Types 0/5 0/10 0/15 0/5 HCF Types 0/5 0/10 0/15 IOL Output Sink Current HCC Types HCF Types IIH, IIL Input Leakage Current HCC Types HCF Types Input Capacitance 0/5 0/10 0/15 0/5 0/10 0/15 0/18 Any Input 0/15 Any Input 15 0.3 10 5
-5
Value TLOW * Min. Max. 0.25 0.5 1 5 1 2 4 4.95 9.95 14.95 0.05 0.05 0.05 4 8 12.5 1 2 2.5 -2 -0.64 -1.6 -4.2 -1.53 -0.52 -1.3 -3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 -1.6 -0.51 -1.3 -3.4 -1.36 -0.44 -1.1 -3.0 0.51 1.3 3.4 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 -3.2 -1 -2.6 -6.8 1 2.6 6.8 1 2.6 6.8 10-5 0.1 0.3 7.5 4 8 12.5 1 2 2.5 -1.15 -0.36 -0.9 -2.4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 pF A mA mA 4.95 9.95 14.95 0.05 0.05 0.05 4 8 12.5 1 2 2.5 V V 25 oC Min. Typ. Max. 0.01 0.01 0.01 0.02 0.01 0.01 0.01 0.25 0.5 1 5 1 2 4 4.95 9.95 14.95 0.05 0.05 0.05 V V THIGH * Min. Max. 7.5 15 30 150 7.5 15 30 A Unit
VO (V)
|IO| VDD (A) (V) 5 10 15 20 5 10 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18
0/5 0/10 0/15 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5
VOL
VIH
V IL
IOH
CI
* TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
4/14
HCC/HCF4007UB
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPLH tPHL tTLH tTHL Parameter Propagation Delay Time Test Conditions VDD (V) 5 10 15 Transition Time 5 10 15 Min. Value Typ. 55 30 25 100 50 40 Max. 110 60 50 200 100 80 ns ns Unit
Minimum and Maximum Voltage Transfer Characterisctics for Inverter and test Circuit
Typical Current and Voltage Transfer Characteristics for Inverter and Test Circuit
5/14
HCC/HCF4007UB
Typical Voltage Transfer Characteristics for NAND Gate and Test Circuit
Typical Voltage Transfer Characteristics for NOR Gate and Test Circuit
Typical Output Low (Sink) Current Caracteristics
Minimum Output Low (Sink) Current Characteristics
6/14
HCC/HCF4007UB
Typical Output High (Source) Current Characteristics Minimum Output High (Sourrce) Current Characteristics
Typical Voltage Transfer Characteristics as a Function of Temperature
Typical Propagation Delay Time vs. Load Capacitance
Typical Transition Time vs. Load Capacitance
Typical Dissipatio Per Gate vs. Frequency Characteristics
7/14
HCC/HCF4007UB
TYPICAL APPLICATIONS (Sample COS/MOS logic circuit arrangements using type 4007UB) Triple Inverters: (14, 2, 11); (8, 13); (1, 5); (4, 7, 9). 3-Input NOR Gate: (13, 2); (1, 11); (12, 5, 8); (4, 7, 9).
3-Input NAND Gate: (1, 12, 13); (2, 14, 11); (4, 8); (5, 9).
High Sink Current Driver: (6, 3, 10); (8, 5, 12); (11, 14); (4, 7, 9).
High Source Current Driver: (6, 3, 10); (13, 1, 12); (14, 2, 11); (7, 9).
High Sink and Source Current Driver: (6, 3, 10); (14, 2, 11); (7, 4, 9); (13, 8, 1, 5, 12).
8/14
HCC/HCF4007UB
Dual Bidirectional Trasmission Gating: (1, 5, 12); (2, 9); (11, 4); (8, 13, 10); (6, 3).
TEST CIRCUIT Quiescent Device Current. Input Voltage.
Input Leakage Current.
9/14
HCC/HCF4007UB
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
10/14
HCC/HCF4007UB
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
11/14
HCC/HCF4007UB
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
12/14
HCC/HCF4007UB
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
13/14
HCC/HCF4007UB
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
14/14


▲Up To Search▲   

 
Price & Availability of HCF4007UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X