Part Number Hot Search : 
HEF4737B LTI202FP P6KE350A M21424 LTI202FP SF1197B 1203S PM913
Product Description
Full Text Search
 

To Download FDS7766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS7766
March 2003
FDS7766
30V N-Channel PowerTrench MOSFET
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for "low side" synchronous rectifier operation, providing an extremely low RDS(ON) in a small package.
Features
* 17 A, 30 V RDS(ON) = 5 m @ VGS = 10 V RDS(ON) = 6 m @ VGS = 4.5 V
* High performance trench technology for extremely low RDS(ON) * High power and current handling capability * Fast switching
Applications
* Synchronous rectifier * DC/DC converter
D D
D
D
5 6 4 3 2 1
SO-8
S
S
S
G
7 8
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
30 16
(Note 1a)
Units
V V A W
17 60 2.5 1.2 1.0 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
TJ, TSTG
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJA RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1c) (Note 1)
50 125 25
C/W C/W C/W
Package Marking and Ordering Information
Device Marking FDS7766 Device FDS7766 Reel Size 13'' Tape width 12mm Quantity 2500 units
2003 Fairchild Semiconductor Corporation
FDS7766 Rev E (W)
FDS7766
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage, Forward Gate-Body Leakage, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 24 V, VGS = 0 V VGS = 16 V, VDS = 0 V VGS = -16 V, VDS = 0 V VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25C VGS = 10 V, VGS = 4.5 V, VGS = 10 V, VGS = 10 V, ID = 17 A ID = 15.5 A ID = 17 A, TJ = 125C VDS = 5 V
Min
30
Typ
Max Units
V
Off Characteristics
24 1 100 -100 mV/C A nA nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
1
1.5 -4.3 4.2 4.7 5.7
3
V mV/C
5.0 6.0 7.2
m
ID(on) gFS
30 116
A S
VDS = 10 V, ID = 17 A
Dynamic Characteristics
Ciss Coss Crss RG Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
(Note 2)
VDS = 15 V, V GS = 0 V, f = 1.0 MHz VGS = 15 mV, f = 1.0 MHz
4973 826 341 1.2
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = 15 V, ID = 1 A, VGS = 10 V, RGEN = 6
12 8 85 25
22 16 136 40 69
ns ns ns ns nC nC nC
VDS = 15 V, ID = 17 A, VGS = 5.0 V
43 13 11
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward VGS = 0 V, IS = 2.5 A Voltage 2.5
(Note 2)
A V
0.7
1.2
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) 50C/W when mounted on a 1in2 pad of 2 oz copper
b) 105C/W when mounted on a .04 in2 pad of 2 oz copper
c) 125C/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDS7766 Rev E (W)
FDS7766
Typical Characteristics
60 VGS = 10V 50 ID, DRAIN CURRENT (A) 40 30 20 10 0 0 0.25 0.5 0.75 1 1.25 VDS, DRAIN TO SOURCE VOLTAGE (V) 2.5V 4.5V 3.0V
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 2.2
3.5V
2 1.8 1.6 1.4 1.2 1 0.8 0 10 20 30 40 50 60 ID, DIRAIN CURRENT (A) 3.5V 4.0V 4.5V 6.0V 10V VGS = 3.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.014 ID = 8.5A RDS(ON), ON-RESISTANCE (OHM)
1.8 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.6 1.4 1.2 1 0.8 0.6 -50 -25 0 25 50 75 100
o
ID = 17A VGS = 10V
0.012 0.01 0.008 TA = 125oC 0.006 0.004 TA = 25oC 0.002 0
125
150
175
2
4
6
8
10
TJ, JUNCTION TEMPERATURE ( C)
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation withTemperature.
60
IS, REVERSE DRAIN CURRENT (A)
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100
VDS = 5.0V 50 ID, DRAIN CURRENT (A) 40 30 TA = 125oC 20 25oC 10 -55oC 0 1.5 2 2.5 3 VGS, GATE TO SOURCE VOLTAGE (V)
VGS = 0V 10 TA = 125oC 1 25oC 0.1 -55oC 0.01 0.001 0.0001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDS7766 Rev E (W)
FDS7766
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V) ID = 17A 8
CAPACITANCE (pF) 6400
VDS = 5V
10V 15V
5600 CISS 4800 4000 3200 2400 1600 800 CRSS COSS
f = 1 MHz VGS = 0 V
6
4
2
0 0 10 20 30 40 50 60 70 80 90 Qg, GATE CHARGE (nC)
0 0 6 12 18 24 30 VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 100s ID, DRAIN CURRENT (A) RDS(ON) LIMIT 1ms 10ms 100ms 1s 1 DC 0.1 VGS = 10V SINGLE PULSE RJA = 125oC/W TA = 25oC 0.01 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V) 10s P(pk), PEAK TRANSIENT POWER (W) 50
Figure 8. Capacitance Characteristics.
40
10
SINGLE PULSE RJA = 125C/W TA = 25C
30
20
10
0 0.001
0.01
0.1
1
10
100
t1, TIME (sec)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
RJA(t) = r(t) * RJA RJA = 125 C/W P(pk) t1 t2
SINGLE PULSE
o
0.1
0.1 0.05 0.02 0.01
0.01
T J - T A = P * RJA(t) Duty Cycle, D = t1 / t2
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
FDS7766 Rev E (W)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx FACT ActiveArray FACT Quiet Series Bottomless FASTa CoolFET FASTr CROSSVOLT FRFET DOME GlobalOptoisolator EcoSPARK GTO E2CMOSTM HiSeC EnSignaTM I2C Across the board. Around the world. The Power Franchise Programmable Active Droop
DISCLAIMER
ImpliedDisconnect PACMAN POP ISOPLANAR Power247 LittleFET PowerTrencha MicroFET QFET MicroPak QS MICROWIRE QT Optoelectronics MSX Quiet Series MSXPro RapidConfigure OCX RapidConnect OCXPro SILENT SWITCHERa OPTOLOGICa SMART START OPTOPLANAR
SPM Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogica TruTranslation UHC UltraFETa VCX
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I2


▲Up To Search▲   

 
Price & Availability of FDS7766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X