Part Number Hot Search : 
28F160 100H64 STM323 LA6565VR 2SA2044 SI3000 K1213 2SDXX
Product Description
Full Text Search
 

To Download F10920FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type :
F10P20FR
OUTLINE DRAWING
FEATURES
* Fully Molded Isolation * Dual Diodes - Anode Common * Ultra - Fast Recovery * Low Forward Voltage Drop * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 80 10
Approx Net Weight:1.75g F10P20FR 200 220 50 Hz,Full Sine Wave Tc=117C Resistive Load 11.1 50 Hz Full Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V V A A A C C N*m
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. Unit 20 0.98 35 3 1.5 A V ns C/W Tj=25C,VRM=VRRM per Arm Tj=25C, IFM=5A per Arm IFM= 5 A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case Rth(c-f) Case to Fin
F10P20FR OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of F10920FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X