Part Number Hot Search : 
BZT5268 BX6210 FMBT1015 2SK48 SK1303DT LX2208 0402B 167355
Product Description
Full Text Search
 

To Download EGL34B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYM07-50 THRU BYM07-400 EGL34A THRU EGL34G
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 400 Volts
* D
DO-213AA
SOLDERABLE ENDS 1st BAND 2nd BAND
Forward Current - 0.5 Ampere
FEATURES
E
D2
D1= 0.066 0.060 (1.676) (1.524)
0.022 (0.559) 0.016 (0.406) 0.145 (3.683) 0.131(3.327) 1st band denotes type and polarity 2cnd band denotes voltage type D2 = D1 + 0 - 0.008 (0.20)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Capable of meeting environmental standards of MIL-S-19500 For surface mount applications High temperature metallurgically bonded construction Glass passivated cavity-free junction Fast switching for high efficiency High temperature soldering guaranteed: 450C/5 seconds at terminals. Complete device submersible temperature of 260C for 10 seconds in solder bath
P A T
E
N
T
MECHANICAL DATA
Case: JEDEC DO-213AA molded plastic over glass body Terminals: Plated terminals, solderable per MIL-STD-750, Method 2026 Polarity: Two bands indicate cathode end -1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating Mounting Position: Any Weight: 0.0014 ounce, 0.036 gram
Dimensions in inches and (millimeters) *Glass-plastic encapsulation is covered by Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306
(R)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
BYM07 -50
EGL34A GRAY
BYM07 -100
EGL34B RED
BYM07 -150
EGL34C PINK
BYM07 -200
EGL34D ORANGE
BYM07 -300
BYM07 -400
UNITS
Fast efficient device: 1st band is Green Polarity color bands (2nd Band) Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TT=75C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 0.5A Maximum DC reverse current at rated DC blocking voltage Maximum full load reverse current, full cycle average at TA=55C Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Maximum thermal resistance (NOTE 3)
(NOTE 4)
EGL34F EGL34G BROWN YELLOW
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) trr CJ RJA RJT TJ, TSTG
50 35 50
100 70 100
150 105 150 0.5
200 140 200
300 210 300
400 280 400
Volts Volts Volts Amp Amps
10.0 1.25 5.0 50.0 50.0 50.0 7.0 150.0 70.0 -65 to +175 1.35
Volts A A ns pF C/W C
TA=25C TA=125C
Operating junction and storage temperature range
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal (4) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0mm) copper pads to each terminal
4/98
RATINGS AND CHARACTERISTIC CURVES BYM07-50 THRU BYM07-400 / EGL34A THRU EGL34G
FIG. 1 - FORWARD CURRENT DERATING CURVE FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
0.5
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
12 10 8.0 6.0 4.0 2.0 0
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
150
175
1
10
NUMBER OF CYCLES AT 60 HZ
100
TERMINAL TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
50
PULSE WIDTH=300s 1% DUTY CYCLE
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
10
TJ=150C
TJ=150C
1
TJ=25C
1
TJ=125C
0.1
TJ=75C
0.1
EGL34A - EGL34D EGL34F & EGL34G
0.01
0.01 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.001 0
TJ=25C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
35
JUNCTION CAPACITANCE, pF
100
TRANSIENT THERMAL IMPEDANCE, C/W
TJ=25C f=1.0 MHZ Vsig=50mVp-p
30 25 20 15 10 5 0 0.1
10
1
1
10
100
0.1 0.01
0.1
t, PULSE DURATION, sec.
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of EGL34B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X