Part Number Hot Search : 
000M18X3 MCZ3397 32900 SN67D07 STP40NF 1500W 1N3288 MAX4210
Product Description
Full Text Search
 

To Download EC11FS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type
:
EC11FS2
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * Ultra-Fast Recovery * Low Forward Voltage Drop * Low Power Loss, High Efficiency * High Surge Capability * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 20 0.81 1.0
EC11FS2
200 220 Ta=25C *1 Ta=34C *2 50Hz Half Sine Wave Resistive Load
Unit V V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Symbol IRM VFM trr Conditions Min. Typ. Max. 10 0.98 30 157 108 Unit A V ns C /W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A IFM= 1A, -di/dt= 50A/s, Ta= 25C *1 Thermal Resistance Rth(j-a) Junction to Ambient *2 *1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides) *2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
EC11FS2 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of EC11FS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X