Part Number Hot Search : 
STE471Y SC547 2SC6045G GP602 400VDC NTD80N02 RP100X 2SC6045G
Product Description
Full Text Search
 

To Download DTC115EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
DTC115EM / DTC115EE / DTC115EUA DTC115EKA / DTC115ESA
Digital transistors (built-in resistors)
DTC115EM / DTC115EE / DTC115EUA DTC115EKA / DTC115ESA
!Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input, and parasitic effects are almost completely eliminated. 3) Only the on/off conditions need to be set for operation, making device design easy. 4) Higher mounting densities can be achieved. !Equivalent circuit
R1 R2
IN
OUT
GND IN GND OUT
!Structure NPN digital transistor (with built-in resistors)
!External dimensions (Units : mm)
DTC115EM
0.2
1.2 0.32
DTC115EE
1.2 0.8
(2) (3) (1)
1.60.2 1.00.1
0.2
0.4 0.4 0.8
+0.1 0.2-0.05 (1)
0.5 0.5
+0.1 0.2-0.05
0.80.1 1.60.2
0.70.1 0.550.1
0.5
0.22
(2)
0~0.1
0.13 0~0.1
0.15Max.
ROHM : VMT3
ROHM : EMT3
+0.1 0.3 -0.05
0.150.05
Abbreviated symbol : 29 Abbreviated symbol : 29
DTC115EUA
2.00.2 1.30.1 0.65 0.65 (1) (2)
1.250.1 2.10.1
DTC115EKA
0.90.1 0.2 0.70.1 (1) 0~0.1
2.90.2 1.90.2 0.95 0.95 (2)
1.6+0.2 -0.1 2.80.2
1.1+0.2 -0.1 0.80.1
0.1Min.
(1) IN (2) GND (3) OUT
(3)
(1) GND (2) IN (3) OUT
0~0.1
(3)
ROHM : UMT3 EIAJ : SC-70
Abbreviated symbol : 29
(1) GND (2) IN (3) OUT
0.3Min.
0.3+0.1 0.150.05 -0 All terminals have same dimensions
0.1Min.
(3) +0.1 0.15 -0.06 0.4 +0.1 -0.05 All terminals have same dimensions
ROHM : SMT3 EIAJ : SC-59
(1) GND (2) IN (3) OUT
Abbreviated symbol : 29
DTC115ESA
30.2
40.2
20.2
(15Min.)
0.45+0.15 -0.05
3Min.
5
2.5 +0.4 -0.1
0.5
0.45 +0.15 -0.05
ROHM : SPT EIAJ : SC-72
(1) (2) (3)
(1) GND (2) OUT (3) IN
Transistors
!Absolute maximum ratings (Ta=25C)
Parameter Supply voltage Input voltage Output current DTC115EM / DTC115EE Power dissipation DTC115EUA / DTC115EKA DTC115ESA Tj Tstg Pd Symbol VCC VI IO IC(Max.)
DTC115EM / DTC115EE / DTC115EUA DTC115EKA / DTC115ESA
Limits 50 -10~+40 20 100 150 200 300 150 -55~+150 Unit V V mA
mW C C
Junction temperature Storage temperature
!Electrical characteristics (Ta=25C)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. - 3 - - - 82 70 0.8 - Typ. - - 0.1 - - - 100 1 250 Max. 0.5 - 0.3 0.15 0.5 - 130 1.2 - Unit V V mA A - k - MHz VCC=5V, IO=100A VO=0.3V, IO=1mA IO=5mA, II=0.25mA VI=5V VCC=50V, VI=0V IO=5mA, VO=5V - - VCE=10V, IE=-5mA, f=100MHz Conditions
Transition frequency
Transition frequency of the device.
!Package, marking, and packaging specifications
Type DTC115EM DTC115EE DTC115EUA DTC115EKA DTC115ESA
Package Marking Packaging code Basic ordering unit (pieces)
VMT3 29 T2L 8000
EMT3 29 TL 3000
UMT3 29 T106 3000
SMT3 29 T146 3000
SPT - TP 5000
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of DTC115EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X