Part Number Hot Search : 
MCS7840 SN100 T111A1 SMA12A A1212 FF0550L E330M T111A1
Product Description
Full Text Search
 

To Download DS1205V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1205V
DS1205V MultiKey
FEATURES
PIN ASSIGNMENT
* Three
each
secure read/write data partitions of 384 bits
* 64-bit security match and I.D. fields provide positive
identification and security for each secure data partition
DALLAS
DS1205V MULTIKEY
* One non-secure read/write partition of 512 bits * Electrical tampering is met with seemingly valid, yet
false, responses SIDE
* Secure data cannot be deciphered by reverse engineering
1 5
* Access via Dallas 3-Wire Interface * Applications include software authorization, configuration management, and systems access control
BOTTOM: PIN VIEW 1.0 IN
See Mech. Drawings Section
DESCRIPTION
The DS1205V MultiKey has three, 384-bit read/write data partitions, each protected by its own 64-bit I.D. and security match fields. The security match field, programmed by the customer, can never be read from the DS1205V. An additional security feature, the Intelligent Response generator, uses invalid security match codes as the "seed" to trigger seemingly valid, yet false responses to electronic attack. Communication with the DS1205V is via the Dallas 3-Wire Interface (Data, Clock, Reset). These signals are under host software control. The DS1205V MultiKey is designed to be plugged into a standard 5-pin, 0.1 inch-center SIP receptacle. A guide is provided to insure proper alignment with the receptacle. System designers can use the DS1205V to insure that their valuable firmware can only by run when a valid key is present. The MultiKey can also contain data on system configurations and upgrade options. Designers may choose to allow maintenance or diagnostic routines to be run only by an authorized key holder. See the DS1205S MultiKey Chip data sheet for implementation details.
021798 1/1


▲Up To Search▲   

 
Price & Availability of DS1205V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X