|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN Super Fast Recovery Rectifiers Single D1FL40 400V 0.8A FEATURES SMT *oe Low noise *oe trr50ns APPLICATION *oe Switching power supply *oe DC/DC converter *oe Free Wheel *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation *oe Small OUTLINE DIMENSIONS Case : 1F Unit : mm RATINGS *oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Storage Temperature Tstg -55*150 Operating Junction Temperature Tj 150 Maximum Reverse Voltage VRM 400 Average Rectified Forward Current 50Hz sine wave, R-load, Ta=25*Z On alumina substrate IO 0.8 50Hz sine wave, R-load, Ta=25*Z On glass-epoxy substrate 0.6 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 25 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage VF IF =0.8A, Pulse measurement Reverse Current IR V=V , Pulse measurement R RM Reverse Recovery Time trr IF =0.5A, R I =1A AEjl junction to lead Thermal Resistance AEja junction to ambient, On alumina substrate junction to ambient, On glass-epoxy substrate Unit *Z *Z V A A Ratings Unit Max.1.3 V Max.10 EA Max.50 ns Max.23 Max.108 *Z/W Max.157 Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd D1FL40 10 Forward Voltage 1 Forward Current IF [A] Tl=150C [MAX] Tl=150C [TYP] Tl=25C [MAX] Tl=25C [TYP] 0.1 Pulse measurement per diode 0.01 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 Forward Voltage VF [V] D1FL40 1.6 1.4 Forward Power Dissipation DC D=0.8 0.5 Forward Power Dissipation PF [W] 1.2 0.3 1 0.8 0.6 0.4 0.2 0 0.1 0.05 0.2 SIN 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Average Rectified Forward Current IO [A] Tj = Tjmax IO 0 tp D=tp /T T D1FL40 1.6 Derating Curve Average Rectified Forward Current IO [A] 1.4 1.2 1 0.5 0.8 0.6 0.4 0.2 0 SIN 0.3 0.2 0.1 0.05 DC D=0.8 Alumina substrate Soldering land 2mm Conductor layer 20m Substrate thickness 0.64mm 0 20 40 60 80 100 120 140 160 Ambient Temperature Ta [C] VR = VRM IO 0 0 VR tp D=tp /T T D1FL40 1 Derating Curve Average Rectified Forward Current IO [A] DC 0.8 0.5 0.6 SIN 0.3 0.2 0.4 0.1 0.05 0.2 D=0.8 Glass-epoxy substrate Soldering land 2mm Conductor layer 35m 0 0 20 40 60 80 100 120 140 160 Ambient Temperature Ta [C] VR = VRM IO 0 0 VR tp D=tp /T T D1FL40 35 Peak Surge Forward Capability IFSM 10ms 10ms 30 1 cycle Peak Surge Forward Current IFSM [A] non-repetitive, sine wave, Tj=25C before surge current is applied 25 20 15 10 5 0 1 2 5 10 20 50 100 Number of Cycles [cycles] D1FL40 Junction Capacitance 100 f=1MHz Tl=25C TYP per diode Junction Capacitance Cj [pF] 10 1 10 1 100 Reverse Voltage VR [V] |
Price & Availability of D1FL40 |