Part Number Hot Search : 
89C51 SB520 0K022 121AS GR40N60 U15A50 CXA1332M HD6433
Product Description
Full Text Search
 

To Download CMPTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPTA42 NPN CMPTA92 PNP SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPTA42, CMPTA92 types are complementary surface mount epoxy molded silicon planar epitaxial transistors designed for high voltage applications. MARKING CODE: CMPTA42: C1D CMPTA92: C2D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA CMPTA42 300 300 6.0 500 350 -65 to +150 357 CMPTA92 300 300 5.0 UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMPTA42 SYMBOL TEST CONDITIONS MIN MAX ICBO IEBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VBE(SAT) hFE hFE hFE fT Cob VCB=200V VBE=6.0V VBE=3.0V IC=100A IC=1.0mA IE=100A IC=20mA, IB=2.0mA IC=20mA, IB=2.0mA VCE=10V, IC=1.0mA VCE=10V, IC=10mA VCE=10V, IC=30mA VCE=20V, IC=10mA, f=100MHz VCB=20V, IE=0, f=1.0MHz 300 300 6.0 0.5 0.9 25 40 40 50 6.0 100 100 -
CMPTA92 MIN MAX 250 100 300 300 5.0 0.5 0.9 25 40 25 50 6.0
UNITS nA nA nA V V V V V
MHz pF
R5 (6-May 2004)
Central
TM
Semiconductor Corp.
CMPTA42 NPN CMPTA92 PNP SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR MARKING CODE: CMPTA42: C1D CMPTA92: C2D
R5 (6-May 2004)


▲Up To Search▲   

 
Price & Availability of CMPTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X