![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CD41__99A, CS41__99A CN41__99A, CC41__99A Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts TM OUTLINE DRAWING A C F G H T 2 3 Description: Powerex Dual Diode & Single Diode Modules are designed for use in applications requiring rectification and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. CD41__99A, CS41__99A CN41__99A, CC41__99A Dual & Single Diode Isolated TM POW-R-BLOK Module 100 Amperes / Up to 1600 Volts B 1 "U" THREAD R D M LABEL N P Features: T T T T Electrically Isolated Heatsinking DBC Alumina (Al2O3) Insulator Copper Baseplate Low Thermal Impedance for Improved Current Capability T UL Recognized (E78240) CD41 1 ~ 2 -3 -3 + CC41 CN41 CS41 1 + 1 1 + -2 + 2 Benefits: Ordering Information: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time 3 - + 2 CONNECTION DIAGRAMS Outline Dimensions Dimension A B C D F G H M N P R T U Inches 3.62 0.83 3.15 1.18 0.59 0.79 0.79 1.14 0.25 0.94 0.71 0.25 M5 Millimeters 92 21 80 30 15 20 20 29 6.3 24 18 6.3 M5 Select the complete nine digit module part number from the table below. Example: CD411699A is a 1600 Volt, 100 Ampere Dual Diode Isolated TM POW-R-BLOK Module Applications: Type CD41 CN41 CC41 CS41 Voltage Volts (x100) 08 12 16 Current Amperes (x1) 99 (100A) T T T T T T T T Power Supplies Bridge Circuits AC & DC Motor Drives Battery Supplies Large IGBT Circuit Front Ends Lighting Control Heat & Temperature Control Welders Note: Dimensions are for reference only. Revision Date: 01/26/2002 CD41__99A, CS41__99A CN41__99A, CC41__99A Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts TM Absolute Maximum Ratings Characteristics Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive Conditions Symbol VRRM VRSM up to 1600 VRRM + 100 Units V V DC Conduction, TC=90C 180 Conduction, TC=100C 60 Hz, 100% VRRM reapplied, TJ = 150C 60 Hz, No VRRM reapplied, TJ = 150C 50 Hz, 100% VRRM reapplied, TJ = 150C 50 Hz, No VRRM reapplied, TJ = 150C 60 Hz, 100% VRRM reapplied, TJ = 150C 50 Hz, 100% VRRM reapplied, TJ = 150C 60 Hz, 100% VRRM reapplied, TJ = 150C 50 Hz, 100% VRRM reapplied, TJ = 150C 8.3 ms, 100% VRRM reapplied, TJ = 150C 8.3 ms, No VRRM reapplied, TJ = 150C 10 ms, 100% VRRM reapplied, TJ = 150C 10 ms, No VRRM reapplied, TJ = 150C IF(RMS) IF(AV) IFSM IFSM IFSM IFSM IFSM IFSM IFSM IFSM It 2 It 2 It 2 It TJ Tstg 2 157 100 1,780 2,110 1,700 2,020 1,310 1,250 940 900 13,190 18,650 14,450 20,430 -40 to +150 -40 to +150 25 3 44 5 110 3.88 2 A A A A A A A A A A A sec 2 A sec 2 A sec 2 A sec C C in. - Lb. Nm in. - Lb. Nm g Oz V Peak Three Cycle Surge Current, Non-Repetitive Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle 2 Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw on Terminals Max. Mounting Torque, Module to Heatsink Module Weight, Typical V Isolation @ 25C Circuit To Base, All Terminals Shorted Together 50-60 Hz, 1 second Vrms 3500 Revision Date: 01/26/2002 CD41__99A, CS41__99A CN41__99A, CC41__99A Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts TM Electrical Characteristics, TJ=25C unless otherwise specified Characteristics Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Symbol IRRM VFM V(FO)1 rT1 Test Conditions Up to 1600V, TJ=150C TJ=25C, IFM=315A, 180 Conduction TJ = 150C, I = 16.7% x IF(AV) to IF(AV) Min. Max. 10 1.45 0.79 1.78 Units mA V V m Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range V(FO)2 rT2 TJ = 150C, I = IF(AV) to IFSM TJ = 150C, I = 15%IF(AV) to IFSM VTM = A+ B Ln I +C I + D Sqrt I A= B= C= D= 0.87 1.57 7.72E-01 1.22E-02 1.57E-03 -2.76E-05 V m Thermal Characteristics Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module, both conducting Per Junction, both conducting ZJ-C= K1 (1-exp(-t/1)) + K2 (1-exp(-t/2)) + K3 (1-exp(-t/3)) Thermal Resistance, Case to Sink Lubricated RC-S + K4 (1-exp(-t/4)) Per Module K1 = 9.82 E+1 K2 = -1.11 E+2 K3 = 1.32 E+1 K4 = 2.72 E-1 Max. 0.175 0.35 1 = 4.60 E-3 2 = 4.65 E-3 3 = 5.05 E-3 4 = 0.1398 0.1 C/W Units C/W C/W Revision Date: 01/26/2002 CD41__99A, CS41__99A CN41__99A, CC41__99A Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts TM Maximum On-State Forward Voltage Drop ( Tj = 150 C ) 3 Maximum Transient Thermal Impedance (Junction to Case) 0.40 0.35 2.5 On-State Voltage - Vfm - Volts Thermal Impedance - Rjc - C/W 10 100 1000 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.001 0.01 0.1 1 10 100 2 1.5 1 0.5 0 Instantaneous On-State Current - Ifm - Amperes Time - t - Seconds Maximum On-State Power Dissipation (Sinusoidal Waveform) 130 120 120 90 60 30 110 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Average On-State Current - If(av) - Amperes 0 180 360 Maximum Allowable Case Temperature (Sinusoidal Waveform) 150 145 Max. Power Dissipation Per Diode - Watts Max. Case Temperature - Tcase -C 180 140 135 130 125 120 115 110 105 100 0 10 20 30 40 50 60 70 80 90 100 30 60 90 120 180 0 180 360 CONDUCTION ANGLE CONDUCTION ANGLE Average On-State Current - If(av) - Amperes Maximum On-State Power Dissipation (Rectangular Waveform) 180 160 Max. Power Dissipation Per Diode - Watts Maximum Allowable Case Temperature (Rectangular Waveform) 360 270 180 150 145 140 120 100 30 80 60 40 0 Max. Case Temperature - Tcase -C 140 135 130 125 120 115 110 105 100 95 90 30 60 90 120 360 180 270 0 180 360 120 60 90 CONDUCTION ANGLE 20 0 0 20 40 60 80 100 CONDUCTION ANGLE 180 360 120 140 160 0 20 40 60 80 100 120 140 160 Average On-State Current - If(av) - Amperes Average On-State Current - If(av) - Amperes Revision Date: 01/26/2002 |
Price & Availability of CC410899
![]() |