|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET BF820W; BF822W NPN high-voltage transistors Product specification Supersedes data of 1997 Jun 19 File under Discrete Semiconductors, SC04 1997 Sep 03 Philips Semiconductors Product specification NPN high-voltage transistors FEATURES * Low current (max. 50 mA) * High voltage (max. 300 V). APPLICATIONS * Telephony and professional communication equipment. DESCRIPTION NPN high-voltage transistor in a SOT323 plastic package. MARKING TYPE NUMBER BF820W BF822W MARKING CODE 1Vt 1Wt 1 Top view 3 BF820W; BF822W PINNING PIN 1 2 3 base emitter collector DESCRIPTION handbook, halfpage 3 1 2 2 MAM062 Fig.1 Simplified outline (SOT323) and symbol. QUICK REFERENCE DATA SYMBOL VCBO PARAMETER collector-base voltage BF820W BF822W VCEO collector-emitter voltage BF820W BF822W ICM Ptot hFE Cre fT peak collector current total power dissipation DC current gain feedback capacitance transition frequency Tamb 25 C IC = 25 mA; VCE = 20 V IC = ic = 0; VCB = 30 V; f = 1 MHz IC = 10 mA; VCE = 10 V; f = 100 MHz open base - - - - 50 - 60 300 250 100 200 - 1.6 - pF MHz V V mA mW open emitter - - 300 250 V V CONDITIONS MIN. MAX. UNIT 1997 Sep 03 2 Philips Semiconductors Product specification NPN high-voltage transistors LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO BF820W BF822W VCEO collector-emitter voltage BF820W BF822W VEBO IC ICM IBM Ptot Tstg Tj Tamb Note 1. Transistor mounted on an FR4 printed-circuit board. emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 open collector open base PARAMETER collector-base voltage CONDITIONS open emitter BF820W; BF822W MIN. - - - - - - - - - -65 - -65 MAX. 300 250 300 250 5 50 100 50 200 +150 150 +150 UNIT V V V V V mA mA mA mW C C C THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Transistor mounted on an FR4 printed-circuit board. PARAMETER thermal resistance from junction to ambient note 1 CONDITIONS VALUE 625 UNIT K/W CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE VCEsat Cre fT Note 1. Pulse test: tp 300 s; 0.02. PARAMETER collector cut-off current emitter cut-off current DC current gain collector-emitter saturation voltage feedback capacitance transition frequency CONDITIONS IE = 0; VCB = 200 V IE = 0; VCB = 200 V; Tj = 150 C IC = 0; VEB = 5 V IC = 25 mA; VCE = 20 V IC = 30 mA; IB = 5mA; note 1 IC = ic = 0; VCB = 30 V; f = 1 MHz IC = 10 mA; VCE = 10 V; f = 100 MHz - - - 50 - - 60 MIN. MAX. 10 10 50 - 600 1.6 - mV pF MHz UNIT nA A nA 1997 Sep 03 3 Philips Semiconductors Product specification NPN high-voltage transistors PACKAGE OUTLINE Plastic surface mounted package; 3 leads BF820W; BF822W SOT323 D B E A X y HE vMA 3 Q A A1 c 1 e1 e bp 2 wM B Lp detail X 0 1 scale 2 mm DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.4 0.3 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.23 0.13 v 0.2 w 0.2 OUTLINE VERSION SOT323 REFERENCES IEC JEDEC EIAJ SC-70 EUROPEAN PROJECTION ISSUE DATE 97-02-28 1997 Sep 03 4 Philips Semiconductors Product specification NPN high-voltage transistors DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values BF820W; BF822W This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1997 Sep 03 5 Philips Semiconductors Product specification NPN high-voltage transistors NOTES BF820W; BF822W 1997 Sep 03 6 Philips Semiconductors Product specification NPN high-voltage transistors NOTES BF820W; BF822W 1997 Sep 03 7 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997 Internet: http://www.semiconductors.philips.com SCA55 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 117047/00/03/pp8 Date of release: 1997 Sep 03 Document order number: 9397 750 02796 |
Price & Availability of BF820W |