Part Number Hot Search : 
UPC1943 90120 MMBT2 HVU300A MUR1660 DPS52 NTE61 1N5820
Product Description
Full Text Search
 

To Download BD910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BD909/911 BD910/912
COMPLEMENTARY SILICON POWER TRANSISTORS
s
STMicroelectronics PREFERRED SALESTYPES
DESCRIPTION The BD909 and BD911 are silicon Epitaxial-Base NPN power transistors mounted in Jedec TO-220 plastic package. They are intented for use in power linear and switching applications. The complementary PNP types are BD910 and BD912 respectively. TO-220
3 1 2
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CBO V CEO VEBO I E ,IC IB P tot Ts tg Tj Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (IB = 0) Emitter-Base Voltage (I C = 0) Collector Current Base Current T otal Dissipation at Tc 25 C Storage Temperature
o
Value BD909 BD910 80 80 5 15 5 90 -65 to 150 150 BD911 BD912 100 100
Un it
V V V A A W
o o
C C
Max. Operating Junction Temperature
For PNP types voltage and current values are negative.
October 1999
1/6
BD909 / BD910 / BD911 / BD912
THERMAL DATA
R thj -case Thermal Resistance Junction-case Max 1.4
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbo l I CBO Parameter Collector Cut-off Current (IE = 0) Test Con ditions for BD909/910 for BD911/912 T case = 150 oC for BD909/910 for BD911/912 for BD909/910 for BD911/912 V EB = 5 V I C = 100 mA for BD909/910 for BD911/912 I B = 0.5 A IB = 2.5 A IB = 2.5 A V CE = 4 V V CE = 4 V V CE = 4 V V CE = 4 V V CE = 4 V 40 15 5 3 80 100 1 3 2.5 1.5 250 150 MHz V CB = 80 V V CB = 100 V V CB = 80 V V CB = 100 V V CE = 40 V V CE = 50 V Min. T yp. Max. 500 500 5 5 1 1 1 Unit A A mA mA mA mA mA V V V V V V
I CEO IEBO
Collector Cut-off Current (IB = 0) Emitter Cut-off Current (I C = 0)
V CEO(s us) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE(sat) V BE h F E Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain
IC = 5 A I C = 10 A I C = 10 A IC = 5 A I C = 0.5 A IC = 5 A I C = 10 A I C = 0.5 A
fT
Transition frequency
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % For PNP types voltage and current values are negative.
Safe Operating Area
Derating Curves
2/6
BD909 / BD910 / BD911 / BD912
DC Current Gain (NPN type) DC Current Gain (PNP type)
DC Transconductance(NPN type)
DC Transconductance(PNP type)
Collector-Emitter Saturation Voltage (NPN type)
Collector-Emitter Saturation Voltage (PNP type)
3/6
BD909 / BD910 / BD911 / BD912
Base-Emitter Saturation Voltage (NPN type) Base-Emitter Saturation Voltage (PNP type)
Transition Frequency (NPN type)
Transition Frequency (PNP type)
4/6
BD909 / BD910 / BD911 / BD912
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
5/6
BD909 / BD910 / BD911 / BD912
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
6/6


▲Up To Search▲   

 
Price & Availability of BD910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X