Part Number Hot Search : 
THS4304 M51161 65003 106K0 LM385 BAM120 10011 MBR2515L
Product Description
Full Text Search
 

To Download BCW60A-AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
ISSUE 2 AUGUST 1995 PARTMARKING DETAILS BCW60A AA BCW60B AB BCW60C AC BCW60D AD COMPLEMENTARY TYPE BCW61 BCW60AR BCW60BR BCW60CR BCW60DR CR DR AR BR
BCW60
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC IB PTOT tj:tstg VALUE 32 32 5 200 50 330 -55 to +150
SOT23 UNIT V V V mA mA mW C
FOUR TERMINAL NETWORK DATA (Ic=2mA, VCE=5V, f=1kHz)
hFE Group A Min. h11e h12e h21e h22e 1.6 Typ. 2.7 1.5 200 18 30 Max. 4.5 hFE Group B Min. 2.5 Typ. 3.6 2 260 24 50 Max. 6.0 hFE Group C Min. 3.2 Typ. 4.5 2 330 30 60 Max. 8.5 hFE Group D Min. 4.5 Typ. 7.5 3 520 50 100
S
Max. 12 k 10-4
SWITCHING CIRCUIT
-VBB VCC(+10V)
R2
RL
1sec +10V tr < 5nsec Mark/Space ratio < 0.01 Zs=50 50
R1
tr < 5nsec Zin 100k Oscilloscope
PAGE NO
BCW60
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cut-off Current Emitter-Base Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base - Emitter Voltage SYMBOL V(BR)CEO V(BR)EBO ICES IEBO VCE(sat) VBE(SAT) VBE 0.60 0.70 0.55 0.12 0.20 0.70 0.83 0.52 0.65 0.78 78 170 145 250 220 350 300 500 250 8 4.5 2 6 MIN. 32 5 20 20 20 0.35 0.55 0.85 1.05 0.75 TYP. MAX. UNIT V V nA nA V V V V V V V CONDITIONS. IC=2mA IEBO =1A VCES =32V VCES =32V ,Tamb=150oC VEBO =4V IC=10mA, IB = 0.25mA IC= 50mA, IB =1.25mA IC=10mA, IB=0.25mA IC =50mA, IB=1.25mA IC=10A, VCE =5V IC=2mA, VCE =5V IC=50mA, VCE =1V IC=10A, VCE =5V IC=2mA, VCE =5V IC=50mA, VCE =1V IC=10A, VCE =5V IC=2mA, VCE =5V IC=50mA, VCE =1V IC=10A, VCE =5V IC=2mA, VCE =5V IC=50mA, VCE =1V IC=10A, VCE =5V IC=2mA, VCE =5V IC=50mA, VCE =1V MHz pF pF dB IC =10mA, VCE =5V f = 100MHz VEBO=0.5V, f =1MHz VCBO=10V, f =1MHz IC= 0.2mA, VCE = 5V RG =2K, f=1KH
f=200Hz
A
Static BCW60A Forward Current Transfer BCW60B Ratio BCW60C BCW60D
hFE
120 50 20 180 70 40 250 90 100 380 100
220
310
460
630
Transition Frequency Emitter-Base Capacitance Collector-Base Capacitance Noise Figure
fT Cebo Ccbo N
125
Switching times: Delay Time Rise Time Turn-on Time Storage Time Fall Time Turn-Off Time
td tr ton ts tf toff
35 50 85 400 80 480
150 800
ns ns ns ns ns ns
IC:IB1:- IB2 =10:1:1mA R1=5K, R2=5K VBB =3.6V, RL=990
*Measured under pulsed conditions. Pulse width=300s. Duty cycle Spice parameter data is available upon request for this device


▲Up To Search▲   

 
Price & Availability of BCW60A-AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X