Part Number Hot Search : 
DSH126C 74LVC1G0 DS4432U 2SK1195 GC10DH 30CPF10 00201 SK310
Product Description
Full Text Search
 

To Download BCR169U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR169U
PNP Silicon Digital Transistor Preliminary data Switching circuit, inverter, interface circuit, driver circuit Two ( galvanic) internal isolated Transistors with good matching in one package Built in bias resistor (R1 = 4.7k)
C1 6 B2 5 E2 4
5 6
4
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

3 2 1
VPW09197
R2 R1 TR1 R2 1 E1 2 B1 3 C2
EHA07174
TR2 R1
Type BCR169U
Maximum Ratings Parameter
Marking WSs
Pin Configuration Package 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 5 15 100 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 118 C Junction temperature Storage temperature
Thermal Resistance
mA mW C
Junction - soldering point 1)
RthJS
130
K/W
Dec-13-2001
BCR169U
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics typ. max.
Unit
Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 40 V, IE = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor
AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz
V(BR)CEO V(BR)CBO V(BR)EBO ICBO hFE VCEsat Vi(off) Vi(on) R1
50 50 5 120 0.4 0.5 3.2
4.7
100 630 0.3 0.8 1.1 6.2
V
nA V
k
fT Ccb
-
200 3
-
MHz pF
1) Pulse test: t < 300s; D < 2%
2
Dec-13-2001
BCR169U
DC Current Gain hFE = f (IC ) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (I C), hFE = 20
10 2
-
mA
hFE
10 2
10 1
10 1
IC
10 0 10 0 -1 10
0 1
10
10
mA
10
2
10 -1 0
0.1
0.2
0.3
0.4
V
0.55
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage Vi(off) = f (IC) VCE = 5V (common emitter configuration)
10 2
mA
mA
10 1
10 1
IC
IC
10 0 10 -1 -1 10
0 1
10 0
10 -1
10 -2
10
10
V
10
2
10 -3 0
1
2
3
V
5
Vi(on)
Vi(off)
3
Dec-13-2001
BCR169U
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
Ptotmax / PtotDC
10 2
RthJS
10 2
10 1
10 0
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Dec-13-2001


▲Up To Search▲   

 
Price & Availability of BCR169U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X