Part Number Hot Search : 
ZPD30 DEVICE 2SK1188 MBG3363K BFU520W 35479E3 JANSR2N TDA7437
Product Description
Full Text Search
 

To Download BCR169S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR 169S
PNP Silicon Digital Transistor Array * Switching circuit, inverter, interface circuit, driver circuit * Two (galvanic) internal isolated Transistors in one package * Built in bias resistor (R1=4.7k)
Type BCR 169S
Marking Ordering Code Pin Configuration WSs
Package
UPON INQUIRY 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT-363
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 115C Junction temperature Storage temperature Symbol Values 50 50 5 15 100 250 150 - 65 ... + 150 mA mW C Unit V
VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Thermal Resistance Junction ambient
1)
RthJA RthJS
275 140
K/W
Junction - soldering point
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Dec-18-1996
BCR 169S
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
50 4.7 -
V
IC = 100 A, IB = 0
Collector-base breakdown voltage
V(BR)CBO
50
IC = 10 A, IB = 0
Base-emitter breakdown voltage
V(BR)EBO
5
IE = 10 A, IC = 0
Collector cutoff current
ICBO
100
nA 120 630 V 0.3 0.8 1.1 6.2 k
VCB = 40 V, IE = 0
DC current gain
hFE VCEsat Vi(off)
0.4
IC = 5 mA, VCE = 5 V
Collector-emitter saturation voltage 1)
IC = 50 mA, IB = 2.5 mA
Input off voltage
IC = 100 A, VCE = 5 V
Input on Voltage
Vi(on)
0.5
IC = 2 mA, VCE = 0.3 V
Input resistor AC Characteristics Transition frequency
R1
3.2
fT
150 3 -
MHz pF -
IC = 10 mA, VCE = 5 V, f = 100 MHz
Collector-base capacitance
Ccb
VCB = 10 V, f = 1 MHz
1) Pulse test: t < 300s; D < 2%
Semiconductor Group
2
Dec-18-1996
BCR 169S
DC Current Gain hFE = f (IC) VCE = 5V (common emitter configuration)
Collector-Emitter Saturation Voltage VCEsat = f(IC), hFE = 20
10 3
10 2
-
mA
hFE
10 2
IC
10 1
10 1
10 0
10 0 -1 10
10
0
10
1
mA
IC
10 -1 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 V 0.50 V CEsat
Input on Voltage Vi(on) = f(IC) VCE = 0.3V (common emitter configuration)
Input off voltage Vi(off) = f(IC) VCE = 5V (common emitter configuration)
10 2
10 2 mA
mA
IC
10 1
IC
10 1
10 0
10 -1 10 0
10 -2
10 -1 -1 10
10
0
10
1
V
10 -3 0
1
2
3
V
5
V i(on)
V i(off)
Semiconductor Group
3
Dec-18-1996
BCR 169S
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy
300
mW
Ptot
200
TS
TA
150
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load Ptotmax / PtotDC = f(tp)
10 3
10 3
K/W -
RthJS
10 2
Ptotmax/PtotDC
10 2 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
4
Dec-18-1996


▲Up To Search▲   

 
Price & Availability of BCR169S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X