|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BAT 64-07W Silicon Schottky Diodes * For low-loss, fast-recovery, meter protection, bias isolation and clamping applications * Integrated diffused guard ring * Low forward voltage 3 4 2 1 VPS05605 ESD: Electrostatic discharge sensitive device, observe handling precaution! Type BAT 64-07W Marking Ordering Code 67s Q62702-A3470 Pin Configuration Package 1 = C1 2 = C2 3 = A2 4 = A1 SOT-343 Maximum Ratings Parameter Diode reverse voltage Forward current Average forward current (50/60Hz, sinus) Surge forward current (t< 100s) Total power dissipation, T S 104 C Junction temperature Storage temperature Symbol Value 40 250 120 800 250 150 -55...+150 mW C Unit V mA VR IF I FAV I FSM Ptot Tj T stg Thermal Resistance Junction - ambient 1) RthJA RthJS 455 185 K/W Junction - soldering point 1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm 2 Cu Semiconductor Group Semiconductor Group 11 Sep-07-1998 1998-11-01 BAT 64-07W Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter DC characteristics Reverse current Symbol min. Values typ. max. 2 200 mV 320 385 440 570 350 430 520 750 A Unit IR IR VF - VR = 30 V Reverse current VR = 30 V, TA = 85 C Forward voltage I F = 1 mA I F = 10 mA I F = 30 mA I F = 100 mA AC characteristics Diode capacitance CT - 4 6 pF VR = 1 V, f = 1 MHz Forward current IF = f (V F) Reverse current IR = f (VR) T A = Parameter BAT 64... EHB00057 TA = Parameter BAT 64... EHB00058 F 10 mA 2 R 1 10 2 A 10 1 TA = 125 C 10 85 C 10 0 TA = -40 25 85 125 C C C C 10 0 10 -1 25 C 10 -1 10 -2 10 -2 0 0.5 V 1 10 -3 0 10 20 V 30 VF VR Semiconductor Group Semiconductor Group 22 Sep-07-1998 1998-11-01 BAT 64-07W Forward current IF = f (TA*;TS) * Package mounted on epoxy 300 mA TS 200 IF TA 150 100 50 0 0 20 40 60 80 100 120 C 150 TA,TS Permissible Pulse Load R THJS = f(t p) Permissible Pulse Load IFmax/I FDC = f(t p) 10 3 K/W 10 2 IFmax / IFDC 10 2 - 10 1 10 1 10 0 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 RthJS 10 -1 -6 10 10 -5 10 -4 10 -3 10 -2 s 10 0 10 0 -6 10 10 -5 10 -4 10 -3 10 -2 s 10 0 tp tp Semiconductor Group Semiconductor Group 33 Sep-07-1998 1998-11-01 |
Price & Availability of BAT64-07W |