Part Number Hot Search : 
TPCC8106 NMR118C 100HS 11100 16IS752 000856 AHCGN SK14DG30
Product Description
Full Text Search
 

To Download BAT15-099R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Crossover Ring Quad Schottky Diode
q
BAT 15-099R
Low barrier diode for double balanced mixers, phase detectors and modulators
ESD: Electrostatic discharge sensitive device, observe handling precautions! Type Marking Ordering Code (tape and reel) Q62702-A0043 Pin Configuration Package1) SOT-143
BAT 15-099R S6
Maximum Ratings per Diode Parameter Forward current Power dissipation, TS 70 C Storage temperature range Operating temperature range Thermal Resistance per Diode Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol IF Ptot Tstg Top
Values 110 100 - 55 ... + 150
Unit mA mW
- 55 ... + 150 C
1020 780
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on alumina 15 mm x 16.7 mm to 0.7 mm.
Semiconductor Group
1
02.96
BAT 15-099R
Electrical Characteristics per Diode at TA = 25 C, unless otherwise specified. Parameter Forward voltage IF = 1 mA IF = 10 mA Forward voltage matching1) IF = 10 mA Diode capacitance VR = 0, f= 1 MHz Forward resistance IF = 10 mA / 50 mA Symbol min. VF - -
VF
Values typ. 0.23 0.32 - 0.38 5.5 max.
Unit V - - 20 - - mV pF
- - -
CT RF
Forward current IF = f (VF)
Forward current IF = f (TS; TA*) *Package mounted on alumina
1) VF
is the difference between the lowest and the highest VF in the component.
Semiconductor Group
2


▲Up To Search▲   

 
Price & Availability of BAT15-099R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X