Part Number Hot Search : 
W49F002U MT48LC3 2SD2385 MT48LC3 AAT250 3296X100 LU3802PB 1N5232B
Product Description
Full Text Search
 

To Download BAS70JW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70JW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY Features
* * * * Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection
A
NEW PRODUCT
SOT-363 Dim
BC
Min 0.10 1.15 2.00 0.30 1.80 1.80 3/4 0.90 0.25 0.10
Max 0.30 1.35 2.20 0.40 2.20 2.20 0.10 1.00 0.40 0.25
Mechanical Data
* * * * * Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Orientation: See Diagram Weight: 0.006 grams (approx.) Marking: K78
H K
A B C D
M
0.65 Nominal
E G H J K L M
J
D
C1
F
C2
L
(Jumper connection between middle pins)
A1
All Dimensions in mm
A2
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t < 1.0s IFSM Pd RqJA Tj TSTG Value 70 49 70 100 200 625 -55 to +125 -65 to +125 Unit V V mA mA mW K/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Maximum Forward Voltage Maximum Peak Reverse Current Junction Capacitance Reverse Recovery Time Notes:
@ TA = 25C unless otherwise specified Symbol VFM IRM Cj trr Min 3/4 3/4 3/4 3/4 Max 410 1000 100 2.0 5.0 Unit mV mV nA pF ns Test Condition tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100W
1. Valid Provided that terminals are kept at ambient temperature.
DS30188 Rev. E-2
1 of 1
BAS70JW


▲Up To Search▲   

 
Price & Availability of BAS70JW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X